Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM2912A Datasheet(PDF) 9 Page - Texas Instruments

Part # PCM2912A
Description  Audio Codec With USB Interface
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2912A Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCM2912A_15 Datasheet HTML 5Page - Texas Instruments PCM2912A_15 Datasheet HTML 6Page - Texas Instruments PCM2912A_15 Datasheet HTML 7Page - Texas Instruments PCM2912A_15 Datasheet HTML 8Page - Texas Instruments PCM2912A_15 Datasheet HTML 9Page - Texas Instruments PCM2912A_15 Datasheet HTML 10Page - Texas Instruments PCM2912A_15 Datasheet HTML 11Page - Texas Instruments PCM2912A_15 Datasheet HTML 12Page - Texas Instruments PCM2912A_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
-1.0
-0.8
-0.6
-0.4
-0.2
0
0
1
2
3
4
NormalizedFrequency-xf /1000
S
-100
-80
-60
-40
-20
0
0
0.1
0.2
0.3
0.4
NormalizedFrequency-xf /1000
S
-0.8
-0.6
-0.4
-0.2
0
0.2
0
0.1
0.2
0.3
0.4
0.5
NormalizedFrequency-xfS
-20
-16
-12
-8
-4
0
0.46
0.48
0.50
0.52
0.54
NormalizedFrequency-xfS
-100
-80
-60
-40
-20
0
0
0.2
0.4
0.6
0.8
1.0
NormalizedFrequency-xfS
-160
-120
-80
-40
0
0
8
16
24
32
NormalizedFrequency-xfS
PCM2912A
www.ti.com
SLES230A – SEPTEMBER 2008 – REVISED AUGUST 2015
7.6 Typical Characteristics
7.6.1 ADC Digital Decimation Filter Frequency Response
All specifications at TA = 25°C, VBUS = 5 V, fS = 44.1 kHz, fIN = 1 kHz, and 16-bit data, unless otherwise noted.
Figure 1. Overall Characteristic
Figure 2. Stop Band Attenuation
Figure 3. Passband Ripple
Figure 4. Transient Band Response
7.6.2 ADC Digital High-Pass Filter Frequency Response
All specifications at TA = 25°C, VBUS = 5 V, fS = 44.1 kHz, fIN = 1 kHz, and 16-bit data, unless otherwise noted.
Figure 5. Stop Band Characteristic
Figure 6. Passband Characteristic
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: PCM2912A


Similar Part No. - PCM2912A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2912APJT TI1-PCM2912APJT Datasheet
839Kb / 32P
[Old version datasheet]   AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PCM2912APJTR TI1-PCM2912APJTR Datasheet
839Kb / 32P
[Old version datasheet]   AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
More results

Similar Description - PCM2912A_15

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4571 AKM-AK4571_05 Datasheet
364Kb / 54P
   USB Interface Audio CODEC
logo
Rohm
BU7807-00KV ROHM-BU7807-00KV Datasheet
302Kb / 5P
   Stereo audio interface with CODEC
BU7812KN ROHM-BU7812KN Datasheet
299Kb / 5P
   Monaural audio interface with CODEC
logo
NXP Semiconductors
UDA1355H PHILIPS-UDA1355H Datasheet
315Kb / 76P
   Stereo audio codec with SPDIF interface
2003 Apr 10
logo
Texas Instruments
PCM2912PJT TI-PCM2912PJT Datasheet
712Kb / 32P
[Old version datasheet]   AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PCM2912 TI-PCM2912 Datasheet
813Kb / 32P
[Old version datasheet]   AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PCM2912A TI1-PCM2912A Datasheet
839Kb / 32P
[Old version datasheet]   AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
logo
Rohm
BU26154MUV ROHM-BU26154MUV_15 Datasheet
1Mb / 90P
   Monaural Audio CODEC with Touch Panel Interface
logo
Nuvoton Technology Corp...
NAU88C10 NUVOTON-NAU88C10 Datasheet
2Mb / 103P
   Mono Audio Codec with 2-wire Interface Control Interface
logo
Asahi Kasei Microsystem...
AK4571 AKM-AK4571 Datasheet
309Kb / 54P
   USB I/F Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com