Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2005D1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2005D1
Description  MONO Filter-Free Class-D Audio Power Amplifier
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2005D1 Datasheet(HTML) 1 Page - Texas Instruments

  TPA2005D1 Datasheet HTML 1Page - Texas Instruments TPA2005D1 Datasheet HTML 2Page - Texas Instruments TPA2005D1 Datasheet HTML 3Page - Texas Instruments TPA2005D1 Datasheet HTML 4Page - Texas Instruments TPA2005D1 Datasheet HTML 5Page - Texas Instruments TPA2005D1 Datasheet HTML 6Page - Texas Instruments TPA2005D1 Datasheet HTML 7Page - Texas Instruments TPA2005D1 Datasheet HTML 8Page - Texas Instruments TPA2005D1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
_
+
IN–
IN+
PWM
H–
Bridge
VO+
VO–
Internal
Oscillator
CS
To Battery
VDD
GND
Bias
Circuitry
RI
RI
+
Differential
Input
TPA2005D1
SHUTDOWN
Actual Solution Size
2.5 mm
CS
RI
RI
6 mm
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPA2005D1
SLOS369G – JULY 2002 – REVISED OCTOBER 2015
TPA2005D1 1.4-W MONO Filter-Free Class-D Audio Power Amplifier
1 Features
3 Description
The TPA2005D1 is a 1.4-W high efficiency filter-free
1
1.4 W Into 8
Ω From a 5 V Supply at
class-D audio power amplifier in a MicroStar Junior™
THD = 10% (Typ)
BGA, QFN, or MSOP package that requires only
Maximum Battery Life and Minimum Heat
three external components.
Efficiency With an 8-
Ω Speaker:
Features
like
84%
efficiency,
–71-dB
PSRR
84% at 400 mW
at 217 Hz, improved RF-rectification immunity, and
15 mm2 total PCB area make the TPA2005D1 ideal
79% at 100 mW
for cellular handsets. A fast start-up time of 9 ms with
2.8-mA Quiescent Current
minimal pop makes the TPA2005D1 ideal for PDA
0.5-
μA Shutdown Current
applications.
Capable of Driving an
In cellular handsets, the earpiece, speaker phone,
8-
Ω Speaker (2.5 V ≤ VDD ≤ 5.5 V) and a
and melody ringer can each be driven by the
4-
Ω Speaker (2.5 V ≤ VDD ≤ 4.2 V)
TPA2005D1. The device allows independent gain
control by summing the signals from each function
Only Three External Components
while minimizing noise to only 48
μVRMS.
Optimized PWM Output Stage Eliminates LC
Output Filter
The
TPA2005D1
has
short-circuit
and
thermal
protection.
Internally Generated 250-kHz Switching
Frequency Eliminates Capacitor & Resistor
Device Information(1)
Improved PSRR (–71 dB at 217 Hz) and
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Wide Supply Voltage (2.5 V to 5.5 V)
HVSSOP (8)
3.00 mm × 3.00 mm
Eliminates Need for a Voltage Regulator
VSON (8)
3.00 mm x 3.00 mm
TPA2005D1
Fully Differential Design Reduces RF
BGA MICROSTAR
2.50 mm x 2.50 mm
JUNIOR (15)
Rectification & Eliminates Bypass Capacitor
Improved CMRR Eliminates Two Input
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Coupling Capacitors
Space Saving Package
Device Layout and Size
3 mm × 3 mm QFN package (DRB)
2.5 mm × 2.5 mm MicroStar Junior™ BGA
Package (ZQY)
3 mm x 5 mm MSOP PowerPAD™ Package
(DGN)
Use TPA2006D1 for 1.8 V Logic Compatibility on
Shutdown Pin
2 Applications
Ideal for Wireless or Cellular Handsets and PDAs
Application Circuit
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPA2005D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2005D1 TI-TPA2005D1 Datasheet
290Kb / 22P
[Old version datasheet]   1.1 W MONO FILTER FREE CLASS D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI1-TPA2005D1-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2005D1-Q1 TI-TPA2005D1-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DGN TI-TPA2005D1DGN Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA2005D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2006D1 TI1-TPA2006D1 Datasheet
1Mb / 32P
[Old version datasheet]   MONO Filter-free Class-D Audio Power Amplifier
TPA3112D1-Q1 TI1-TPA3112D1-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
TPA2010D1 TI1-TPA2010D1 Datasheet
1Mb / 33P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2005D1-Q1 TI1-TPA2005D1-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2011D1 TI1-TPA2011D1_15 Datasheet
1Mb / 30P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA3111D1-Q1 TI1-TPA3111D1-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
logo
Skyworks Solutions Inc.
AAT5101 SKYWORKS-AAT5101 Datasheet
1Mb / 15P
   2.5W Mono Filter-Free Class D Audio Power Amplifier
logo
Texas Instruments
TPA2011D1 TI1-TPA2011D1_12 Datasheet
840Kb / 24P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_07 Datasheet
606Kb / 46P
   2.8W filter-free mono class D audio power amplifier
logo
AiT Semiconductor Inc.
A2327 AITSEMI-A2327 Datasheet
901Kb / 12P
   AUDIO AMPLIFIER 2.6W MONO FILTER-FREE CLASS-D
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com