Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2010D1YZFT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2010D1YZFT
Description  Mono Filter-Free Class-D Audio Power Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2010D1YZFT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA2010D1YZFT Datasheet HTML 6Page - Texas Instruments TPA2010D1YZFT Datasheet HTML 7Page - Texas Instruments TPA2010D1YZFT Datasheet HTML 8Page - Texas Instruments TPA2010D1YZFT Datasheet HTML 9Page - Texas Instruments TPA2010D1YZFT Datasheet HTML 10Page - Texas Instruments TPA2010D1YZFT Datasheet HTML 11Page - Texas Instruments TPA2010D1YZFT Datasheet HTML 12Page - Texas Instruments TPA2010D1YZFT Datasheet HTML 13Page - Texas Instruments TPA2010D1YZFT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
−75
−70
−65
−60
−55
−50
20
100
1 k
20 k
VDD = 3.6 V
f − Frequency − Hz
VIC = 200 mVPP
RL = 8 Ω
Gain = 2 V/V
10 k
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
1
2
3
4
5
VIC − Common Mode Input Voltage − V
VDD = 5 V,
Gain = 2
VDD = 2.5 V
VDD = 3.6 V
TPA2010D1
SLOS417D – OCTOBER 2003 – REVISED NOVEMBER 2015
www.ti.com
Typical Characteristics (continued)
Figure 26. Common-Mode Rejection Ratio versus
Figure 25. Common-Mode Rejection Ratio versus
Common-Mode Input Voltage
Frequency
9 Parameter Measurement Information
All parameters are measured according to the conditions described in the Specifications section.
10
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: TPA2010D1


Similar Part No. - TPA2010D1YZFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2010D1YZFT TI-TPA2010D1YZFT Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA2010D1YZFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2006D1 TI1-TPA2006D1 Datasheet
1Mb / 32P
[Old version datasheet]   MONO Filter-free Class-D Audio Power Amplifier
TPA3112D1-Q1 TI1-TPA3112D1-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
TPA2005D1 TI1-TPA2005D1 Datasheet
1Mb / 42P
[Old version datasheet]   MONO Filter-Free Class-D Audio Power Amplifier
TPA2005D1-Q1 TI1-TPA2005D1-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2011D1 TI1-TPA2011D1_15 Datasheet
1Mb / 30P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA3111D1-Q1 TI1-TPA3111D1-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
logo
Skyworks Solutions Inc.
AAT5101 SKYWORKS-AAT5101 Datasheet
1Mb / 15P
   2.5W Mono Filter-Free Class D Audio Power Amplifier
logo
Texas Instruments
TPA2011D1 TI1-TPA2011D1_12 Datasheet
840Kb / 24P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_07 Datasheet
606Kb / 46P
   2.8W filter-free mono class D audio power amplifier
logo
AiT Semiconductor Inc.
A2327 AITSEMI-A2327 Datasheet
901Kb / 12P
   AUDIO AMPLIFIER 2.6W MONO FILTER-FREE CLASS-D
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com