Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2028D1YZFR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2028D1YZFR
Description  Mono Class-D Audio Amplifier
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2028D1YZFR Datasheet(HTML) 1 Page - Texas Instruments

  TPA2028D1YZFR Datasheet HTML 1Page - Texas Instruments TPA2028D1YZFR Datasheet HTML 2Page - Texas Instruments TPA2028D1YZFR Datasheet HTML 3Page - Texas Instruments TPA2028D1YZFR Datasheet HTML 4Page - Texas Instruments TPA2028D1YZFR Datasheet HTML 5Page - Texas Instruments TPA2028D1YZFR Datasheet HTML 6Page - Texas Instruments TPA2028D1YZFR Datasheet HTML 7Page - Texas Instruments TPA2028D1YZFR Datasheet HTML 8Page - Texas Instruments TPA2028D1YZFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
IN-
IN+
PGND
OUT+
OUT-
ToBattery
SDA
SCL
EN
MasterEnable
TPA2028D1
Digital
BaseBand
Analog
Baseband
or
CODEC
PVDD
10 F
m
C
1 F
(Optional)
IN
m
I CClock
2
I CData
2
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPA2028D1
SLOS660C – JANUARY 2010 – REVISED OCTOBER 2015
TPA2028D1 3-W Mono Class-D Audio Amplifier With Fast Gain Ramp SmartGain™
AGC/DRC
1 Features
3 Description
The TPA2028D1 device is a mono, filter-free Class-D
1
Fast AGC Start-up Time: 5 ms
audio power amplifier with volume control, fast gain
Pinout Compatible with TPA2018D1
ramp SmartGain™, dynamic range compression
Filter-Free Class-D Architecture
(DRC), and automatic gain control (AGC). It is
available in a 1.63 mm × 1.63 mm wafer chip-scale
3 W Into 4
Ω at 5 V (10% THD+N)
package (DSBGA).
880 mW Into 8
Ω at 3.6 V (10% THD+N)
The DRC/AGC function in the TPA2028D1 device is
Power Supply Range: 2.5 V to 5.5 V
programmable through a digital I2C interface. The
Flexible Operation With/Without I2C™
DRC/AGC function can be configured to automatically
Programmable DRC/AGC Parameters
prevent distortion of the audio signal and enhance
quiet passages that are normally not heard. The
Digital I2C™ Volume Control
DRC/AGC can also be configured to protect the
Selectable Gain from –28 dB to 30 dB in 1-dB
speaker from damage at high power levels and
Steps (when compression is used)
compress the dynamic range of music to fit within the
Selectable Attack, Release and Hold Times
dynamic range of the speaker. The gain can be
selected from –28 dB to +30 dB in 1-dB steps. The
4 Selectable Compression Ratios
TPA2028D1 is capable of driving 3 W at 5 V into a
Low Supply Current: 1.8 mA
4-
Ω load or 880 mW at 3.6 V into an 8-Ω load. The
Low Shutdown Current: 0.2
μA
device features hardware and software shutdown
High PSRR: 80 dB
controls and also provides thermal and short-circuit
protection. The TPA2028D1 has a faster AGC gain
AGC Enable/Disable Function
ramp during start-up than TPA2018D1.
Limiter Enable/Disable Function
In addition to these features, a fast start-up time and
Short-Circuit and Thermal Protection
small package size make the TPA2028D1 an ideal
Space-Saving Package
choice for cellular handsets, PDAs and other portable
1.63 mm × 1.63 mm Nano-Free™ DSBGA
applications.
(YZF)
Device Information(1)
2 Applications
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPA2028D1
DSBGA (9)
1.63 mm x 1.63 mm
Wireless or Cellular Handsets and PDAs
(1) For all available packages, see the orderable addendum at
Portable Navigation Devices
the end of the data sheet.
Portable DVD Player
Notebook PCs
Simplified Application Diagram
Portable Radio
Portable Games
Educational Toys
USB Speakers
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPA2028D1YZFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2028D1YZFR TI-TPA2028D1YZFR Datasheet
1Mb / 35P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1YZFR TI-TPA2028D1YZFR Datasheet
1Mb / 37P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1YZFR TI1-TPA2028D1YZFR Datasheet
2Mb / 43P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier With Fast Gain Ramp SmartGain AGC/DRC
More results

Similar Description - TPA2028D1YZFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2555 TI1-TAS2555 Datasheet
879Kb / 12P
[Old version datasheet]   Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
   FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8301 PAM-PAM8301 Datasheet
223Kb / 11P
   Filterless Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8304 DIODES-PAM8304 Datasheet
413Kb / 11P
   3W MONO CLASS D AUDIO AMPLIFIER
PAM8320 DIODES-PAM8320 Datasheet
640Kb / 11P
   20W Mono Class D Audio Amplifier
PAM8013 DIODES-PAM8013 Datasheet
467Kb / 9P
   3W MONO CLASS D AUDIO AMPLIFIER
logo
Texas Instruments
LM48511 TI1-LM48511 Datasheet
997Kb / 28P
[Old version datasheet]   Mono, Class D Audio Power Amplifier
TAS5411-Q1 TI1-TAS5411-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   Mono Automotive Class-D Audio Amplifier
logo
Diodes Incorporated
PAM8014 DIODES-PAM8014 Datasheet
706Kb / 9P
   3.2W MONO CLASS D AUDIO AMPLIFIER
logo
NXP Semiconductors
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com