Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA3111D1-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3111D1-Q1
Description  Filter-Free Mono Class-D Audio Power Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3111D1-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPA3111D1-Q1 Datasheet HTML 7Page - Texas Instruments TPA3111D1-Q1 Datasheet HTML 8Page - Texas Instruments TPA3111D1-Q1 Datasheet HTML 9Page - Texas Instruments TPA3111D1-Q1 Datasheet HTML 10Page - Texas Instruments TPA3111D1-Q1 Datasheet HTML 11Page - Texas Instruments TPA3111D1-Q1 Datasheet HTML 12Page - Texas Instruments TPA3111D1-Q1 Datasheet HTML 13Page - Texas Instruments TPA3111D1-Q1 Datasheet HTML 14Page - Texas Instruments TPA3111D1-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
+
+
±
±
+
+
±
±
+
±
+
±
PLIMIT
PLIMIT
Reference
Gain Control
TTL
Buffer
LDO
Regulator
Ramp
Generator
Biases and
References
Startup
Protection
Logic
SC Detect
DC Detect
Thermal
Detect
UVLO and
OVLO
Gate
Drive
Gate
Drive
PWM
Logic
AGND
GVDD
GVDD
AVCC
AVCC
PLIMIT
GAIN1
GAIN0
SD
FAULT
INN
INP
OUTN FB
Gain
Control
OUTP FB
GVDD
PVCC
PVCC
PVCC
PVCC
GVDD
OUTN FB
OUTP FB
OUTN
PGND
BSN
PGND
OUTP
BSP
TPA3111D1-Q1
www.ti.com
SLOS759E – MARCH 2012 – REVISED DECEMBER 2015
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 DC Detect
The TPA3111D1-Q1 circuitry protects the speakers from DC current which might occur because of defective
capacitors on the input or shorts on the printed circuit board at the inputs. A DC-detect fault is reported on the
FAULT pin as a low state. The DC-detect fault also causes the amplifier to shut down by changing the state of
the outputs to Hi-Z. To clear the DC detect, cycle the PVCC supply. Cycling SD does NOT clear a DC-detect
fault.
A DC-detect fault is issued when the output differential duty-cycle exceeds 14% (for example, 57%, –43%) for
more than 420 ms at the same polarity. This feature helps protect the speaker from large DC currents or AC
currents less than 2 Hz. To avoid nuisance faults because of the DC detect circuit, hold the SD pin low at power-
up until the signals at the inputs are stable. Also, match the impedance at the positive and negative input to
avoid nuisance DC-detect faults.
Table 1 lists the minimum differential input voltages required to trigger the DC detect. The inputs must remain at
or above the voltage listed in the table for more than 420 ms to trigger the DC detect.
Table 1. DC Detect Threshold
AV (dB)
VIN (mV, DIFFERENTIAL)
20
112
26
56
32
28
36
17
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPA3111D1-Q1


Similar Part No. - TPA3111D1-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3111D1-Q1 TI1-TPA3111D1-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   10-W Filter-Free Mono Class-D Audio Power Amplifier With Speaker Guard
TPA3111D1-Q1 TI-TPA3111D1-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPA3111D1-Q1 10-W Filter-Free Mono Class-D Audio Power Amplifier With Speakerguard?
More results

Similar Description - TPA3111D1-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2006D1 TI1-TPA2006D1 Datasheet
1Mb / 32P
[Old version datasheet]   MONO Filter-free Class-D Audio Power Amplifier
TPA3112D1-Q1 TI1-TPA3112D1-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
TPA2005D1 TI1-TPA2005D1 Datasheet
1Mb / 42P
[Old version datasheet]   MONO Filter-Free Class-D Audio Power Amplifier
TPA2010D1 TI1-TPA2010D1 Datasheet
1Mb / 33P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2005D1-Q1 TI1-TPA2005D1-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2011D1 TI1-TPA2011D1_15 Datasheet
1Mb / 30P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
logo
Skyworks Solutions Inc.
AAT5101 SKYWORKS-AAT5101 Datasheet
1Mb / 15P
   2.5W Mono Filter-Free Class D Audio Power Amplifier
logo
Texas Instruments
TPA2011D1 TI1-TPA2011D1_12 Datasheet
840Kb / 24P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_07 Datasheet
606Kb / 46P
   2.8W filter-free mono class D audio power amplifier
logo
AiT Semiconductor Inc.
A2327 AITSEMI-A2327 Datasheet
901Kb / 12P
   AUDIO AMPLIFIER 2.6W MONO FILTER-FREE CLASS-D
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com