Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23870-A1131-B100 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # V23870-A1131-B100
Description  Bi-Directional Pigtail SFF Transceiver 155 Mbit/s, 1310 nm Tx / 1550 nm Rx
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23870-A1131-B100 Datasheet(HTML) 4 Page - Infineon Technologies AG

  V23870-A1131-B100 Datasheet HTML 1Page - Infineon Technologies AG V23870-A1131-B100 Datasheet HTML 2Page - Infineon Technologies AG V23870-A1131-B100 Datasheet HTML 3Page - Infineon Technologies AG V23870-A1131-B100 Datasheet HTML 4Page - Infineon Technologies AG V23870-A1131-B100 Datasheet HTML 5Page - Infineon Technologies AG V23870-A1131-B100 Datasheet HTML 6Page - Infineon Technologies AG V23870-A1131-B100 Datasheet HTML 7Page - Infineon Technologies AG V23870-A1131-B100 Datasheet HTML 8Page - Infineon Technologies AG V23870-A1131-B100 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
V23870-Ax131-xx00
V23870-Ax132-xx00
Description
Data Sheet
4
2003-06-13
Description
The Infineon BIDI® transceiver - part of Infineon’s Small Form Factor transceiver family -
is based on the Physical Medium Depend (PMD) sublayer and baseband medium.
Infineon's BIDI-TRX is designed to handle multiple data rates and can be designed into
Fast Ethernet, FDDI, Fiber Channel, ATM-155, SDH STM-1, SONET OC-3, CCTV and
other applications as well as different FTTx applications according to the 100 Mbps EFM
standard (IEEE 802.3ah). It is suitable for both, short haul applications and distances of
20 km and beyond.
The appropriate fiber optic cable is the 9µm singlemode fiber pigtail with different
connector options.
The Infineon BIDI transceiver is a single unit comprised of a transmitter, a receiver, WDM
filter, and a singlemode fiber pigtail. This design frees the customer from many alignment
and PC board layout concerns.
This transceiver operates at 155 Mbit/s from a single power supply (+3.3 V). The full
differential data inputs and outputs are PECL and LVPECL compatible.
Functional Description of 2x5 Pin Row Transceiver
This transceiver is designed to transmit and receive serial data via a single mode cable.
Figure2
Functional Diagram


Similar Part No. - V23870-A1131-B100

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23870-A2111-A100 INFINEON-V23870-A2111-A100 Datasheet
181Kb / 11P
   Bi-Directional Pigtail SFF Transceiver 155 Mb/s, 1310 nm Tx / 1310 nm Rx
JULY 2002
V23870-A2111-A200 INFINEON-V23870-A2111-A200 Datasheet
181Kb / 11P
   Bi-Directional Pigtail SFF Transceiver 155 Mb/s, 1310 nm Tx / 1310 nm Rx
JULY 2002
V23870-A2111-A500 INFINEON-V23870-A2111-A500 Datasheet
181Kb / 11P
   Bi-Directional Pigtail SFF Transceiver 155 Mb/s, 1310 nm Tx / 1310 nm Rx
JULY 2002
V23870-A2111-A600 INFINEON-V23870-A2111-A600 Datasheet
181Kb / 11P
   Bi-Directional Pigtail SFF Transceiver 155 Mb/s, 1310 nm Tx / 1310 nm Rx
JULY 2002
V23870-A2111-B100 INFINEON-V23870-A2111-B100 Datasheet
181Kb / 11P
   Bi-Directional Pigtail SFF Transceiver 155 Mb/s, 1310 nm Tx / 1310 nm Rx
JULY 2002
More results

Similar Description - V23870-A1131-B100

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23870-A2111-A100 INFINEON-V23870-A2111-A100 Datasheet
181Kb / 11P
   Bi-Directional Pigtail SFF Transceiver 155 Mb/s, 1310 nm Tx / 1310 nm Rx
JULY 2002
logo
Optoway Technology Inc
BTRS-3720G OPTOWAY-BTRS-3720G Datasheet
129Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3760G OPTOWAY-BTRS-3760G Datasheet
129Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3680G OPTOWAY-BTRS-3680G_09 Datasheet
129Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3740G OPTOWAY-BTRS-3740G_09 Datasheet
130Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3620G OPTOWAY-BTRS-3620G_09 Datasheet
129Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3660G OPTOWAY-BTRS-3660G_09 Datasheet
129Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3760G OPTOWAY-BTRS-3760G_09 Datasheet
130Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3780G OPTOWAY-BTRS-3780G_09 Datasheet
141Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3740G OPTOWAY-BTRS-3740G Datasheet
130Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com