Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLVH431AIDCKT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLVH431AIDCKT
Description  Low-Voltage Adjustable Precision Shunt Regulators
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLVH431AIDCKT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLVH431AIDCKT Datasheet HTML 4Page - Texas Instruments TLVH431AIDCKT Datasheet HTML 5Page - Texas Instruments TLVH431AIDCKT Datasheet HTML 6Page - Texas Instruments TLVH431AIDCKT Datasheet HTML 7Page - Texas Instruments TLVH431AIDCKT Datasheet HTML 8Page - Texas Instruments TLVH431AIDCKT Datasheet HTML 9Page - Texas Instruments TLVH431AIDCKT Datasheet HTML 10Page - Texas Instruments TLVH431AIDCKT Datasheet HTML 11Page - Texas Instruments TLVH431AIDCKT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
0
500
1000
1500
2000
2500
3000
3500
4000
−50
−25
0
25
50
75
100
125
150
VKA = 5 V
VREF = 0
TJ − Junction Temperature − °C
Temperature (GC)
-40
-20
0
20
40
60
80
100
120
140
55
60
65
70
75
80
85
90
95
100
105
110
115
120
70
10
5
0
−5
−10
−15
−1
−0.5
0
0.5
1
1.5
VKA = VREF
TA = 25°C
VKA − Cathode Voltage − V
~
~
~
~
250
200
150
100
50
0
− 200
− 250
− 1
− 0.5
0
0.5
1
1.5
VKA − Cathode Voltage − V
− 50
− 100
− 150
VKA = VREF
TA = 25°C
50
70
90
110
130
150
170
190
210
230
250
−50
−25
0
25
50
75
100
125
150
IK = 10 mA
R1 = 10 k
R2 = Open
TJ − Junction Temperature − °C
1.246
1.242
1.240
1.238
1.250
1.252
1.254
1.248
1.244
−50
−25
0
25
50
75
100
125
150
IK = 10 mA
TJ − Junction Temperature − °C
TLVH431, TLVH431A, TLVH431B
TLVH432, TLVH432A, TLVH432B
SLVS555J – NOVEMBER 2004 – REVISED JANUARY 2015
www.ti.com
7.8 Typical Characteristics
Operation of the device at these or any other conditions beyond those indicated in the Recommended Operating Conditions
table are not implied.
Figure 1. Reference Voltage
vs Junction Temperature
Figure 2. Reference Input Current
vs Junction Temperature
Figure 3. Cathode Current
Figure 4. Cathode Current
vs Cathode Voltage
vs Cathode Voltage
Figure 5. Minimum Cathode Current vs. Temperature
Figure 6. Off-State Cathode Current
vs Junction Temperature
8
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: TLVH431 TLVH431A TLVH431B TLVH432 TLVH432A TLVH432B


Similar Part No. - TLVH431AIDCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLVH431AIDCKT TI-TLVH431AIDCKT Datasheet
570Kb / 37P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431AIDCKT TI-TLVH431AIDCKT Datasheet
673Kb / 38P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431AIDCKT TI1-TLVH431AIDCKT Datasheet
1Mb / 53P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431AIDCKTE4 TI-TLVH431AIDCKTE4 Datasheet
570Kb / 37P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431AIDCKTE4 TI-TLVH431AIDCKTE4 Datasheet
673Kb / 38P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
More results

Similar Description - TLVH431AIDCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLVH431AIDBVRG4 TI1-TLVH431AIDBVRG4 Datasheet
1Mb / 53P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Microsemi Corporation
LX432 MICROSEMI-LX432 Datasheet
155Kb / 8P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Texas Instruments
TLVH431A-Q1 TI1-TLVH431A-Q1 Datasheet
658Kb / 25P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431 TI-TLV431_06 Datasheet
787Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431 TI-TLV431 Datasheet
232Kb / 34P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431A-Q1 TI1-TLV431A-Q1 Datasheet
489Kb / 21P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
SYNC POWER Crop.
SP432 SYNC-POWER-SP432_13 Datasheet
394Kb / 15P
   Low Voltage Adjustable Precision Shunt Regulators
logo
Linear Dimensions Semic...
LND431 LINEAR_DIMENSIONS-LND431 Datasheet
128Kb / 6P
   Low-voltage Adjustable Precision Shunt Regulators
logo
Texas Instruments
TLVH431A-Q1 TI1-TLVH431A-Q1_15 Datasheet
1,003Kb / 25P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
SYNC POWER Crop.
SP432 SYNC-POWER-SP432 Datasheet
347Kb / 14P
   Low Voltage Adjustable Precision Shunt Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com