Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM32GG390F512-BGA112 Datasheet(PDF) 3 Page - Silicon Laboratories

Part # EFM32GG390F512-BGA112
Description  Read-while-write support
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32GG390F512-BGA112 Datasheet(HTML) 3 Page - Silicon Laboratories

  EFM32GG390F512-BGA112 Datasheet HTML 1Page - Silicon Laboratories EFM32GG390F512-BGA112 Datasheet HTML 2Page - Silicon Laboratories EFM32GG390F512-BGA112 Datasheet HTML 3Page - Silicon Laboratories EFM32GG390F512-BGA112 Datasheet HTML 4Page - Silicon Laboratories EFM32GG390F512-BGA112 Datasheet HTML 5Page - Silicon Laboratories EFM32GG390F512-BGA112 Datasheet HTML 6Page - Silicon Laboratories EFM32GG390F512-BGA112 Datasheet HTML 7Page - Silicon Laboratories EFM32GG390F512-BGA112 Datasheet HTML 8Page - Silicon Laboratories EFM32GG390F512-BGA112 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 78 page
background image
...the world's most energy friendly microcontrollers
2014-05-23 - EFM32GG390FXX - d0040_Rev1.30
3
www.silabs.com
2 System Summary
2.1 System Introduction
The EFM32 MCUs are the world’s most energy friendly microcontrollers. With a unique combination of
the powerful 32-bit ARM Cortex-M3, innovative low energy techniques, short wake-up time from energy
saving modes, and a wide selection of peripherals, the EFM32GG microcontroller is well suited for
any battery operated application as well as other systems requiring high performance and low-energy
consumption. This section gives a short introduction to each of the modules in general terms and also
shows a summary of the configuration for the EFM32GG390 devices. For a complete feature set and
in-depth information on the modules, the reader is referred to the EFM32GG Reference Manual.
A block diagram of the EFM32GG390 is shown in Figure 2.1 (p. 3) .
Figure 2.1. Block Diagram
Clock Managem ent
Energy Managem ent
Serial Int erfaces
I/ O Port s
Core and Mem ory
Tim ers and Triggers
Analog Int erfaces
Securit y
32- bit bus
Peripheral Reflex Syst em
ARM Cort ex- M3 processor
Flash
Program
Mem ory
LESENSE
High Freq
RC
Oscillat or
High Freq.
Cryst al
Oscillat or
Tim er/
Count er
Low Energy
Tim er
Pulse
Count er
Real Tim e
Count er
Low Freq.
Cryst al
Oscillat or
Low Freq.
RC
Oscillat or
Wat chdog
Tim er
RAM
Mem ory
Ex t . Bus
Int erface
General
Purpose
I/ O
Mem ory
Prot ect ion
Unit
DMA
Cont roller
Debug
Int erface
w/ ETM
Ex t ernal
Int errupt s
Pin
Reset
Hardware
AES
GG390F512/ 1024
ADC
DAC
Analog
Com parat or
Operat ional
Am plifier
USART
Low
Energy
UART
I 2C
UART
Power- on
Reset
Volt age
Regulat or
Back- up
Power
Dom ain
Volt age
Com parat or
Brown- out
Det ect or
TFT
Driver
Back- up
RTC
USB
Pin
Wakeup
Ult ra Low Freq.
RC
Oscillat or
Aux High Freq.
RC
Oscillat or
2.1.1 ARM Cortex-M3 Core
The ARM Cortex-M3 includes a 32-bit RISC processor which can achieve as much as 1.25 Dhrystone
MIPS/MHz. A Memory Protection Unit with support for up to 8 memory segments is included, as well
as a Wake-up Interrupt Controller handling interrupts triggered while the CPU is asleep. The EFM32
implementation of the Cortex-M3 is described in detail in EFM32 Cortex-M3 Reference Manual.
2.1.2 Debug Interface (DBG)
This device includes hardware debug support through a 2-pin serial-wire debug interface and an Embed-
ded Trace Module (ETM) for data/instruction tracing. In addition there is also a 1-wire Serial Wire Viewer
pin which can be used to output profiling information, data trace and software-generated messages.
2.1.3 Memory System Controller (MSC)
The Memory System Controller (MSC) is the program memory unit of the EFM32GG microcontroller.
The flash memory is readable and writable from both the Cortex-M3 and DMA. The flash memory is


Similar Part No. - EFM32GG390F512-BGA112

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32GG395 SILABS-EFM32GG395 Datasheet
2Mb / 78P
   Read-while-write support
EFM32GG395F1024-BGA120 SILABS-EFM32GG395F1024-BGA120 Datasheet
2Mb / 78P
   Read-while-write support
EFM32GG395F512-BGA120 SILABS-EFM32GG395F512-BGA120 Datasheet
2Mb / 78P
   Read-while-write support
More results

Similar Description - EFM32GG390F512-BGA112

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32GG330 SILABS-EFM32GG330 Datasheet
1Mb / 71P
   Read-while-write support
EFM32GG332 SILABS-EFM32GG332 Datasheet
1Mb / 71P
   Read-while-write support
EFM32GG395 SILABS-EFM32GG395 Datasheet
2Mb / 78P
   Read-while-write support
EFM32GG842 SILABS-EFM32GG842 Datasheet
1Mb / 74P
   Read-while-write support
EFM32GG890 SILABS-EFM32GG890 Datasheet
2Mb / 81P
   Read-while-write support
EFM32GG295 SILABS-EFM32GG295 Datasheet
1Mb / 76P
   Read-while-write support
EFM32GG380 SILABS-EFM32GG380 Datasheet
2Mb / 78P
   Read-while-write support
EFM32GG840 SILABS-EFM32GG840 Datasheet
1Mb / 73P
   Read-while-write support
EFM32GG880 SILABS-EFM32GG880 Datasheet
2Mb / 81P
   Read-while-write support
logo
ATMEL Corporation
TK5552 ATMEL-TK5552 Datasheet
326Kb / 22P
   Read/Write Transponder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com