Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM32GG395F512-BGA120 Datasheet(PDF) 7 Page - Silicon Laboratories

Part # EFM32GG395F512-BGA120
Description  Read-while-write support
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32GG395F512-BGA120 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button EFM32GG395F512-BGA120 Datasheet HTML 3Page - Silicon Laboratories EFM32GG395F512-BGA120 Datasheet HTML 4Page - Silicon Laboratories EFM32GG395F512-BGA120 Datasheet HTML 5Page - Silicon Laboratories EFM32GG395F512-BGA120 Datasheet HTML 6Page - Silicon Laboratories EFM32GG395F512-BGA120 Datasheet HTML 7Page - Silicon Laboratories EFM32GG395F512-BGA120 Datasheet HTML 8Page - Silicon Laboratories EFM32GG395F512-BGA120 Datasheet HTML 9Page - Silicon Laboratories EFM32GG395F512-BGA120 Datasheet HTML 10Page - Silicon Laboratories EFM32GG395F512-BGA120 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 78 page
background image
...the world's most energy friendly microcontrollers
2014-05-23 - EFM32GG395FXX - d0078_Rev1.30
7
www.silabs.com
and the OPAMP has various internal configurations such as unity gain, programmable gain using internal
resistors etc.
2.1.28 Low Energy Sensor Interface (LESENSE)
The Low Energy Sensor Interface (LESENSE
TM), is a highly configurable sensor interface with support
for up to 16 individually configurable sensors. By controlling the analog comparators and DAC, LESENSE
is capable of supporting a wide range of sensors and measurement schemes, and can for instance mea-
sure LC sensors, resistive sensors and capacitive sensors. LESENSE also includes a programmable
FSM which enables simple processing of measurement results without CPU intervention. LESENSE is
available in energy mode EM2, in addition to EM0 and EM1, making it ideal for sensor monitoring in
applications with a strict energy budget.
2.1.29 Backup Power Domain
The backup power domain is a separate power domain containing a Backup Real Time Counter, BURTC,
and a set of retention registers, available in all energy modes. This power domain can be configured to
automatically change power source to a backup battery when the main power drains out. The backup
power domain enables the EFM32GG395 to keep track of time and retain data, even if the main power
source should drain out.
2.1.30 Advanced Encryption Standard Accelerator (AES)
The AES accelerator performs AES encryption and decryption with 128-bit or 256-bit keys. Encrypting or
decrypting one 128-bit data block takes 52 HFCORECLK cycles with 128-bit keys and 75 HFCORECLK
cycles with 256-bit keys. The AES module is an AHB slave which enables efficient access to the data
and key registers. All write accesses to the AES module must be 32-bit operations, i.e. 8- or 16-bit
operations are not supported.
2.1.31 General Purpose Input/Output (GPIO)
In the EFM32GG395, there are 93 General Purpose Input/Output (GPIO) pins, which are divided into
ports with up to 16 pins each. These pins can individually be configured as either an output or input. More
advanced configurations like open-drain, filtering and drive strength can also be configured individually
for the pins. The GPIO pins can also be overridden by peripheral pin connections, like Timer PWM
outputs or USART communication, which can be routed to several locations on the device. The GPIO
supports up to 16 asynchronous external pin interrupts, which enables interrupts from any pin on the
device. Also, the input value of a pin can be routed through the Peripheral Reflex System to other
peripherals.
2.2 Configuration Summary
The features of the EFM32GG395 is a subset of the feature set described in the EFM32GG Reference
Manual. Table 2.1 (p. 7) describes device specific implementation of the features.
Table 2.1. Configuration Summary
Module
Configuration
Pin Connections
Cortex-M3
Full configuration
NA
DBG
Full configuration
DBG_SWCLK, DBG_SWDIO,
DBG_SWO
MSC
Full configuration
NA
DMA
Full configuration
NA
RMU
Full configuration
NA
EMU
Full configuration
NA


Similar Part No. - EFM32GG395F512-BGA120

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32GG390 SILABS-EFM32GG390 Datasheet
2Mb / 78P
   Read-while-write support
EFM32GG390F1024-BGA112 SILABS-EFM32GG390F1024-BGA112 Datasheet
2Mb / 78P
   Read-while-write support
EFM32GG390F512-BGA112 SILABS-EFM32GG390F512-BGA112 Datasheet
2Mb / 78P
   Read-while-write support
More results

Similar Description - EFM32GG395F512-BGA120

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32GG330 SILABS-EFM32GG330 Datasheet
1Mb / 71P
   Read-while-write support
EFM32GG332 SILABS-EFM32GG332 Datasheet
1Mb / 71P
   Read-while-write support
EFM32GG390 SILABS-EFM32GG390 Datasheet
2Mb / 78P
   Read-while-write support
EFM32GG842 SILABS-EFM32GG842 Datasheet
1Mb / 74P
   Read-while-write support
EFM32GG890 SILABS-EFM32GG890 Datasheet
2Mb / 81P
   Read-while-write support
EFM32GG295 SILABS-EFM32GG295 Datasheet
1Mb / 76P
   Read-while-write support
EFM32GG380 SILABS-EFM32GG380 Datasheet
2Mb / 78P
   Read-while-write support
EFM32GG840 SILABS-EFM32GG840 Datasheet
1Mb / 73P
   Read-while-write support
EFM32GG880 SILABS-EFM32GG880 Datasheet
2Mb / 81P
   Read-while-write support
logo
ATMEL Corporation
TK5552 ATMEL-TK5552 Datasheet
326Kb / 22P
   Read/Write Transponder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com