Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV431BCDBVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV431BCDBVR
Description  Low-Voltage Adjustable Precision Shunt Regulator
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV431BCDBVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV431BCDBVR Datasheet HTML 4Page - Texas Instruments TLV431BCDBVR Datasheet HTML 5Page - Texas Instruments TLV431BCDBVR Datasheet HTML 6Page - Texas Instruments TLV431BCDBVR Datasheet HTML 7Page - Texas Instruments TLV431BCDBVR Datasheet HTML 8Page - Texas Instruments TLV431BCDBVR Datasheet HTML 9Page - Texas Instruments TLV431BCDBVR Datasheet HTML 10Page - Texas Instruments TLV431BCDBVR Datasheet HTML 11Page - Texas Instruments TLV431BCDBVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
250
200
150
100
50
0
− 200
− 250
− 1
− 0.5
0
0.5
1
1.5
VKA − Cathode Voltage − V
− 50
− 100
− 150
VKA = VREF
TA = 25°C
Temperature (GC)
-40
-20
0
20
40
60
80
100
120
140
55
60
65
70
75
80
85
90
95
100
105
110
115
120
50
70
90
110
130
150
170
190
210
230
250
−50
−25
0
25
50
75
100
125
150
IK = 10 mA
R1 = 10 k
R2 = Open
TJ − Junction Temperature − °C
15
10
5
0
− 5
− 10
− 15
− 1
−0.5
0
0.5
1
1.5
VKA = VREF
TA = 25°C
VKA − Cathode Voltage − V
1.246
1.242
1.240
1.238
1.250
1.252
1.254
1.248
1.244
− 50
− 25
0
25
50
75
100
125
150
IK = 10 mA
TJ − Junction Temperature − °C
150
100
50
200
250
− 50
− 25
0
25
50
75
100
125
150
TJ − Junction Temperature − °C
IK = 10 mA
R1 = 10 k
R2 = Open
TLV431, TLV431A, TLV431B
SLVS139V – JULY 1996 – REVISED JANUARY 2015
www.ti.com
7.8 Typical Characteristics
Operation of the device at these or any other conditions beyond those indicated in the Recommended Operating Conditions
table are not implied.
Figure 2. Reference Input Current vs
Figure 1. Reference Voltage vs
Junction Temperature (for TLV431 and TLV431A)
Junction Temperature
Figure 4. Cathode Current vs
Figure 3. Reference Input Current vs
Cathode Voltage
Junction Temperature (for TLV431B)
Figure 5. Minimum Cathode Current vs Temperature
Figure 6. Cathode Current vs
Cathode Voltage
8
Submit Documentation Feedback
Copyright © 1996–2015, Texas Instruments Incorporated
Product Folder Links: TLV431 TLV431A TLV431B


Similar Part No. - TLV431BCDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV431BCDBVR TI-TLV431BCDBVR Datasheet
232Kb / 34P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431BCDBVR TI-TLV431BCDBVR Datasheet
787Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431BCDBVR TI-TLV431BCDBVR Datasheet
985Kb / 36P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
TLV431BCDBVR TI-TLV431BCDBVR Datasheet
1,013Kb / 38P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
TLV431BCDBVR TI-TLV431BCDBVR Datasheet
1,015Kb / 39P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
More results

Similar Description - TLV431BCDBVR

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
International Rectifier
IRU431L IRF-IRU431L Datasheet
47Kb / 6P
   LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
   Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Fairchild Semiconductor
RC0431A FAIRCHILD-RC0431A Datasheet
540Kb / 9P
   Low-Voltage Adjustable Precision Shunt Regulator
logo
Bookly Micro electronic
BM432 BOOKLY-BM432 Datasheet
401Kb / 14P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
KL432 KEXIN-KL432 Datasheet
118Kb / 2P
   Low Voltage Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
AT431 ETC1-AT431 Datasheet
355Kb / 14P
   Low-Voltage Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com