Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV431BCDBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV431BCDBVT
Description  Low-Voltage Adjustable Precision Shunt Regulator
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV431BCDBVT Datasheet(HTML) 3 Page - Texas Instruments

  TLV431BCDBVT Datasheet HTML 1Page - Texas Instruments TLV431BCDBVT Datasheet HTML 2Page - Texas Instruments TLV431BCDBVT Datasheet HTML 3Page - Texas Instruments TLV431BCDBVT Datasheet HTML 4Page - Texas Instruments TLV431BCDBVT Datasheet HTML 5Page - Texas Instruments TLV431BCDBVT Datasheet HTML 6Page - Texas Instruments TLV431BCDBVT Datasheet HTML 7Page - Texas Instruments TLV431BCDBVT Datasheet HTML 8Page - Texas Instruments TLV431BCDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
REF
ANODE
CATHODE
LP (TO-92/TO-226) PACKAGE
(TOP VIEW)
DCK (SC-70) PACKAGE
(TOP VIEW)
1
2
3
6
5
4
CATHODE
NC
REF
ANODE
NC
NC
NC − No internal connection
PK (SOT-89) PACKAGE
(TOP VIEW)
1
3
2
REF
CATHODE
ANODE
ANODE
NC − No internal connection
∗ For TLV431, TLV431A: NC − No internal connection
∗ For TLV431B: Pin 2 is attached to Substrate and
must be connected to ANODE or left open.
DBV (SOT-23-5) PACKAGE
(TOP VIEW)
1
2
3
5
4
NC
CATHODE
ANODE
REF
DBZ (SOT-23-3) PACKAGE
(TOP VIEW)
1
2
3
REF
CATHODE
ANODE
D (SOIC) PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
REF
ANODE
ANODE
NC
CATHODE
ANODE
ANODE
NC
TLV431, TLV431A, TLV431B
www.ti.com
SLVS139V – JULY 1996 – REVISED JANUARY 2015
6 Pin Configuration and Functions
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
DBZ
DBV
PK
D
LP
DCK
CATHODE
2
3
3
1
1
1
I/O
Shunt Current/Voltage input
REF
1
4
1
8
3
3
I
Threshold relative to common anode
ANODE
3
5
2
2, 3, 6, 7
2
6
O
Common pin, normally connected to ground
NC
1
4, 5
2, 4, 5
I
No Internal Connection
*
2
I
Substrate Connection
Copyright © 1996–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TLV431 TLV431A TLV431B


Similar Part No. - TLV431BCDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV431BCDBVT TI-TLV431BCDBVT Datasheet
232Kb / 34P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431BCDBVT TI-TLV431BCDBVT Datasheet
787Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431BCDBVT TI-TLV431BCDBVT Datasheet
985Kb / 36P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
TLV431BCDBVT TI-TLV431BCDBVT Datasheet
1,013Kb / 38P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
TLV431BCDBVT TI-TLV431BCDBVT Datasheet
1,015Kb / 39P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
More results

Similar Description - TLV431BCDBVT

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
International Rectifier
IRU431L IRF-IRU431L Datasheet
47Kb / 6P
   LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
   Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Fairchild Semiconductor
RC0431A FAIRCHILD-RC0431A Datasheet
540Kb / 9P
   Low-Voltage Adjustable Precision Shunt Regulator
logo
Bookly Micro electronic
BM432 BOOKLY-BM432 Datasheet
401Kb / 14P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
KL432 KEXIN-KL432 Datasheet
118Kb / 2P
   Low Voltage Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
AT431 ETC1-AT431 Datasheet
355Kb / 14P
   Low-Voltage Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com