Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV431BIDBZT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV431BIDBZT
Description  Low-Voltage Adjustable Precision Shunt Regulator
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV431BIDBZT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV431BIDBZT Datasheet HTML 2Page - Texas Instruments TLV431BIDBZT Datasheet HTML 3Page - Texas Instruments TLV431BIDBZT Datasheet HTML 4Page - Texas Instruments TLV431BIDBZT Datasheet HTML 5Page - Texas Instruments TLV431BIDBZT Datasheet HTML 6Page - Texas Instruments TLV431BIDBZT Datasheet HTML 7Page - Texas Instruments TLV431BIDBZT Datasheet HTML 8Page - Texas Instruments TLV431BIDBZT Datasheet HTML 9Page - Texas Instruments TLV431BIDBZT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
ka
ka
V
z
z
I
R1
1
R2
D
D
+
¢ =
»
´
æ
ö
ç
÷
è
ø
KA
K
ka
V
z
I
D
D
=
(
)
REF(dev )
6
REF
A
REF
A
V
10
V
T
25 C
ppm
V
C
T
´
=
°
a
=
°
D
æ
ö
ç
÷
æ
ö è
ø
ç
÷
è
ø
REF
KA
V
V
D
D
(3)
The dynamic impedance is defined as
TLV431, TLV431A, TLV431B
SLVS139V – JULY 1996 – REVISED JANUARY 2015
www.ti.com
7.6 Electrical Characteristics for TLV431A
at 25°C free-air temperature (unless otherwise noted)
TLV431A
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
TA = 25°C
1.228
1.24
1.252
TLV431AC
1.221
1.259
VKA = VREF,
VREF
Reference voltage
V
TA = full range
(1)
IK = 10 mA
TLV431AI
1.215
1.265
(see Figure 19)
TLV431AQ
1.209
1.271
TLV431AC
4
12
VKA = VREF, IK = 10 mA
(1)
VREF deviation over full
VREF(dev)
TLV431AI
6
20
mV
temperature range(2)
(see Figure 19)
TLV431AQ
11
31
Ratio of VREF change in cathode
VKA = VREF to 6 V, IK = 10 mA
–1.5
–2.7
mV/V
voltage change
(see Figure 20)
IK = 10 mA, R1 = 10 kΩ,
R2 = open
Iref
Reference terminal current
0.15
0.5
µA
(see Figure 20)
TLV431AC
0.05
0.3
Iref deviation over full temperature IK = 10 mA, R1 = 10 kΩ,
Iref(dev)
TLV431AI
0.1
0.4
µA
range(2)
R2 = open(1) (see Figure 20)
TLV431AQ
0.15
0.5
TLV431AC/AI
55
80
Minimum cathode current for
IK(min)
VKA = VREF (see Figure 19)
µA
regulation
TLV431AQ
55
100
IK(off)
Off-state cathode current
VREF = 0, VKA = 6 V (see Figure 21)
0.001
0.1
µA
VKA = VREF, f ≤ 1 kHz, IK = 0.1 mA to 15 mA
|zKA|
Dynamic impedance(3)
0.25
0.4
Ω
(see Figure 19)
(1)
Full temperature ranges are –40°C to 125°C for TLV431Q, –40°C to 85°C for TLV431I, and 0°C to 70°C for TLV431C.
(2)
The deviation parameters VREF(dev) and Iref(dev) are defined as the differences between the maximum and minimum values obtained over
the rated temperature range. The average full-range temperature coefficient of the reference input voltage,
αVREF, is defined as:
where
ΔTA is the rated operating free-air temperature range of the device.
αVREF can be positive or negative, depending on whether minimum VREF or maximum VREF, respectively, occurs at the lower
temperature.
spacer
When the device is operating with two external resistors (see Figure 20), the total dynamic impedance of the circuit is defined as:
6
Submit Documentation Feedback
Copyright © 1996–2015, Texas Instruments Incorporated
Product Folder Links: TLV431 TLV431A TLV431B


Similar Part No. - TLV431BIDBZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV431BIDBZT TI-TLV431BIDBZT Datasheet
232Kb / 34P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431BIDBZT TI-TLV431BIDBZT Datasheet
787Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431BIDBZT TI-TLV431BIDBZT Datasheet
985Kb / 36P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
TLV431BIDBZT TI-TLV431BIDBZT Datasheet
1,013Kb / 38P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
TLV431BIDBZT TI-TLV431BIDBZT Datasheet
1,015Kb / 39P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
More results

Similar Description - TLV431BIDBZT

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
International Rectifier
IRU431L IRF-IRU431L Datasheet
47Kb / 6P
   LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
   Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Fairchild Semiconductor
RC0431A FAIRCHILD-RC0431A Datasheet
540Kb / 9P
   Low-Voltage Adjustable Precision Shunt Regulator
logo
Bookly Micro electronic
BM432 BOOKLY-BM432 Datasheet
401Kb / 14P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
KL432 KEXIN-KL432 Datasheet
118Kb / 2P
   Low Voltage Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
AT431 ETC1-AT431 Datasheet
355Kb / 14P
   Low-Voltage Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com