Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAF-XC164CM-8F40F Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # SAF-XC164CM-8F40F
Description  16-bit Microcontroller
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAF-XC164CM-8F40F Datasheet(HTML) 2 Page - Infineon Technologies AG

  SAF-XC164CM-8F40F Datasheet HTML 1Page - Infineon Technologies AG SAF-XC164CM-8F40F Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Published by Infineon Technologies AG
Pr oduct Brief
How to reach us:
http://www.infineon.com
Published by
Infineon Technologies AG,
St.-Martin-Strasse 53,
D-81669 München
© Infineon Technologies AG 2004.
All Rights Reserved.
Template: pb_tmplt.fm/4/2004-01-01
Attention please!
The information herein is given to describe certain components
and shall not be considered as a guarantee of characteristics.
Terms of delivery and rights to technical change reserved.
We hereby disclaim any and all warranties, including but not
limited to warranties of non-infringement, regarding circuits,
descriptions and charts stated herein.
Information
For further information on technology, delivery terms
and conditions and prices please contact your nearest
Infineon Technologies Office.
Warnings
Due to technical requirements components may contain dangerous
substances. For information on the types in question please contact
your nearest Infineon Technologies Office.
Infineon Technologies Components may only be used in life-
support devices or systems with the express written approval of
Infineon Technologies, if a failure of such components can reason-
ably be expected to cause the failure of that life-support device or
system, or to affect the safety or effectiveness of that device or sys-
tem. Life support devices or systems are intended to be implanted
in the human body, or to support and/or maintain and sustain
and/or protect human life. If they fail, it is reasonable to assume
that the health of the user or other persons may be endangered.
XC 1 6 4 C M B l o c k D i a g r a m
CPU
PMU
C166SV2-Core
DPRAM
2 Kbytes
Flash
64 Kbytes
OCDS
Debugs Support
ProgMem
PSRAM
2 Kbytes
SSC1
(SPI)
BRGen
BRGen
SSC0
(SPI)
ASC0
(USART)
BRGen
BRGen
ASC1
(USART)
GPT
T6
T5
T4
T3
T2
ADC
8/10-bit
14 Channels
CC2
T7
T8
T13
T12
CC6
Twin
CAN
AB
DSRAM
2 Kbytes
Red. EBC
XBUS Control
Osc / PLL
Clock Generator
RTC
WDT
XTAL
Interrupt & PEC
DMU
Interrupt Bus
Peripheral
Data Bus
Port 9
6
Port 5
14
Port 3
13
14
Port 1
Generic Ap p l ic ation
Microcontroller
XC164CM
Sensors
Control
Outputs
Drivers
Power Supply
Power Control
Power Save Control
Programming,
Test, Debug,
Diagnosis, Interface
12 V
Communication
Interface Drivers
CAN
LIN
...
Temperature
Voltage
Current
Torsion
Distance
Pressure
Humidity
Light
G-force
...
Ordering No. B158-H8386-X-X-7600
Printed in Germany
PS 02042.
NB
Deriv a tive s
Type
Sales Code
Package
SAF-XC164CM-8F20F
Q67127-*
PG-TQFP-64
SAK-XC164CM-8F20F
Q67127-*
PG-TQFP-64
SAF-XC164CM-8F40F
Q67127-*
PG-TQFP-64
SAK-XC164CM-8F40F
Q67127-*
PG-TQFP-64


Similar Part No. - SAF-XC164CM-8F40F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAF-XC164CB-32F20F INFINEON-SAF-XC164CB-32F20F Datasheet
1Mb / 80P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, June 2005
SAF-XC164CB-32F40F INFINEON-SAF-XC164CB-32F40F Datasheet
1Mb / 80P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, June 2005
SAF-XC164CL-32F20F INFINEON-SAF-XC164CL-32F20F Datasheet
1Mb / 80P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, June 2005
SAF-XC164CL-32F40F INFINEON-SAF-XC164CL-32F40F Datasheet
1Mb / 80P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, June 2005
SAF-XC164CR-32F20F INFINEON-SAF-XC164CR-32F20F Datasheet
1Mb / 80P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, June 2005
More results

Similar Description - SAF-XC164CM-8F40F

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com