Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM32HG210F32G-A-QFN32 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # EFM32HG210F32G-A-QFN32
Description  Output state retention and wake-up from Shutoff Mode
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32HG210F32G-A-QFN32 Datasheet(HTML) 1 Page - Silicon Laboratories

  EFM32HG210F32G-A-QFN32 Datasheet HTML 1Page - Silicon Laboratories EFM32HG210F32G-A-QFN32 Datasheet HTML 2Page - Silicon Laboratories EFM32HG210F32G-A-QFN32 Datasheet HTML 3Page - Silicon Laboratories EFM32HG210F32G-A-QFN32 Datasheet HTML 4Page - Silicon Laboratories EFM32HG210F32G-A-QFN32 Datasheet HTML 5Page - Silicon Laboratories EFM32HG210F32G-A-QFN32 Datasheet HTML 6Page - Silicon Laboratories EFM32HG210F32G-A-QFN32 Datasheet HTML 7Page - Silicon Laboratories EFM32HG210F32G-A-QFN32 Datasheet HTML 8Page - Silicon Laboratories EFM32HG210F32G-A-QFN32 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
Preliminary
...the world's most energy friendly microcontrollers
2015-05-06 - EFM32HG210FXX - _Rev0.91
1
www.silabs.com
EFM32HG210 DATASHEET
F64/F32
Preliminary
• ARM Cortex-M0+ CPU platform
• High Performance 32-bit processor @ up to 25 MHz
• Wake-up Interrupt Controller
• Flexible Energy Management System
• 20 nA @ 3 V Shutoff Mode
• 0.6 µA @ 3 V Stop Mode, including Power-on Reset, Brown-out
Detector, RAM and CPU retention
• 0.9 µA @ 3 V Deep Sleep Mode, including RTC with 32.768 kHz
oscillator, Power-on Reset, Brown-out Detector, RAM and CPU
retention
• 53 µA/MHz @ 3 V Sleep Mode
• 132 µA/MHz @ 3 V Run Mode, with code executed from flash
• 64/32 KB Flash
• 8/4 KB RAM
• 24 General Purpose I/O pins
• Configurable push-pull, open-drain, pull-up/down, input filter, drive
strength
• Configurable peripheral I/O locations
• 14 asynchronous external interrupts
• Output state retention and wake-up from Shutoff Mode
• 6 Channel DMA Controller
• 6 Channel Peripheral Reflex System (PRS) for autonomous in-
ter-peripheral signaling
• Hardware AES with 128-bit keys in 54 cycles
• Timers/Counters
• 3× 16-bit Timer/Counter
• 3×3 Compare/Capture/PWM channels
• Dead-Time Insertion on TIMER0
• 1× 24-bit Real-Time Counter
• 1× 16-bit Pulse Counter
• Watchdog Timer with dedicated RC oscillator @ 50 nA
• Communication interfaces
• 2× Universal Synchronous/Asynchronous Receiv-
er/Transmitter
• UART/SPI/SmartCard (ISO 7816)/IrDA/I2S
• Triple buffered full/half-duplex operation
• Low Energy UART
• Autonomous operation with DMA in Deep Sleep
Mode
• I
2C Interface with SMBus support
• Address recognition in Stop Mode
• Ultra low power precision analog peripherals
• 12-bit 1 Msamples/s Analog to Digital Converter
• 4 single ended channels/ differential channels
• On-chip temperature sensor
• Current Digital to Analog Converter
• Selectable current range between 0.05 and 64 uA
• 1× Analog Comparator
• Capacitive sensing with up to 2 inputs
• Supply Voltage Comparator
• Ultra efficient Power-on Reset and Brown-Out Detec-
tor
• Debug Interface
• 2-pin Serial Wire Debug interface
• Micro Trace Buffer (MTB)
• Pre-Programmed UART Bootloader
• Temperature range -40 to 85 ºC
• Single power supply 1.98 to 3.8 V
• QFN32 package
• Preliminary - This datasheet revision applies to a product
under development
32-bit ARM Cortex-M0+, Cortex-M3 and Cortex-M4 microcontrollers for:
• Energy, gas, water and smart metering
• Health and fitness applications
• Smart accessories
• Alarm and security systems
• Industrial and home automation


Similar Part No. - EFM32HG210F32G-A-QFN32

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32HG210F32G-C-QFN32 SILABS-EFM32HG210F32G-C-QFN32 Datasheet
2Mb / 169P
   EFM32 Happy Gecko Family
Rev. 2.40
More results

Similar Description - EFM32HG210F32G-A-QFN32

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32LG232 SILABS-EFM32LG232 Datasheet
1Mb / 75P
   Output state retention and wake-up from Shutoff Mode
EFM32TG840 SILABS-EFM32TG840 Datasheet
2Mb / 70P
   Output state retention and wake-up from Shutoff Mode
EFM32WG280 SILABS-EFM32WG280 Datasheet
2Mb / 82P
   Output state retention and wake-up from Shutoff Mode
EFM32WG290 SILABS-EFM32WG290 Datasheet
2Mb / 82P
   Output state retention and wake-up from Shutoff Mode
EFM32ZG222 SILABS-EFM32ZG222 Datasheet
1Mb / 70P
   Output state retention and wake-up from Shutoff Mode
EFM32LG880 SILABS-EFM32LG880 Datasheet
2Mb / 85P
   Output state retention and wake-up from Shutoff Mode
EFM32GG942 SILABS-EFM32GG942 Datasheet
1Mb / 74P
   Output state retention and wake-up from Shutoff Mode
EFM32HG222 SILABS-EFM32HG222 Datasheet
1Mb / 70P
   Output state retention and wake-up from Shutoff Mode
EFM32WG330 SILABS-EFM32WG330 Datasheet
1Mb / 76P
   Output state retention and wake-up from Shutoff Mode
EFM32LG360 SILABS-EFM32LG360 Datasheet
1Mb / 75P
   Output state retention and wake-up from Shutoff Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com