Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23870-A1131-F100 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # V23870-A1131-F100
Description  Bi-Directional Pigtail SFF Transceiver 155 Mbit/s, 1310 nm Tx / 1550 nm Rx
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23870-A1131-F100 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button V23870-A1131-F100 Datasheet HTML 3Page - Infineon Technologies AG V23870-A1131-F100 Datasheet HTML 4Page - Infineon Technologies AG V23870-A1131-F100 Datasheet HTML 5Page - Infineon Technologies AG V23870-A1131-F100 Datasheet HTML 6Page - Infineon Technologies AG V23870-A1131-F100 Datasheet HTML 7Page - Infineon Technologies AG V23870-A1131-F100 Datasheet HTML 8Page - Infineon Technologies AG V23870-A1131-F100 Datasheet HTML 9Page - Infineon Technologies AG V23870-A1131-F100 Datasheet HTML 10Page - Infineon Technologies AG V23870-A1131-F100 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
V23870-Ax131-xx00
V23870-Ax132-xx00
Technical Data
Data Sheet
7
2003-06-13
Transmitter Electro-Optical Characteristics
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
Average Launched Power1)
Pout, max
–9
–3
dBm
Average Launched Power2)
–14
–8
Emission Wavelength Range
λ
1260
1360
nm
Spectral Bandwidth (RMS)
σλ
3.0
nm
Extinction Ratio (Dynamic)
ER
8.5
dB
Jitter (pkpk)
JPP
1
ns
Rise Time (20% - 80%)3)
tR
2.5
ns
Fall Time (20% - 80%)3)
tF
2.5
ns
Eye Diagram
ITU-T G.957 mask pattern
Data Input Differential Voltage
VDIFF
250
1600
mV
Reset Threshold4)
VTH
2.5
2.75
2.99
V
Reset Time-out4)
tRES
140
240
560
ms
Power on Delay
tPWR_ON
88
111
140
ms
Shut Off Time for TxDis
tDIS
6
ms
Max. Tx Supply Current5)
ITX
135
mA
Max. Tx Supply Current6)
185
1)
For V23870-A313x-xx00 and into single mode fiber, 9 µm diameter.
2)
For V23870-A113x-xx00 and into single mode fiber, 9 µm diameter.
3)
Rise and fall times are measured with the OC-3 filter ON.
4)
Laser power is shut down if power supply is below
VTH and switch on if power supply is above VTH after tRES.
5)
For V23870-Ax131-xx00.
6)
For V23870-Ax132-xx00.


Similar Part No. - V23870-A1131-F100

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23870-A2111-A100 INFINEON-V23870-A2111-A100 Datasheet
181Kb / 11P
   Bi-Directional Pigtail SFF Transceiver 155 Mb/s, 1310 nm Tx / 1310 nm Rx
JULY 2002
V23870-A2111-A200 INFINEON-V23870-A2111-A200 Datasheet
181Kb / 11P
   Bi-Directional Pigtail SFF Transceiver 155 Mb/s, 1310 nm Tx / 1310 nm Rx
JULY 2002
V23870-A2111-A500 INFINEON-V23870-A2111-A500 Datasheet
181Kb / 11P
   Bi-Directional Pigtail SFF Transceiver 155 Mb/s, 1310 nm Tx / 1310 nm Rx
JULY 2002
V23870-A2111-A600 INFINEON-V23870-A2111-A600 Datasheet
181Kb / 11P
   Bi-Directional Pigtail SFF Transceiver 155 Mb/s, 1310 nm Tx / 1310 nm Rx
JULY 2002
V23870-A2111-B100 INFINEON-V23870-A2111-B100 Datasheet
181Kb / 11P
   Bi-Directional Pigtail SFF Transceiver 155 Mb/s, 1310 nm Tx / 1310 nm Rx
JULY 2002
More results

Similar Description - V23870-A1131-F100

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23870-A2111-A100 INFINEON-V23870-A2111-A100 Datasheet
181Kb / 11P
   Bi-Directional Pigtail SFF Transceiver 155 Mb/s, 1310 nm Tx / 1310 nm Rx
JULY 2002
logo
Optoway Technology Inc
BTRS-3720G OPTOWAY-BTRS-3720G Datasheet
129Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3760G OPTOWAY-BTRS-3760G Datasheet
129Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3680G OPTOWAY-BTRS-3680G_09 Datasheet
129Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3740G OPTOWAY-BTRS-3740G_09 Datasheet
130Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3620G OPTOWAY-BTRS-3620G_09 Datasheet
129Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3660G OPTOWAY-BTRS-3660G_09 Datasheet
129Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3760G OPTOWAY-BTRS-3760G_09 Datasheet
130Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3780G OPTOWAY-BTRS-3780G_09 Datasheet
141Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3740G OPTOWAY-BTRS-3740G Datasheet
130Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com