Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM32HG310F32G-A-QFN32 Datasheet(PDF) 6 Page - Silicon Laboratories

Part # EFM32HG310F32G-A-QFN32
Description  Output state retention and wake-up from Shutoff Mode
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32HG310F32G-A-QFN32 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button EFM32HG310F32G-A-QFN32 Datasheet HTML 2Page - Silicon Laboratories EFM32HG310F32G-A-QFN32 Datasheet HTML 3Page - Silicon Laboratories EFM32HG310F32G-A-QFN32 Datasheet HTML 4Page - Silicon Laboratories EFM32HG310F32G-A-QFN32 Datasheet HTML 5Page - Silicon Laboratories EFM32HG310F32G-A-QFN32 Datasheet HTML 6Page - Silicon Laboratories EFM32HG310F32G-A-QFN32 Datasheet HTML 7Page - Silicon Laboratories EFM32HG310F32G-A-QFN32 Datasheet HTML 8Page - Silicon Laboratories EFM32HG310F32G-A-QFN32 Datasheet HTML 9Page - Silicon Laboratories EFM32HG310F32G-A-QFN32 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 69 page
background image
Preliminary
...the world's most energy friendly microcontrollers
2015-05-06 - EFM32HG310FXX - _Rev0.91
6
www.silabs.com
2.1.20 Analog to Digital Converter (ADC)
The ADC is a Successive Approximation Register (SAR) architecture, with a resolution of up to 12 bits
at up to one million samples per second. The integrated input mux can select inputs from 3 external
pins and 6 internal signals.
2.1.21 Current Digital to Analog Converter (IDAC)
The current digital to analog converter can source or sink a configurable constant current, which can
be output on, or sinked from pin or ADC. The current is configurable with several ranges of various
step sizes.
2.1.22 Advanced Encryption Standard Accelerator (AES)
The AES accelerator performs AES encryption and decryption with 128-bit. Encrypting or decrypting one
128-bit data block takes 52 HFCORECLK cycles with 128-bit keys. The AES module is an AHB slave
which enables efficient access to the data and key registers. All write accesses to the AES module must
be 32-bit operations, i.e. 8- or 16-bit operations are not supported.
2.1.23 General Purpose Input/Output (GPIO)
In the EFM32HG310, there are 22 General Purpose Input/Output (GPIO) pins, which are divided into
ports with up to 16 pins each. These pins can individually be configured as either an output or input. More
advanced configurations like open-drain, filtering and drive strength can also be configured individually
for the pins. The GPIO pins can also be overridden by peripheral pin connections, like Timer PWM
outputs or USART communication, which can be routed to several locations on the device. The GPIO
supports up to 13 asynchronous external pin interrupts, which enables interrupts from any pin on the
device. Also, the input value of a pin can be routed through the Peripheral Reflex System to other
peripherals.
2.2 Configuration Summary
The features of the EFM32HG310 is a subset of the feature set described in the EFM32HG Reference
Manual. Table 2.1 (p. 6) describes device specific implementation of the features.
Table 2.1. Configuration Summary
Module
Configuration
Pin Connections
Cortex-M0+
Full configuration
NA
DBG
Full configuration
DBG_SWCLK, DBG_SWDIO,
MSC
Full configuration
NA
DMA
Full configuration
NA
RMU
Full configuration
NA
EMU
Full configuration
NA
CMU
Full configuration
CMU_OUT0, CMU_OUT1
WDOG
Full configuration
NA
PRS
Full configuration
NA
USB
Full configuration
USB_VREGI, USB_VREGO, USB_DM,
USB_DMPU, USB_DP
I2C0
Full configuration
I2C0_SDA, I2C0_SCL
USART0
Full configuration with IrDA and I2S
US0_TX, US0_RX. US0_CLK, US0_CS
USART1
Full configuration with I2S and IrDA
US1_TX, US1_RX, US1_CLK, US1_CS


Similar Part No. - EFM32HG310F32G-A-QFN32

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32HG310F32G-C-QFN32 SILABS-EFM32HG310F32G-C-QFN32 Datasheet
2Mb / 169P
   EFM32 Happy Gecko Family
Rev. 2.40
More results

Similar Description - EFM32HG310F32G-A-QFN32

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32LG232 SILABS-EFM32LG232 Datasheet
1Mb / 75P
   Output state retention and wake-up from Shutoff Mode
EFM32TG840 SILABS-EFM32TG840 Datasheet
2Mb / 70P
   Output state retention and wake-up from Shutoff Mode
EFM32WG280 SILABS-EFM32WG280 Datasheet
2Mb / 82P
   Output state retention and wake-up from Shutoff Mode
EFM32WG290 SILABS-EFM32WG290 Datasheet
2Mb / 82P
   Output state retention and wake-up from Shutoff Mode
EFM32ZG222 SILABS-EFM32ZG222 Datasheet
1Mb / 70P
   Output state retention and wake-up from Shutoff Mode
EFM32LG880 SILABS-EFM32LG880 Datasheet
2Mb / 85P
   Output state retention and wake-up from Shutoff Mode
EFM32GG942 SILABS-EFM32GG942 Datasheet
1Mb / 74P
   Output state retention and wake-up from Shutoff Mode
EFM32HG222 SILABS-EFM32HG222 Datasheet
1Mb / 70P
   Output state retention and wake-up from Shutoff Mode
EFM32WG330 SILABS-EFM32WG330 Datasheet
1Mb / 76P
   Output state retention and wake-up from Shutoff Mode
EFM32LG360 SILABS-EFM32LG360 Datasheet
1Mb / 75P
   Output state retention and wake-up from Shutoff Mode
EFM32HG210 SILABS-EFM32HG210 Datasheet
1Mb / 69P
   Output state retention and wake-up from Shutoff Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com