Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM32HG350 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # EFM32HG350
Description  Output state retention and wake-up from Shutoff Mode
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32HG350 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button EFM32HG350 Datasheet HTML 5Page - Silicon Laboratories EFM32HG350 Datasheet HTML 6Page - Silicon Laboratories EFM32HG350 Datasheet HTML 7Page - Silicon Laboratories EFM32HG350 Datasheet HTML 8Page - Silicon Laboratories EFM32HG350 Datasheet HTML 9Page - Silicon Laboratories EFM32HG350 Datasheet HTML 10Page - Silicon Laboratories EFM32HG350 Datasheet HTML 11Page - Silicon Laboratories EFM32HG350 Datasheet HTML 12Page - Silicon Laboratories EFM32HG350 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 69 page
background image
Preliminary
...the world's most energy friendly microcontrollers
2015-05-06 - EFM32HG350FXX - _Rev0.91
9
www.silabs.com
in plastic, they are susceptible to mechanical damage and may be sensitive to light. When WLCSPs
must be used in an environment exposed to light, it may be necessary to cover the top and sides with
an opaque material.
3.4 Current Consumption
Table 3.3. Current Consumption
Symbol
Parameter
Condition
Min
Typ
Max
Unit
24 MHz HFXO, all peripheral
clocks disabled, VDD= 3.0 V,
TAMB=25°C
148
158
µA/
MHz
24 MHz HFXO, all peripheral
clocks disabled, VDD= 3.0 V,
TAMB=85°C
153
163
µA/
MHz
21 MHz HFRCO, all peripher-
al clocks disabled, VDD= 3.0 V,
TAMB=25°C
132
140
µA/
MHz
21 MHz HFRCO, all peripher-
al clocks disabled, VDD= 3.0 V,
TAMB=85°C
134
143
µA/
MHz
14 MHz HFRCO, all peripher-
al clocks disabled, VDD= 3.0 V,
TAMB=25°C
134
143
µA/
MHz
14 MHz HFRCO, all peripher-
al clocks disabled, VDD= 3.0 V,
TAMB=85°C
137
145
µA/
MHz
11 MHz HFRCO, all peripher-
al clocks disabled, VDD= 3.0 V,
TAMB=25°C
136
144
µA/
MHz
11 MHz HFRCO, all peripher-
al clocks disabled, VDD= 3.0 V,
TAMB=85°C
139
148
µA/
MHz
6.6 MHz HFRCO, all peripher-
al clocks disabled, VDD= 3.0 V,
TAMB=25°C
142
150
µA/
MHz
6.6 MHz HFRCO, all peripher-
al clocks disabled, VDD= 3.0 V,
TAMB=85°C
146
154
µA/
MHz
1.2 MHz HFRCO, all peripher-
al clocks disabled, VDD= 3.0 V,
TAMB=25°C
184
196
µA/
MHz
IEM0
EM0 current. No
prescaling. Running
prime number cal-
culation code from
Flash.
1.2 MHz HFRCO, all peripher-
al clocks disabled, VDD= 3.0 V,
TAMB=85°C
194
208
µA/
MHz
24 MHz HFXO, all peripheral
clocks disabled, VDD= 3.0 V,
TAMB=25°C
64
68
µA/
MHz
24 MHz HFXO, all peripheral
clocks disabled, VDD= 3.0 V,
TAMB=85°C
67
71
µA/
MHz
IEM1
EM1 current
21 MHz HFRCO, all peripher-
al clocks disabled, VDD= 3.0 V,
TAMB=25°C
53
57
µA/
MHz


Similar Part No. - EFM32HG350

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32HG350F32G-C-CSP36 SILABS-EFM32HG350F32G-C-CSP36 Datasheet
2Mb / 169P
   EFM32 Happy Gecko Family
Rev. 2.40
EFM32HG350F64G-C-CSP36 SILABS-EFM32HG350F64G-C-CSP36 Datasheet
2Mb / 169P
   EFM32 Happy Gecko Family
Rev. 2.40
More results

Similar Description - EFM32HG350

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32LG232 SILABS-EFM32LG232 Datasheet
1Mb / 75P
   Output state retention and wake-up from Shutoff Mode
EFM32TG840 SILABS-EFM32TG840 Datasheet
2Mb / 70P
   Output state retention and wake-up from Shutoff Mode
EFM32WG280 SILABS-EFM32WG280 Datasheet
2Mb / 82P
   Output state retention and wake-up from Shutoff Mode
EFM32WG290 SILABS-EFM32WG290 Datasheet
2Mb / 82P
   Output state retention and wake-up from Shutoff Mode
EFM32ZG222 SILABS-EFM32ZG222 Datasheet
1Mb / 70P
   Output state retention and wake-up from Shutoff Mode
EFM32LG880 SILABS-EFM32LG880 Datasheet
2Mb / 85P
   Output state retention and wake-up from Shutoff Mode
EFM32GG942 SILABS-EFM32GG942 Datasheet
1Mb / 74P
   Output state retention and wake-up from Shutoff Mode
EFM32HG222 SILABS-EFM32HG222 Datasheet
1Mb / 70P
   Output state retention and wake-up from Shutoff Mode
EFM32WG330 SILABS-EFM32WG330 Datasheet
1Mb / 76P
   Output state retention and wake-up from Shutoff Mode
EFM32LG360 SILABS-EFM32LG360 Datasheet
1Mb / 75P
   Output state retention and wake-up from Shutoff Mode
EFM32HG210 SILABS-EFM32HG210 Datasheet
1Mb / 69P
   Output state retention and wake-up from Shutoff Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com