Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM32JG1 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # EFM32JG1
Description  The EFM32 Jade Gecko MCUs are the world?셲 most energyfriendly microcontrollers
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32JG1 Datasheet(HTML) 2 Page - Silicon Laboratories

  EFM32JG1 Datasheet HTML 1Page - Silicon Laboratories EFM32JG1 Datasheet HTML 2Page - Silicon Laboratories EFM32JG1 Datasheet HTML 3Page - Silicon Laboratories EFM32JG1 Datasheet HTML 4Page - Silicon Laboratories EFM32JG1 Datasheet HTML 5Page - Silicon Laboratories EFM32JG1 Datasheet HTML 6Page - Silicon Laboratories EFM32JG1 Datasheet HTML 7Page - Silicon Laboratories EFM32JG1 Datasheet HTML 8Page - Silicon Laboratories EFM32JG1 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 94 page
background image
1. Feature List
The EFM32JG1 highlighted features are listed below.
• ARM Cortex-M3 CPU platform
• High Performance 32-bit processor @ up to 40 MHz
• Wake-up Interrupt Controller
• Flexible Energy Management System
• 60 μA/MHz in Energy Mode 0 (EM0)
• 1.4 μA EM2 DeepSleep current (RTCC running with state
and RAM retention)
• 1.1 μA EM3 Stop current (CRYOTIMER running with
state/RAM retention)
• Up to 256 kB flash program memory
• 32 kB RAM data memory
• Up to 32 General Purpose I/O Pins
• Configurable push-pull, open-drain, pull-up/down, input fil-
ter, drive strength
• Configurable peripheral I/O locations
• Asynchronous external interrupts
• Output state retention and wake-up from Shutoff Mode
• Hardware Cryptography
• AES 128/256-bit keys
• ECC B/K163, B/K233, P192, P224, P256
• SHA-1 and SHA-2 (SHA-224 and SHA-256)
• Timers/Counters
• 2× 16-bit Timer/Counter
• 3 + 4 Compare/Capture/PWM channels
• 1× 32-bit Real Time Counter and Calendar
• 1× 32-bit Ultra Low Energy CRYOTIMER for periodic wake-
up from any Energy Mode
• 16-bit Low Energy Timer for waveform generation
• 16-bit Pulse Counter with asynchronous operation
• Watchdog Timer with dedicated RC oscillator @ 50 nA
• 8 Channel DMA Controller
• 12 Channel Peripheral Reflex System (PRS) for autono-
mous inter-peripheral signaling
• Communication Interfaces
• 2× Universal Synchronous/Asynchronous Receiver/ Trans-
mitter
• UART/SPI/SmartCard (ISO 7816)/IrDA/I2S/LIN
• Triple buffered full/half-duplex operation with flow control
• Low Energy UART
• Autonomous operation with DMA in Deep Sleep Mode
• I2C Interface with SMBus support
• Address recognition in EM3 Stop Mode
• Ultra Low-Power Precision Analog Peripherals
• 12-bit 1 Msamples/s Analog to Digital Converter
• 2× Analog Comparator
• Digital to Analog Current Converter
• Up to 24 pins connected to analog channels (APORT)
shared between Analog Comparators, ADC, and IDAC
• Ultra efficient Power-on Reset and Brown-Out Detector
• Debug Interface
• 2-pin Serial Wire Debug interface
• 1-pin Serial Wire Viewer
• JTAG (programming only)
• Pre-Programmed UART Bootloader
• Wide Operating Range
• 1.85 V to 3.8 V single power supply
• Integrated dc-dc, down to 1.8 V output with up to 200 mA
load current for system
• Temperature range -40 to 85 ºC
• Packages
• 7 mm × 7 mm QFN48
• 5 mm × 5 mm QFN32
EFM32JG1 Data Sheet
Feature List
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.31 | 1


Similar Part No. - EFM32JG1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32JG12 SILABS-EFM32JG12 Datasheet
2Mb / 123P
   ARM Cortex-M3 at 40 MHz
EFM32JG1B100F128GM32-C0 SILABS-EFM32JG1B100F128GM32-C0 Datasheet
369Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM32JG1B100F128GM32-C0R SILABS-EFM32JG1B100F128GM32-C0R Datasheet
369Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM32JG1B100F256GM32-C0 SILABS-EFM32JG1B100F256GM32-C0 Datasheet
369Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM32JG1B100F256GM32-C0R SILABS-EFM32JG1B100F256GM32-C0R Datasheet
369Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - EFM32JG1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFM32WG980 ETC2-EFM32WG980 Datasheet
3Mb / 80P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG395 ETC2-EFM32WG395 Datasheet
3Mb / 77P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG990 ETC2-EFM32WG990 Datasheet
3Mb / 80P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG232 ETC2-EFM32WG232 Datasheet
3Mb / 72P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG280 ETC2-EFM32WG280 Datasheet
3Mb / 76P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E_08 Datasheet
210Kb / 4P
   World?셲 Most Power-Effi cient
logo
STMicroelectronics
AN2168 STMICROELECTRONICS-AN2168 Datasheet
201Kb / 15P
   The ST10F27x MCUs are derivatives of the STMicroelectronics
logo
Silicon Laboratories
EFM32WG SILABS-EFM32WG Datasheet
5Mb / 469P
   EFM32 Gecko Family
Rev. 2.42
logo
TEMEX
RFPO45 TEMEX-RFPO45 Datasheet
407Kb / 2P
   The RFPO45 is from the world?셲 smallest and first
logo
Silicon Laboratories
EFM32TG SILABS-EFM32TG Datasheet
2Mb / 202P
   EFM32 Gecko Family
Rev. 2.11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com