Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM32JG1B200F128GM48-B0 Datasheet(PDF) 3 Page - Silicon Laboratories

Part # EFM32JG1B200F128GM48-B0
Description  The EFM32 Jade Gecko MCUs are the world?셲 most energyfriendly microcontrollers
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32JG1B200F128GM48-B0 Datasheet(HTML) 3 Page - Silicon Laboratories

  EFM32JG1B200F128GM48-B0 Datasheet HTML 1Page - Silicon Laboratories EFM32JG1B200F128GM48-B0 Datasheet HTML 2Page - Silicon Laboratories EFM32JG1B200F128GM48-B0 Datasheet HTML 3Page - Silicon Laboratories EFM32JG1B200F128GM48-B0 Datasheet HTML 4Page - Silicon Laboratories EFM32JG1B200F128GM48-B0 Datasheet HTML 5Page - Silicon Laboratories EFM32JG1B200F128GM48-B0 Datasheet HTML 6Page - Silicon Laboratories EFM32JG1B200F128GM48-B0 Datasheet HTML 7Page - Silicon Laboratories EFM32JG1B200F128GM48-B0 Datasheet HTML 8Page - Silicon Laboratories EFM32JG1B200F128GM48-B0 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 94 page
background image
2. Ordering Information
Ordering Code
Flash (KB) RAM (KB)
DC-DC Converter
GPIO
Package
EFM32JG1B200F256GM48-B0*
256
32
Yes
32
QFN48
EFM32JG1B200F128GM48-B0*
128
32
Yes
32
QFN48
EFM32JG1B200F256GM32-B0*
256
32
Yes
20
QFN32
EFM32JG1B200F128GM32-B0*
128
32
Yes
20
QFN32
EFM32JG1B100F256GM32-B0*
256
32
No
24
QFN32
EFM32JG1B100F128GM32-B0*
128
32
No
24
QFN32
* Engineering Samples
EFM32
1 B
F
G
B0 R
Tape and Reel (Optional)
Revision
Pin Count
Package – M (QFN)
Flash Memory Size in kB
Memory Type (Flash)
Feature Set Code
G
J
200
256
M 32
Temperature Grade – G (-40 to +85 °C), I (-40 to +125 °C)
Performance Grade – P (Performance), B (Basic), V (Value)
Family – J (Jade), P (Pearl)
Generation
Energy Friendly Microcontroller 32-bit
Gecko
Figure 2.1. OPN Decoder
EFM32JG1 Data Sheet
Ordering Information
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.31 | 2


Similar Part No. - EFM32JG1B200F128GM48-B0

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32JG1B200F128GM48-C0 SILABS-EFM32JG1B200F128GM48-C0 Datasheet
369Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM32JG1B200F128GM48-C0R SILABS-EFM32JG1B200F128GM48-C0R Datasheet
369Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - EFM32JG1B200F128GM48-B0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFM32WG980 ETC2-EFM32WG980 Datasheet
3Mb / 80P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG395 ETC2-EFM32WG395 Datasheet
3Mb / 77P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG990 ETC2-EFM32WG990 Datasheet
3Mb / 80P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG232 ETC2-EFM32WG232 Datasheet
3Mb / 72P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG280 ETC2-EFM32WG280 Datasheet
3Mb / 76P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E_08 Datasheet
210Kb / 4P
   World?셲 Most Power-Effi cient
logo
STMicroelectronics
AN2168 STMICROELECTRONICS-AN2168 Datasheet
201Kb / 15P
   The ST10F27x MCUs are derivatives of the STMicroelectronics
logo
Silicon Laboratories
EFM32WG SILABS-EFM32WG Datasheet
5Mb / 469P
   EFM32 Gecko Family
Rev. 2.42
logo
TEMEX
RFPO45 TEMEX-RFPO45 Datasheet
407Kb / 2P
   The RFPO45 is from the world?셲 smallest and first
logo
Silicon Laboratories
EFM32TG SILABS-EFM32TG Datasheet
2Mb / 202P
   EFM32 Gecko Family
Rev. 2.11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com