Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM32JG1B200F128GM32-B0 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # EFM32JG1B200F128GM32-B0
Description  The EFM32 Jade Gecko MCUs are the world?셲 most energyfriendly microcontrollers
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32JG1B200F128GM32-B0 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button EFM32JG1B200F128GM32-B0 Datasheet HTML 7Page - Silicon Laboratories EFM32JG1B200F128GM32-B0 Datasheet HTML 8Page - Silicon Laboratories EFM32JG1B200F128GM32-B0 Datasheet HTML 9Page - Silicon Laboratories EFM32JG1B200F128GM32-B0 Datasheet HTML 10Page - Silicon Laboratories EFM32JG1B200F128GM32-B0 Datasheet HTML 11Page - Silicon Laboratories EFM32JG1B200F128GM32-B0 Datasheet HTML 12Page - Silicon Laboratories EFM32JG1B200F128GM32-B0 Datasheet HTML 13Page - Silicon Laboratories EFM32JG1B200F128GM32-B0 Datasheet HTML 14Page - Silicon Laboratories EFM32JG1B200F128GM32-B0 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 94 page
background image
4. Electrical Specifications
4.1 Electrical Characteristics
All electrical parameters in all tables are specified under the following conditions, unless stated otherwise:
• Typical values are based on TAMB=25 °C and VDD= 3.3 V, by production test and/or technology characterization.
• Minimum and maximum values represent the worst conditions of ambient temperature, supply voltage, and process variation.
Refer to Table 4.2 General Operating Conditions on page 11 for more details about operational supply and temperature limits.
4.1.1 Absolute Maximum Ratings
Stresses above those listed below may cause permanent damage to the device. This is a stress rating only and functional operation of
the devices at those or any other conditions above those indicated in the operation listings of this specification is not implied. Exposure
to maximum rating conditions for extended periods may affect device reliability. For more information on the available quality and relia-
bility data, see the Quality and Reliability Monitor Report at http://www.silabs.com/support/quality/pages/default.aspx.
Table 4.1. Absolute Maximum Ratings
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Storage temperature range
TSTG
-50
-
150
°C
External main supply voltage VDDMAX
0
-
3.8
V
External main supply voltage
ramp rate
VDDRAMPMAX
-
-
1
V / μs
Voltage on any 5V tolerant
GPIO pin1
VDIGPIN
-0.3
-
Min of 5.25
and IOVDD
+2
V
Voltage on non-5V tolerant
GPIO pins
-0.3
-
IOVDD+0.3
V
Voltage on HFXO pins
VHFXOPIN
-0.3
-
1.4
V
Total current into VSS ground
lines (sink)
IVSSMAX
-
-
TBD
mA
Current per I/O pin (sink)
IIOMAX
-
-
50
mA
Current per I/O pin (source)
-
-
50
mA
Current for all I/O pins (sink)
IIOALLMAX
-
-
TBD
mA
Current for all I/O pins
(source)
-
-
TBD
mA
Voltage difference between
AVDD and VREGVDD
ΔVDD
-
-
0.3
V
Note:
1. When a GPIO pin is routed to the analog module through the APORT, the maximum voltage = IOVDD.
EFM32JG1 Data Sheet
Electrical Specifications
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.31 | 10


Similar Part No. - EFM32JG1B200F128GM32-B0

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32JG1B200F128GM32-C0 SILABS-EFM32JG1B200F128GM32-C0 Datasheet
369Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM32JG1B200F128GM32-C0R SILABS-EFM32JG1B200F128GM32-C0R Datasheet
369Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - EFM32JG1B200F128GM32-B0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFM32WG980 ETC2-EFM32WG980 Datasheet
3Mb / 80P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG395 ETC2-EFM32WG395 Datasheet
3Mb / 77P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG990 ETC2-EFM32WG990 Datasheet
3Mb / 80P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG232 ETC2-EFM32WG232 Datasheet
3Mb / 72P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG280 ETC2-EFM32WG280 Datasheet
3Mb / 76P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E_08 Datasheet
210Kb / 4P
   World?셲 Most Power-Effi cient
logo
STMicroelectronics
AN2168 STMICROELECTRONICS-AN2168 Datasheet
201Kb / 15P
   The ST10F27x MCUs are derivatives of the STMicroelectronics
logo
Silicon Laboratories
EFM32WG SILABS-EFM32WG Datasheet
5Mb / 469P
   EFM32 Gecko Family
Rev. 2.42
logo
TEMEX
RFPO45 TEMEX-RFPO45 Datasheet
407Kb / 2P
   The RFPO45 is from the world?셲 smallest and first
logo
Silicon Laboratories
EFM32TG SILABS-EFM32TG Datasheet
2Mb / 202P
   EFM32 Gecko Family
Rev. 2.11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com