Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2029-09-SMLF Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 2029-09-SMLF
Description  Heavy Duty Gas Discharge Tube Surge Arrestor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2029-09-SMLF Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  2029-09-SMLF Datasheet HTML 1Page - Bourns Electronic Solutions 2029-09-SMLF Datasheet HTML 2Page - Bourns Electronic Solutions 2029-09-SMLF Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
How to Order
2029 - xx - SM -RP LF
Model Number Designator
Voltage (Divided by 10)
09 = 90 V
23 = 230 V
42 = 420 V
15 = 150 V
35 = 350 V
Surface Mount
Packaging Option
Blank = Bulk Packaging (Standard)
-RP
= 16 mm Reelpack (Optional)
RoHS Compliancy
LF = RoHS Compliant Product
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
2029-xx-SMLF Heavy Duty Gas Discharge Tube Surge Arrestor
Product Dimensions
Recommended Pad Layout
DIMENSIONS:
MM
(INCHES)
TOLERANCES: ±
0.25
(0.10)
7.9 ± 0.2
(.311 ± .008)
6.0 ± 0.3
(.236 ± .012)
0.43 ± 0.1
(.017 ± .004)
0.48 ± 0.1
(.019 ± .004)
7.50 ± 0.2
(.311 ± .008)
5.84
(.230)
1.78
(.070)
8.25
(.325)


Similar Part No. - 2029-09-SMLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2029-09-SMLF BOURNS-2029-09-SMLF Datasheet
250Kb / 3P
   Heavy Duty Gas Discharge Tube Surge Arrestor
2029-09-SMLF BOURNS-2029-09-SMLF_16 Datasheet
250Kb / 3P
   Heavy Duty Gas Discharge Tube Surge Arrestor
More results

Similar Description - 2029-09-SMLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2029-09-SMLF BOURNS-2029-09-SMLF_16 Datasheet
250Kb / 3P
   Heavy Duty Gas Discharge Tube Surge Arrestor
2029-XX-SMLF BOURNS-2029-XX-SMLF Datasheet
250Kb / 3P
   Heavy Duty Gas Discharge Tube Surge Arrestor
2017-09-A-RPLF BOURNS-2017-09-A-RPLF Datasheet
534Kb / 3P
   Gas Discharge Tube Surge Arrestor with FLAT Technology
2018-09 BOURNS-2018-09 Datasheet
347Kb / 3P
   Gas Discharge Tube Surge Arrestor with FLAT Technology
2019 BOURNS-2019 Datasheet
590Kb / 4P
   Gas Discharge Tube Surge Arrestor with FLAT Technology
2018 BOURNS-2018 Datasheet
586Kb / 4P
   Gas Discharge Tube Surge Arrestor with FLAT Technology
2017-09 BOURNS-2017-09 Datasheet
594Kb / 3P
   Gas Discharge Tube Surge Arrestor with FLAT짰 Technology
2046-09 BOURNS-2046-09 Datasheet
200Kb / 2P
   Heavy-Duty 3-Electrode Gas Discharge Tube
2046-XX-A BOURNS-2046-XX-A Datasheet
191Kb / 2P
   2046 Series Heavy-Duty 3-Electrode Gas Discharge Tube
2028-23 BOURNS-2028-23 Datasheet
162Kb / 2P
   Long Life Heavy-Duty 3-Electrode Gas Discharge Tube
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com