Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2029-23-SMLF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2029-23-SMLF
Description  Heavy Duty Gas Discharge Tube Surge Arrestor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2029-23-SMLF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2029-23-SMLF Datasheet HTML 1Page - Bourns Electronic Solutions 2029-23-SMLF Datasheet HTML 2Page - Bourns Electronic Solutions 2029-23-SMLF Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
Surface mount for economical assembly
High surge current rating
Designed to meet ITU-T K.12 class 5 surge
current requirements
Low capacitance and insertion loss
Stable breakdown throughout life
UL Recognized
Applications
Telecommunications
Industrial electronics
Commercial electronics
Automotive, aircraft, military electronics
Characteristics
2029-xx-SMLF Heavy Duty Gas Discharge Tube Surge Arrestor
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Test Methods per ITU-T K.12, IEEE C62.31 and IEC 61643-311 GDT standards.
Insulation Resistance ...................................... 100 V (50 V for Model 2029-09-SMLF).............> 1010 Ω
Glow Voltage ................................................... 10 mA................................................................~ 70 V
Arc Voltage ...................................................... > 1A...................................................................~ 12 V
Glow-Arc Transition Current .......................................................................................................< 0.5 A
Capacitance..................................................... 1 MHz ...............................................................< 1 pF
DC Holdover Voltage (2) .................................. 135 V, (52 V for Model 2029-09-SMLF;
80 V for Model 2029-15-SMLF) ........................< 150 ms
Impulse Discharge Current.............................. 25000 A, 8/20 μs ..............................................
1 operation minimum (3)
20000 A, 8/20 μs...............................................> 10 operations
5 kA, 10/350 μs ................................................
1 operation minimum (3)
100 A, 10/1000 μs.............................................> 300 operations
10 A, 10/1000 μs...............................................> 1500 operations
Alternating Discharge Current ......................... 65 Arms, 11 cycles ...........................................
1 operation minimum (3)
20 Arms, 1 s......................................................> 10 operations
Operating Temperature............................................................................................................... -55 to +105 °C
Climatic Category (IEC 60068-1)................................................................................................
40/90/21
Notes:
• UL recognized component, UL File E153537.
• Model number marking on tube: 2029-xxxV.
• Surface Mount (SM) parts may show a temporary increase in DCBD after the solder reflow process. Most devices will recover within 24 hours
time. It should be noted that there is no quality defect nor change in protection levels during the temporary change in DCBD.
• Sparkover limits ± 25% and IR >108 Ω after life.
• At delivery AQL 0.65 Level II, DIN ISO 2859.
• Bourns recommends reflowing surface mount devices per IPC/JEDEC J-STD-020 rev D.
(2) Network applied.
(3)
DC Sparkover may exceed ±20 % after discharge, but will continue to protect without venting.
Characteristic
Model No.
2029-09-SMLF
2029-15-SMLF
2029-23-SMLF
2029-35-SMLF
2029-42-SMLF
DC Sparkover ±20 %
@ 100 V/s
90 V
150 V
230 V
350 V
420 V
Impulse Sparkover (1)
100 V/μs (Typical)
100 V/μs (99 %)
275 V
375 V
325 V
375 V
450 V
500 V
600 V
625 V
650 V
750 V
Impulse Sparkover (1)
1 kV/μs (Typical)
1 kV/μs (99 %)
525 V
600 V
525 V
625 V
650 V
750 V
775 V
875 V
850 V
1000 V
Bourns offers a heavy duty 2-electrode GDT surge arrestor in an 8x6 mm surface mount (SM) package. The Model 2029-xx-SMLF
Series is categorized as a Class 5 rated GDT and attains the highest performance classification available under ITU K.12
requirements. High performance in a compact surface mount package makes this series ideal for use in heavily exposed
telecommunications, commercial and industrial applications.
(1)
Impulse Sparkover voltage is defined as typical values of distribution.


Similar Part No. - 2029-23-SMLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2029-23-SMLF BOURNS-2029-23-SMLF Datasheet
250Kb / 3P
   Heavy Duty Gas Discharge Tube Surge Arrestor
More results

Similar Description - 2029-23-SMLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2029-09-SMLF BOURNS-2029-09-SMLF_16 Datasheet
250Kb / 3P
   Heavy Duty Gas Discharge Tube Surge Arrestor
2029-XX-SMLF BOURNS-2029-XX-SMLF Datasheet
250Kb / 3P
   Heavy Duty Gas Discharge Tube Surge Arrestor
2017-09-A-RPLF BOURNS-2017-09-A-RPLF Datasheet
534Kb / 3P
   Gas Discharge Tube Surge Arrestor with FLAT Technology
2018-09 BOURNS-2018-09 Datasheet
347Kb / 3P
   Gas Discharge Tube Surge Arrestor with FLAT Technology
2019 BOURNS-2019 Datasheet
590Kb / 4P
   Gas Discharge Tube Surge Arrestor with FLAT Technology
2018 BOURNS-2018 Datasheet
586Kb / 4P
   Gas Discharge Tube Surge Arrestor with FLAT Technology
2017-09 BOURNS-2017-09 Datasheet
594Kb / 3P
   Gas Discharge Tube Surge Arrestor with FLAT짰 Technology
2046-09 BOURNS-2046-09 Datasheet
200Kb / 2P
   Heavy-Duty 3-Electrode Gas Discharge Tube
2046-XX-A BOURNS-2046-XX-A Datasheet
191Kb / 2P
   2046 Series Heavy-Duty 3-Electrode Gas Discharge Tube
2028-23 BOURNS-2028-23 Datasheet
162Kb / 2P
   Long Life Heavy-Duty 3-Electrode Gas Discharge Tube
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com