Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1411918 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 1411918
Description  Flush-type connector
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1411918 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  1411918 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1411918 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1411918 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1411918 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1411918 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
https://www.phoenixcontact.com/gb/products/1411918
30/11/2015   Page 3 / 5
Flush-type connector - SACC-CI-M12FST-4P SMD T - 1411918
Approvals
Approval details
UL Listed 
 
 
Nominal current IN
10 A
Nominal voltage UN
63 V
cUL Listed 
 
 
Nominal current IN
8 A
Nominal voltage UN
63 V
cULus Listed 
Accessories
Accessories
Contact insert
Sample set - SACC-CI-M12FST-4P SMD-SP - 1418631
Sample set, 4-position, SocketLink:straightLink:M12, T power, PCB mounting, SMD
 
 
Panel mounting base
Housing screw connection - SACC-BP-F-M12/M15-6-SMD - 1414021
Housing screw connection, SocketLink:M12, Rear mounting, M15 x 1
 
 


Similar Part No. - 1411918

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1411912 ETC2-1411912 Datasheet
90Kb / 4P
   Flush-type connector
1411913 ETC2-1411913 Datasheet
91Kb / 4P
   Flush-type connector
logo
PHOENIX CONTACT
1411913 PHOENIX-1411913 Datasheet
1Mb / 15P
   SACC-CI-M12FS-5P SMD T - Flush-type connector
logo
List of Unclassifed Man...
1411914 ETC2-1411914 Datasheet
91Kb / 4P
   Flush-type connector
1411915 ETC2-1411915 Datasheet
93Kb / 4P
   Flush-type connector
More results

Similar Description - 1411918

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1411915 ETC2-1411915 Datasheet
93Kb / 4P
   Flush-type connector
1411926 ETC2-1411926 Datasheet
90Kb / 4P
   Flush-type connector
1411916 ETC2-1411916 Datasheet
96Kb / 4P
   Flush-type connector
1411927 ETC2-1411927 Datasheet
90Kb / 4P
   Flush-type connector
logo
PHOENIX CONTACT
1529807 PHOENIX-1529807 Datasheet
70Kb / 4P
   Flush type connector
1554681 PHOENIX-1554681 Datasheet
73Kb / 4P
   Flush-type connector
logo
List of Unclassifed Man...
1411967 ETC2-1411967 Datasheet
153Kb / 5P
   Flush-type connector
1411930 ETC2-1411930 Datasheet
99Kb / 4P
   Flush-type connector
1411917 ETC2-1411917 Datasheet
99Kb / 4P
   Flush-type connector
1411912 ETC2-1411912 Datasheet
90Kb / 4P
   Flush-type connector
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com