Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACB-2RCAMJ-0006 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ACB-2RCAMJ-0006
Description  Stereo Audio Cable RCA Male to 3.5-mm Male, 6-ft.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ACB-2RCAMJ-0006 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ACB-2RCAMJ-0006 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Stereo Audio Cable, (2) RCA Male to (1) 3.5-mm Male, 6-ft.
(1.8-m)
ACB-2RCAMJ-0006
Product Highlights
Use to play sound from your PC or mobile devices on your stereo system with RCA jacks.
Transfers analog signals.
28 AWG
Guaranteed for life!
Tech Specs
Approvals
— RoHS; ECCN# 8544422900
Connectors
— Nickel-plated, (1) 3.5-mm male, (2) RCA male
Jacket
— PVC
Temperature
— Operating: 32° F to 158° F (0 to 70° C; Storage: 14° F to 176° F (-10 to +80°C)
NOTE: Technical specification weight is the unit weight. It is not the packaged shipping weight.


Similar Part No. - ACB-2RCAMJ-0006

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
ACB-20 COOPER-ACB-20 Datasheet
269Kb / 5P
   Automotive Circuit Breakers
More results

Similar Description - ACB-2RCAMJ-0006

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P315-06N TRIPPLITE-P315-06N Datasheet
477Kb / 2P
   3.5 mm Mini Stereo to 2 RCA Audio Y Splitter Adapter Cable (M/F), 6 in.
P314-006 TRIPPLITE-P314-006 Datasheet
156Kb / 2P
   3.5mm Mini Stereo to 2-RCA Audio Y Splitter Adapter Cable (3.5mm M to 2x RCA M), 6-ft.
logo
IOGEAR
G2LDPDP14 IOGEAR-G2LDPDP14 Datasheet
143Kb / 2P
   DisplayPort 1.4 Male-to-Male 6 Ft. Cable
G2LVGA006 IOGEAR-G2LVGA006 Datasheet
128Kb / 2P
   Ultra-Hi-Grade VGA Male to Male Cable (6 ft)
logo
Tripp Lite. All Rights ...
P314-012 TRIPPLITE-P314-012 Datasheet
156Kb / 2P
   3.5mm Mini Stereo to 2-RCA Audio Y Splitter Adapter Cable (3.5mm M to 2x RCA M), 12-ft.
P316-06N TRIPPLITE-P316-06N Datasheet
158Kb / 2P
   3.5mm Mini Stereo to Two RCA Audio Y Splitter Adapter Cable (3.5mm F to 2x RCA M), 6-in.
P31606N TRIPPLITE-P31606N Datasheet
483Kb / 2P
   3.5mm Mini Stereo to Two RCA Audio Y Splitter Adapter Cable (3.5mm F to 2x RCA M), 6-in
A060006 TRIPPLITE-A060006 Datasheet
478Kb / 2P
   RF Digital Coax Gold Audio Cable (RCA M-M), 6-ft
A060-006 TRIPPLITE-A060-006 Datasheet
156Kb / 2P
   RF Digital Coax Gold Audio Cable (RCA M/M), 6-ft.
logo
Assmann Electronics Inc...
AK-AV200 ASSMANN-AK-AV200 Datasheet
170Kb / 1P
   Stereo Connection Cable, Cinch Male to Cinch Male
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com