Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM32PG1B200F128GM48-B0 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # EFM32PG1B200F128GM48-B0
Description  Industrial and factory automation
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32PG1B200F128GM48-B0 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button EFM32PG1B200F128GM48-B0 Datasheet HTML 7Page - Silicon Laboratories EFM32PG1B200F128GM48-B0 Datasheet HTML 8Page - Silicon Laboratories EFM32PG1B200F128GM48-B0 Datasheet HTML 9Page - Silicon Laboratories EFM32PG1B200F128GM48-B0 Datasheet HTML 10Page - Silicon Laboratories EFM32PG1B200F128GM48-B0 Datasheet HTML 11Page - Silicon Laboratories EFM32PG1B200F128GM48-B0 Datasheet HTML 12Page - Silicon Laboratories EFM32PG1B200F128GM48-B0 Datasheet HTML 13Page - Silicon Laboratories EFM32PG1B200F128GM48-B0 Datasheet HTML 14Page - Silicon Laboratories EFM32PG1B200F128GM48-B0 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 94 page
background image
4. Electrical Specifications
4.1 Electrical Characteristics
All electrical parameters in all tables are specified under the following conditions, unless stated otherwise:
• Typical values are based on TAMB=25 °C and VDD= 3.3 V, by production test and/or technology characterization.
• Minimum and maximum values represent the worst conditions of ambient temperature, supply voltage, and process variation.
Refer to Table 4.2 General Operating Conditions on page 11 for more details about operational supply and temperature limits.
4.1.1 Absolute Maximum Ratings
Stresses above those listed below may cause permanent damage to the device. This is a stress rating only and functional operation of
the devices at those or any other conditions above those indicated in the operation listings of this specification is not implied. Exposure
to maximum rating conditions for extended periods may affect device reliability. For more information on the available quality and relia-
bility data, see the Quality and Reliability Monitor Report at http://www.silabs.com/support/quality/pages/default.aspx.
Table 4.1. Absolute Maximum Ratings
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Storage temperature range
TSTG
-50
-
150
°C
External main supply voltage VDDMAX
0
-
3.8
V
External main supply voltage
ramp rate
VDDRAMPMAX
-
-
1
V / μs
Voltage on any 5V tolerant
GPIO pin1
VDIGPIN
-0.3
-
Min of 5.25
and IOVDD
+2
V
Voltage on non-5V tolerant
GPIO pins
-0.3
-
IOVDD+0.3
V
Voltage on HFXO pins
VHFXOPIN
-0.3
-
1.4
V
Total current into VSS ground
lines (sink)
IVSSMAX
-
-
TBD
mA
Current per I/O pin (sink)
IIOMAX
-
-
50
mA
Current per I/O pin (source)
-
-
50
mA
Current for all I/O pins (sink)
IIOALLMAX
-
-
TBD
mA
Current for all I/O pins
(source)
-
-
TBD
mA
Voltage difference between
AVDD and VREGVDD
ΔVDD
-
-
0.3
V
Note:
1. When a GPIO pin is routed to the analog module through the APORT, the maximum voltage = IOVDD.
EFM32PG1 Data Sheet
Electrical Specifications
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.31 | 10


Similar Part No. - EFM32PG1B200F128GM48-B0

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32PG1B200F128GM48-C0 SILABS-EFM32PG1B200F128GM48-C0 Datasheet
369Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM32PG1B200F128GM48-C0R SILABS-EFM32PG1B200F128GM48-C0R Datasheet
369Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - EFM32PG1B200F128GM48-B0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83848C TI1-DP83848C_15 Datasheet
2Mb / 86P
[Old version datasheet]   Industrial Controls and Factory Automation
logo
Holt Integrated Circuit...
HI-4853 HOLTIC-HI-4853 Datasheet
1Mb / 14P
   Process Control and Factory Automation
logo
Amphenol Corporation
P29045 AMPHENOL-P29045 Datasheet
14Mb / 28P
   FACTORY AUTOMATION POWER AND CONTROL MEDIA
logo
Analog Devices
ADP2443 AD-ADP2443 Datasheet
802Kb / 25P
   Process control and industrial automation
logo
Bel Fuse Inc.
LDN481 BEL-LDN481 Datasheet
540Kb / 4P
   Industrial automation
logo
Silicon Laboratories
SI871X SILABS-SI871X Datasheet
1Mb / 35P
   Industrial automation
logo
EDA Technology Co.,LTD
ED-CM4IND10-0232-4C-I EDATEC-ED-CM4IND10-0232-4C-I Datasheet
2Mb / 5P
   Industrial Computer for IoT, Industrial Control and Automation
logo
Hirose Electric
HR31-5.08PA-5SC HIROSE-HR31-5.08PA-5SC Datasheet
1Mb / 8P
   Interface Connectors for Factory Automation Network
HR31 HIROSE-HR31 Datasheet
242Kb / 6P
   Interface Connectors for Factory Automation Network
HR31-5.08PA-5SC HIROSE-HR31-5.08PA-5SC_1 Datasheet
265Kb / 7P
   Interface Connectors for Factory Automation Network
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com