Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM32PG1B200F128GM32-B0 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # EFM32PG1B200F128GM32-B0
Description  Industrial and factory automation
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32PG1B200F128GM32-B0 Datasheet(HTML) 4 Page - Silicon Laboratories

  EFM32PG1B200F128GM32-B0 Datasheet HTML 1Page - Silicon Laboratories EFM32PG1B200F128GM32-B0 Datasheet HTML 2Page - Silicon Laboratories EFM32PG1B200F128GM32-B0 Datasheet HTML 3Page - Silicon Laboratories EFM32PG1B200F128GM32-B0 Datasheet HTML 4Page - Silicon Laboratories EFM32PG1B200F128GM32-B0 Datasheet HTML 5Page - Silicon Laboratories EFM32PG1B200F128GM32-B0 Datasheet HTML 6Page - Silicon Laboratories EFM32PG1B200F128GM32-B0 Datasheet HTML 7Page - Silicon Laboratories EFM32PG1B200F128GM32-B0 Datasheet HTML 8Page - Silicon Laboratories EFM32PG1B200F128GM32-B0 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 94 page
background image
3. System Overview
3.1 Introduction
The EFM32PG1 product family is well suited for any battery operated application as well as other systems requiring high performance
and low energy consumption. This section gives a short introduction to the MCU system. The detailed functional description can be
found in the EFM32PG1 Reference Manual.
A block diagram of the EFM32PG1 family is shown in Figure 3.1 Detailed EFM32PG1 Block Diagram on page 3. The diagram shows
a superset of features available on the family, which vary by OPN. For more information about specific device features, consult Order-
ing Information.
Clock Configuration
Analog Peripherals
LFXTAL_P
LFXTAL_N
LFXO
IDAC
ARM Cortex-M4 Core
Up to 256 KB ISP Flash
Program Memory
Up to 32 KB RAM
A
H
B
Watchdog
Timer
DC-DC
Converter
DVDD
Reset
Management
Unit
Voltage
Monitor / Brown
Out Detector
RESETn
Reset
Debug /
Programming
Hardware
Digital Peripherals
Port
Mapper
Port I/O Configuration
I2C
Analog Comparator
12-bit ADC
Temp
Sensor
VREF
VDD
VDD
Internal
Reference
TIMER
CRYOTIMER
PCNT
USART
Port A
Drivers
Port B
Drivers
PAn
Port C
Drivers
PCn
PBn
Port D
Drivers
PDn
LETIMER
RTC / RTCC
IOVDD
AUXHFRCO
HFRCO
ULFRCO
HFXO
Port F
Drivers
PFn
Serial Wire
Memory Protection Unit
LFRCO
A
P
B
LEUART
CRYPTO
CRC
DMA Controller
+
-
Power Net
VREGVDD
VSS
VREGVSS
VREGSW
bypass
HFXTAL_P
HFXTAL_N
Figure 3.1. Detailed EFM32PG1 Block Diagram
EFM32PG1 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.31 | 3


Similar Part No. - EFM32PG1B200F128GM32-B0

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32PG1B200F128GM32-C0 SILABS-EFM32PG1B200F128GM32-C0 Datasheet
369Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM32PG1B200F128GM32-C0R SILABS-EFM32PG1B200F128GM32-C0R Datasheet
369Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - EFM32PG1B200F128GM32-B0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83848C TI1-DP83848C_15 Datasheet
2Mb / 86P
[Old version datasheet]   Industrial Controls and Factory Automation
logo
Holt Integrated Circuit...
HI-4853 HOLTIC-HI-4853 Datasheet
1Mb / 14P
   Process Control and Factory Automation
logo
Amphenol Corporation
P29045 AMPHENOL-P29045 Datasheet
14Mb / 28P
   FACTORY AUTOMATION POWER AND CONTROL MEDIA
logo
Analog Devices
ADP2443 AD-ADP2443 Datasheet
802Kb / 25P
   Process control and industrial automation
logo
Bel Fuse Inc.
LDN481 BEL-LDN481 Datasheet
540Kb / 4P
   Industrial automation
logo
Silicon Laboratories
SI871X SILABS-SI871X Datasheet
1Mb / 35P
   Industrial automation
logo
EDA Technology Co.,LTD
ED-CM4IND10-0232-4C-I EDATEC-ED-CM4IND10-0232-4C-I Datasheet
2Mb / 5P
   Industrial Computer for IoT, Industrial Control and Automation
logo
Hirose Electric
HR31-5.08PA-5SC HIROSE-HR31-5.08PA-5SC Datasheet
1Mb / 8P
   Interface Connectors for Factory Automation Network
HR31 HIROSE-HR31 Datasheet
242Kb / 6P
   Interface Connectors for Factory Automation Network
HR31-5.08PA-5SC HIROSE-HR31-5.08PA-5SC_1 Datasheet
265Kb / 7P
   Interface Connectors for Factory Automation Network
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com