Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM32TG108F32-QFN24 Datasheet(PDF) 5 Page - Silicon Laboratories

Part # EFM32TG108F32-QFN24
Description  Output state retention and wake-up from Shutoff Mode
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32TG108F32-QFN24 Datasheet(HTML) 5 Page - Silicon Laboratories

  EFM32TG108F32-QFN24 Datasheet HTML 1Page - Silicon Laboratories EFM32TG108F32-QFN24 Datasheet HTML 2Page - Silicon Laboratories EFM32TG108F32-QFN24 Datasheet HTML 3Page - Silicon Laboratories EFM32TG108F32-QFN24 Datasheet HTML 4Page - Silicon Laboratories EFM32TG108F32-QFN24 Datasheet HTML 5Page - Silicon Laboratories EFM32TG108F32-QFN24 Datasheet HTML 6Page - Silicon Laboratories EFM32TG108F32-QFN24 Datasheet HTML 7Page - Silicon Laboratories EFM32TG108F32-QFN24 Datasheet HTML 8Page - Silicon Laboratories EFM32TG108F32-QFN24 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
...the world's most energy friendly microcontrollers
2015-03-06 - EFM32TG108FXX - d0032_Rev1.40
5
www.silabs.com
2.1.11 Universal Synchronous/Asynchronous Receiver/Transmitter (US-
ART)
The Universal Synchronous Asynchronous serial Receiver and Transmitter (USART) is a very flexible
serial I/O module. It supports full duplex asynchronous UART communication as well as RS-485, SPI,
MicroWire and 3-wire. It can also interface with ISO7816 SmartCards, IrDA and I2S devices.
2.1.12 Pre-Programmed UART Bootloader
The bootloader presented in application note AN0003 is pre-programmed in the device at factory. Auto-
baud and destructive write are supported. The autobaud feature, interface and commands are described
further in the application note.
2.1.13 Low Energy Universal Asynchronous Receiver/Transmitter
(LEUART)
The unique LEUART
TM, the Low Energy UART, is a UART that allows two-way UART communication on
a strict power budget. Only a 32.768 kHz clock is needed to allow UART communication up to 9600 baud/
s. The LEUART includes all necessary hardware support to make asynchronous serial communication
possible with minimum of software intervention and energy consumption.
2.1.14 Timer/Counter (TIMER)
The 16-bit general purpose Timer has 3 compare/capture channels for input capture and compare/Pulse-
Width Modulation (PWM) output.
2.1.15 Real Time Counter (RTC)
The Real Time Counter (RTC) contains a 24-bit counter and is clocked either by a 32.768 kHz crystal
oscillator, or a 32.768 kHz RC oscillator. In addition to energy modes EM0 and EM1, the RTC is also
available in EM2. This makes it ideal for keeping track of time since the RTC is enabled in EM2 where
most of the device is powered down.
2.1.16 Low Energy Timer (LETIMER)
The unique LETIMER
TM, the Low Energy Timer, is a 16-bit timer that is available in energy mode EM2
in addition to EM1 and EM0. Because of this, it can be used for timing and output generation when most
of the device is powered down, allowing simple tasks to be performed while the power consumption of
the system is kept at an absolute minimum. The LETIMER can be used to output a variety of waveforms
with minimal software intervention. It is also connected to the Real Time Counter (RTC), and can be
configured to start counting on compare matches from the RTC.
2.1.17 Pulse Counter (PCNT)
The Pulse Counter (PCNT) can be used for counting pulses on a single input or to decode quadrature
encoded inputs. It runs off either the internal LFACLK or the PCNTn_S0IN pin as external clock source.
The module may operate in energy mode EM0 - EM3.
2.1.18 Analog Comparator (ACMP)
The Analog Comparator is used to compare the voltage of two analog inputs, with a digital output indi-
cating which input voltage is higher. Inputs can either be one of the selectable internal references or from
external pins. Response time and thereby also the current consumption can be configured by altering
the current supply to the comparator.


Similar Part No. - EFM32TG108F32-QFN24

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32TG108F32-QFN24 SILABS-EFM32TG108F32-QFN24 Datasheet
265Kb / 2P
   Updated specifications based on the results of additional silicon characterization.
EFM32TG108F32-QFN24 SILABS-EFM32TG108F32-QFN24 Datasheet
328Kb / 3P
   Updated specifications based on the results of additional silicon characterization
EFM32TG108F32-QFN24T SILABS-EFM32TG108F32-QFN24T Datasheet
328Kb / 3P
   Updated specifications based on the results of additional silicon characterization
More results

Similar Description - EFM32TG108F32-QFN24

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32LG232 SILABS-EFM32LG232 Datasheet
1Mb / 75P
   Output state retention and wake-up from Shutoff Mode
EFM32TG840 SILABS-EFM32TG840 Datasheet
2Mb / 70P
   Output state retention and wake-up from Shutoff Mode
EFM32WG280 SILABS-EFM32WG280 Datasheet
2Mb / 82P
   Output state retention and wake-up from Shutoff Mode
EFM32WG290 SILABS-EFM32WG290 Datasheet
2Mb / 82P
   Output state retention and wake-up from Shutoff Mode
EFM32ZG222 SILABS-EFM32ZG222 Datasheet
1Mb / 70P
   Output state retention and wake-up from Shutoff Mode
EFM32LG880 SILABS-EFM32LG880 Datasheet
2Mb / 85P
   Output state retention and wake-up from Shutoff Mode
EFM32GG942 SILABS-EFM32GG942 Datasheet
1Mb / 74P
   Output state retention and wake-up from Shutoff Mode
EFM32HG222 SILABS-EFM32HG222 Datasheet
1Mb / 70P
   Output state retention and wake-up from Shutoff Mode
EFM32WG330 SILABS-EFM32WG330 Datasheet
1Mb / 76P
   Output state retention and wake-up from Shutoff Mode
EFM32LG360 SILABS-EFM32LG360 Datasheet
1Mb / 75P
   Output state retention and wake-up from Shutoff Mode
EFM32HG210 SILABS-EFM32HG210 Datasheet
1Mb / 69P
   Output state retention and wake-up from Shutoff Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com