Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23870-A2111-A500 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # V23870-A2111-A500
Description  Bi-Directional Pigtail SFF Transceiver 155 Mb/s, 1310 nm Tx / 1310 nm Rx
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23870-A2111-A500 Datasheet(HTML) 5 Page - Infineon Technologies AG

  V23870-A2111-A500 Datasheet HTML 1Page - Infineon Technologies AG V23870-A2111-A500 Datasheet HTML 2Page - Infineon Technologies AG V23870-A2111-A500 Datasheet HTML 3Page - Infineon Technologies AG V23870-A2111-A500 Datasheet HTML 4Page - Infineon Technologies AG V23870-A2111-A500 Datasheet HTML 5Page - Infineon Technologies AG V23870-A2111-A500 Datasheet HTML 6Page - Infineon Technologies AG V23870-A2111-A500 Datasheet HTML 7Page - Infineon Technologies AG V23870-A2111-A500 Datasheet HTML 8Page - Infineon Technologies AG V23870-A2111-A500 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Fiber Optics
5
V23870-A2111/2-xx00 BIDI Pigtail SFF transceiver
Receiver
Symbol
Min.
Typ.
Max.
Unit
Receiving wavelength center of range
6
λ
R
1270
1310
1350
nm
Sensitivity (Average Power)
7
PIN
-21
dBm
Saturation (Average Power)
PSAT
-3.0
dBm
Signal Detect Assert Level
8
PSDA
-22
dBm
Signal Detect Deassert Level
9
PSDD
-31
dBm
Signal Detect Hysteresis
PSDA-
PSDD
0.5
4
6
dB
Signal Detect Assert Time
tASS
100
µs
Signal Detect Deassert Time
tDAS
350
µs
Data Output Differential Voltage
10
VDIFF
0.4
0.8
1.0
V
Rise/Fall Time
tR; tF
1.5
ns
Max Rx Supply Current
11
IRX
60
130
mA
Module Electro-Optical Characteristics
Symbol
Min.
Typ.
Max.
Unit
Optical Isolation
12
ORL
14
dB
6 P
opt = Pout,max at T=25°C
7 Minimum average optical power at which the BER is less than1x10E–10. Measured with a 1023 –1 NRZ PRBS as recommended by ANSI
T1E1.2, SONET OC-3, and ITU G.957.
8 An increase in optical power above the specified level will cause the SIGNAL DETECT output to switch from a Low state to a High state.
9 A decrease in optical power below the specified level will cause the SIGNAL DETECT to change from a High state to a Low state.
10 AC/AC for data. Load 50
Ω to GND or 100Ω differential. For dynamic measurement a tolerance of 50mV should be added.
11 Supply current excluding Rx output load.
12 Source wavelength is 1550 nm, BiDi Tx and Rx is Off


Similar Part No. - V23870-A2111-A500

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23870-A1131-A100 INFINEON-V23870-A1131-A100 Datasheet
692Kb / 15P
   Bi-Directional Pigtail SFF Transceiver 155 Mbit/s, 1310 nm Tx / 1550 nm Rx
2003-06-13
V23870-A1131-A200 INFINEON-V23870-A1131-A200 Datasheet
692Kb / 15P
   Bi-Directional Pigtail SFF Transceiver 155 Mbit/s, 1310 nm Tx / 1550 nm Rx
2003-06-13
V23870-A1131-A500 INFINEON-V23870-A1131-A500 Datasheet
692Kb / 15P
   Bi-Directional Pigtail SFF Transceiver 155 Mbit/s, 1310 nm Tx / 1550 nm Rx
2003-06-13
V23870-A1131-A600 INFINEON-V23870-A1131-A600 Datasheet
692Kb / 15P
   Bi-Directional Pigtail SFF Transceiver 155 Mbit/s, 1310 nm Tx / 1550 nm Rx
2003-06-13
V23870-A1131-B100 INFINEON-V23870-A1131-B100 Datasheet
692Kb / 15P
   Bi-Directional Pigtail SFF Transceiver 155 Mbit/s, 1310 nm Tx / 1550 nm Rx
2003-06-13
More results

Similar Description - V23870-A2111-A500

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23870-A1131-A100 INFINEON-V23870-A1131-A100 Datasheet
692Kb / 15P
   Bi-Directional Pigtail SFF Transceiver 155 Mbit/s, 1310 nm Tx / 1550 nm Rx
2003-06-13
logo
Optoway Technology Inc
BTRS-3720G OPTOWAY-BTRS-3720G Datasheet
129Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3760G OPTOWAY-BTRS-3760G Datasheet
129Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3680G OPTOWAY-BTRS-3680G_09 Datasheet
129Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3740G OPTOWAY-BTRS-3740G_09 Datasheet
130Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3620G OPTOWAY-BTRS-3620G_09 Datasheet
129Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3660G OPTOWAY-BTRS-3660G_09 Datasheet
129Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3760G OPTOWAY-BTRS-3760G_09 Datasheet
130Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3780G OPTOWAY-BTRS-3780G_09 Datasheet
141Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTR-5840G OPTOWAY-BTR-5840G Datasheet
111Kb / 4P
   1310 nm TX / 1490 nm RX , 3.3V / 155 Mbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com