Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM32TG225 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # EFM32TG225
Description  Configurable peripheral I/O locations
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32TG225 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button EFM32TG225 Datasheet HTML 7Page - Silicon Laboratories EFM32TG225 Datasheet HTML 8Page - Silicon Laboratories EFM32TG225 Datasheet HTML 9Page - Silicon Laboratories EFM32TG225 Datasheet HTML 10Page - Silicon Laboratories EFM32TG225 Datasheet HTML 11Page - Silicon Laboratories EFM32TG225 Datasheet HTML 12Page - Silicon Laboratories EFM32TG225 Datasheet HTML 13Page - Silicon Laboratories EFM32TG225 Datasheet HTML 14Page - Silicon Laboratories EFM32TG225 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
...the world's most energy friendly microcontrollers
2015-03-06 - EFM32TG225FXX - d0205_Rev1.40
11
www.silabs.com
Figure 3.1. EM2 current consumption. RTC prescaled to 1kHz, 32.768 kHz LFRCO.
Figure 3.2. EM3 current consumption.
Figure 3.3. EM4 current consumption.


Similar Part No. - EFM32TG225

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32TG225F16-BGA48 SILABS-EFM32TG225F16-BGA48 Datasheet
265Kb / 2P
   Updated specifications based on the results of additional silicon characterization.
EFM32TG225F16-BGA48 SILABS-EFM32TG225F16-BGA48 Datasheet
328Kb / 3P
   Updated specifications based on the results of additional silicon characterization
EFM32TG225F16-BGA48T SILABS-EFM32TG225F16-BGA48T Datasheet
328Kb / 3P
   Updated specifications based on the results of additional silicon characterization
EFM32TG225F16-D-BGA48 SILABS-EFM32TG225F16-D-BGA48 Datasheet
2Mb / 202P
   EFM32 Gecko Family
Rev. 2.11
EFM32TG225F32-BGA48 SILABS-EFM32TG225F32-BGA48 Datasheet
265Kb / 2P
   Updated specifications based on the results of additional silicon characterization.
More results

Similar Description - EFM32TG225

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32GG990 SILABS-EFM32GG990 Datasheet
2Mb / 81P
   Configurable peripheral I/O locations
EFM32GG895 SILABS-EFM32GG895 Datasheet
2Mb / 81P
   Configurable peripheral I/O locations
EFM32WG232 SILABS-EFM32WG232 Datasheet
1Mb / 75P
   Configurable peripheral I/O locations
EFM32GG980 SILABS-EFM32GG980 Datasheet
2Mb / 81P
   Configurable peripheral I/O locations
EFM32LG295 SILABS-EFM32LG295 Datasheet
2Mb / 82P
   Configurable peripheral I/O locations
EFM32GG940 SILABS-EFM32GG940 Datasheet
1Mb / 73P
   Configurable peripheral I/O locations
EFM32TG842 SILABS-EFM32TG842 Datasheet
2Mb / 69P
   Configurable peripheral I/O locations
EFM32TG822 SILABS-EFM32TG822 Datasheet
2Mb / 68P
   Configurable peripheral I/O locations
EFM32ZG108 SILABS-EFM32ZG108 Datasheet
1Mb / 54P
   Configurable peripheral I/O locations
EFM32TG222 SILABS-EFM32TG222 Datasheet
2Mb / 66P
   Configurable peripheral I/O locations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com