Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM32WG840F64-QFN64 Datasheet(PDF) 7 Page - Silicon Laboratories

Part # EFM32WG840F64-QFN64
Description  Operation from backup battery when main power drains out
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32WG840F64-QFN64 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button EFM32WG840F64-QFN64 Datasheet HTML 3Page - Silicon Laboratories EFM32WG840F64-QFN64 Datasheet HTML 4Page - Silicon Laboratories EFM32WG840F64-QFN64 Datasheet HTML 5Page - Silicon Laboratories EFM32WG840F64-QFN64 Datasheet HTML 6Page - Silicon Laboratories EFM32WG840F64-QFN64 Datasheet HTML 7Page - Silicon Laboratories EFM32WG840F64-QFN64 Datasheet HTML 8Page - Silicon Laboratories EFM32WG840F64-QFN64 Datasheet HTML 9Page - Silicon Laboratories EFM32WG840F64-QFN64 Datasheet HTML 10Page - Silicon Laboratories EFM32WG840F64-QFN64 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 77 page
background image
...the world's most energy friendly microcontrollers
2014-06-13 - EFM32WG840FXX - d0195_Rev1.40
7
www.silabs.com
cycles with 256-bit keys. The AES module is an AHB slave which enables efficient access to the data
and key registers. All write accesses to the AES module must be 32-bit operations, i.e. 8- or 16-bit
operations are not supported.
2.1.27 General Purpose Input/Output (GPIO)
In the EFM32WG840, there are 56 General Purpose Input/Output (GPIO) pins, which are divided into
ports with up to 16 pins each. These pins can individually be configured as either an output or input. More
advanced configurations like open-drain, filtering and drive strength can also be configured individually
for the pins. The GPIO pins can also be overridden by peripheral pin connections, like Timer PWM
outputs or USART communication, which can be routed to several locations on the device. The GPIO
supports up to 16 asynchronous external pin interrupts, which enables interrupts from any pin on the
device. Also, the input value of a pin can be routed through the Peripheral Reflex System to other
peripherals.
2.1.28 Liquid Crystal Display Driver (LCD)
The LCD driver is capable of driving a segmented LCD display with up to 8x20 segments. A voltage
boost function enables it to provide the LCD display with higher voltage than the supply voltage for the
device. In addition, an animation feature can run custom animations on the LCD display without any
CPU intervention. The LCD driver can also remain active even in Energy Mode 2 and provides a Frame
Counter interrupt that can wake-up the device on a regular basis for updating data.
2.2 Configuration Summary
The features of the EFM32WG840 is a subset of the feature set described in the EFM32WG Reference
Manual. Table 2.1 (p. 7) describes device specific implementation of the features.
Table 2.1. Configuration Summary
Module
Configuration
Pin Connections
Cortex-M4
Full configuration
NA
DBG
Full configuration
DBG_SWCLK, DBG_SWDIO,
DBG_SWO
MSC
Full configuration
NA
DMA
Full configuration
NA
RMU
Full configuration
NA
EMU
Full configuration
NA
CMU
Full configuration
CMU_OUT0, CMU_OUT1
WDOG
Full configuration
NA
PRS
Full configuration
NA
I2C0
Full configuration
I2C0_SDA, I2C0_SCL
I2C1
Full configuration
I2C1_SDA, I2C1_SCL
USART0
Full configuration with IrDA
US0_TX, US0_RX. US0_CLK, US0_CS
USART1
Full configuration with I2S
US1_TX, US1_RX, US1_CLK, US1_CS
USART2
Full configuration with I2S
US2_TX, US2_RX, US2_CLK, US2_CS
LEUART0
Full configuration
LEU0_TX, LEU0_RX
LEUART1
Full configuration
LEU1_TX, LEU1_RX


Similar Part No. - EFM32WG840F64-QFN64

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32WG840F64-QFN64 SILABS-EFM32WG840F64-QFN64 Datasheet
282Kb / 4P
   Updated specifications based on the results of additional silicon characterization
More results

Similar Description - EFM32WG840F64-QFN64

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32WG390 SILABS-EFM32WG390 Datasheet
2Mb / 82P
   Operation from backup battery when main power drains out
EFM32WG890 SILABS-EFM32WG890 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG895 SILABS-EFM32WG895 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG842 SILABS-EFM32WG842 Datasheet
2Mb / 78P
   Operation from backup battery when main power drains out
EFM32WG880 SILABS-EFM32WG880 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG940 SILABS-EFM32WG940 Datasheet
2Mb / 77P
   Operation from backup battery when main power drains out
EFM32WG332 SILABS-EFM32WG332 Datasheet
2Mb / 76P
   Operation from backup battery when main power drains out
EFM32WG360 SILABS-EFM32WG360 Datasheet
1Mb / 75P
   Operation from backup battery when main power drains out
EFM32WG980 SILABS-EFM32WG980 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG995 SILABS-EFM32WG995 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com