Electronic Components Datasheet Search |
|
EFM32WG942 Datasheet(PDF) 1 Page - Silicon Laboratories |
|
EFM32WG942 Datasheet(HTML) 1 Page - Silicon Laboratories |
1 / 78 page ...the world's most energy friendly microcontrollers 2014-06-13 - EFM32WG942FXX - d0201_Rev1.40 1 www.silabs.com EFM32WG942 DATASHEET F256/F128/F64 • ARM Cortex-M4 CPU platform • High Performance 32-bit processor @ up to 48 MHz • DSP instruction support and floating-point unit • Memory Protection Unit • Flexible Energy Management System • 20 nA @ 3 V Shutoff Mode • 0.4 µA @ 3 V Shutoff Mode with RTC • 0.65 µA @ 3 V Stop Mode, including Power-on Reset, Brown-out Detector, RAM and CPU retention • 0.95 µA @ 3 V Deep Sleep Mode, including RTC with 32.768 kHz oscillator, Power-on Reset, Brown-out Detector, RAM and CPU retention • 63 µA/MHz @ 3 V Sleep Mode • 225 µA/MHz @ 3 V Run Mode, with code executed from flash • 256/128/64 KB Flash • 32 KB RAM • 50 General Purpose I/O pins • Configurable push-pull, open-drain, pull-up/down, input filter, drive strength • Configurable peripheral I/O locations • 16 asynchronous external interrupts • Output state retention and wake-up from Shutoff Mode • 12 Channel DMA Controller • 12 Channel Peripheral Reflex System (PRS) for autonomous in- ter-peripheral signaling • Hardware AES with 128/256-bit keys in 54/75 cycles • Timers/Counters • 4× 16-bit Timer/Counter • 4×3 Compare/Capture/PWM channels • Dead-Time Insertion on TIMER0 • 16-bit Low Energy Timer • 1× 24-bit Real-Time Counter and 1× 32-bit Real-Time Counter • 3× 16/8-bit Pulse Counter • Watchdog Timer with dedicated RC oscillator @ 50 nA • Integrated LCD Controller for up to 8×16 segments • Voltage boost, adjustable contrast and autonomous animation • Backup Power Domain • RTC and retention registers in a separate power domain, avail- able in all energy modes • Operation from backup battery when main power drains out • Communication interfaces • 3× Universal Synchronous/Asynchronous Receiv- er/Transmitter • UART/SPI/SmartCard (ISO 7816)/IrDA/I2S • 2× Low Energy UART • Autonomous operation with DMA in Deep Sleep Mode • 2× I 2C Interface with SMBus support • Address recognition in Stop Mode • Universal Serial Bus (USB) with Host & OTG support • Fully USB 2.0 compliant • On-chip PHY and embedded 5V to 3.3V regulator • Ultra low power precision analog peripherals • 12-bit 1 Msamples/s Analog to Digital Converter • 8 single ended channels/4 differential channels • On-chip temperature sensor • 12-bit 500 ksamples/s Digital to Analog Converter • 2× Analog Comparator • Capacitive sensing with up to 4 inputs • 3× Operational Amplifier • 6.1 MHz GBW, Rail-to-rail, Programmable Gain • Supply Voltage Comparator • Low Energy Sensor Interface (LESENSE) • Autonomous sensor monitoring in Deep Sleep Mode • Wide range of sensors supported, including LC sen- sors and capacitive buttons • Ultra efficient Power-on Reset and Brown-Out Detec- tor • Debug Interface • 2-pin Serial Wire Debug interface • 1-pin Serial Wire Viewer • Embedded Trace Module v3.5 (ETM) • Pre-Programmed USB/UART Bootloader • Temperature range -40 to 85 ºC • Single power supply 1.98 to 3.8 V • TQFP64 package 32-bit ARM Cortex-M0+, Cortex-M3 and Cortex-M4 microcontrollers for: • Energy, gas, water and smart metering • Health and fitness applications • Smart accessories • Alarm and security systems • Industrial and home automation |
Similar Part No. - EFM32WG942 |
|
Similar Description - EFM32WG942 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |