Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM32WG995F256-BGA120 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # EFM32WG995F256-BGA120
Description  Operation from backup battery when main power drains out
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32WG995F256-BGA120 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button EFM32WG995F256-BGA120 Datasheet HTML 5Page - Silicon Laboratories EFM32WG995F256-BGA120 Datasheet HTML 6Page - Silicon Laboratories EFM32WG995F256-BGA120 Datasheet HTML 7Page - Silicon Laboratories EFM32WG995F256-BGA120 Datasheet HTML 8Page - Silicon Laboratories EFM32WG995F256-BGA120 Datasheet HTML 9Page - Silicon Laboratories EFM32WG995F256-BGA120 Datasheet HTML 10Page - Silicon Laboratories EFM32WG995F256-BGA120 Datasheet HTML 11Page - Silicon Laboratories EFM32WG995F256-BGA120 Datasheet HTML 12Page - Silicon Laboratories EFM32WG995F256-BGA120 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 85 page
background image
...the world's most energy friendly microcontrollers
2014-06-13 - EFM32WG995FXX - d0204_Rev1.40
9
www.silabs.com
Module
Configuration
Pin Connections
VCMP
Full configuration
NA
ADC0
Full configuration
ADC0_CH[7:0]
DAC0
Full configuration
DAC0_OUT[1:0], DAC0_OUTxALT
OPAMP
Full configuration
Outputs: OPAMP_OUTx,
OPAMP_OUTxALT, Inputs:
OPAMP_Px, OPAMP_Nx
AES
Full configuration
NA
GPIO
93 pins
Available pins are shown in
Table 4.3 (p. 70)
LCD
Full configuration
LCD_SEG[35:0], LCD_COM[7:0],
LCD_BCAP_P, LCD_BCAP_N,
LCD_BEXT
2.3 Memory Map
The EFM32WG995 memory map is shown in Figure 2.2 (p. 9) , with RAM and Flash sizes for the
largest memory configuration.
Figure 2.2. EFM32WG995 Memory Map with largest RAM and Flash sizes


Similar Part No. - EFM32WG995F256-BGA120

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32WG995F256-BGA120 SILABS-EFM32WG995F256-BGA120 Datasheet
282Kb / 4P
   Updated specifications based on the results of additional silicon characterization
More results

Similar Description - EFM32WG995F256-BGA120

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32WG390 SILABS-EFM32WG390 Datasheet
2Mb / 82P
   Operation from backup battery when main power drains out
EFM32WG890 SILABS-EFM32WG890 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG895 SILABS-EFM32WG895 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG840 SILABS-EFM32WG840 Datasheet
2Mb / 77P
   Operation from backup battery when main power drains out
EFM32WG842 SILABS-EFM32WG842 Datasheet
2Mb / 78P
   Operation from backup battery when main power drains out
EFM32WG880 SILABS-EFM32WG880 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG940 SILABS-EFM32WG940 Datasheet
2Mb / 77P
   Operation from backup battery when main power drains out
EFM32WG332 SILABS-EFM32WG332 Datasheet
2Mb / 76P
   Operation from backup battery when main power drains out
EFM32WG360 SILABS-EFM32WG360 Datasheet
1Mb / 75P
   Operation from backup battery when main power drains out
EFM32WG980 SILABS-EFM32WG980 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com