Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM32ZG210 Datasheet(PDF) 7 Page - Silicon Laboratories

Part # EFM32ZG210
Description  Output state retention and wake-up from Shutoff Mode
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32ZG210 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button EFM32ZG210 Datasheet HTML 3Page - Silicon Laboratories EFM32ZG210 Datasheet HTML 4Page - Silicon Laboratories EFM32ZG210 Datasheet HTML 5Page - Silicon Laboratories EFM32ZG210 Datasheet HTML 6Page - Silicon Laboratories EFM32ZG210 Datasheet HTML 7Page - Silicon Laboratories EFM32ZG210 Datasheet HTML 8Page - Silicon Laboratories EFM32ZG210 Datasheet HTML 9Page - Silicon Laboratories EFM32ZG210 Datasheet HTML 10Page - Silicon Laboratories EFM32ZG210 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 69 page
background image
...the world's most energy friendly microcontrollers
2015-03-06 - EFM32ZG210FXX - d0065_Rev1.10
7
www.silabs.com
Module
Configuration
Pin Connections
GPIO
24 pins
Available pins are shown in
Table 4.3 (p. 54)
2.3 Memory Map
The EFM32ZG210 memory map is shown in Figure 2.2 (p. 7) , with RAM and Flash sizes for the
largest memory configuration.
Figure 2.2. EFM32ZG210 Memory Map with largest RAM and Flash sizes


Similar Part No. - EFM32ZG210

ManufacturerPart #DatasheetDescription
logo
Silicon image
EFM32ZG210 SILICONIMAGE-EFM32ZG210 Datasheet
1Mb / 65P
   Energy, gas, water and smart metering
logo
Silicon Laboratories
EFM32ZG210F16-B-QFN32 SILABS-EFM32ZG210F16-B-QFN32 Datasheet
2Mb / 104P
   EFM32 Zero Gecko Family
Rev. 2.20
logo
Silicon image
EFM32ZG210F16-QFN32 SILICONIMAGE-EFM32ZG210F16-QFN32 Datasheet
1Mb / 65P
   Energy, gas, water and smart metering
logo
Silicon Laboratories
EFM32ZG210F16-QFN32 SILABS-EFM32ZG210F16-QFN32 Datasheet
264Kb / 2P
   Updated specifications based on the results of additional silicon characterization.
EFM32ZG210F16-QFN32 SILABS-EFM32ZG210F16-QFN32 Datasheet
302Kb / 2P
   Updated specifications based on the results of additional silicon characterization.
More results

Similar Description - EFM32ZG210

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32LG232 SILABS-EFM32LG232 Datasheet
1Mb / 75P
   Output state retention and wake-up from Shutoff Mode
EFM32TG840 SILABS-EFM32TG840 Datasheet
2Mb / 70P
   Output state retention and wake-up from Shutoff Mode
EFM32WG280 SILABS-EFM32WG280 Datasheet
2Mb / 82P
   Output state retention and wake-up from Shutoff Mode
EFM32WG290 SILABS-EFM32WG290 Datasheet
2Mb / 82P
   Output state retention and wake-up from Shutoff Mode
EFM32ZG222 SILABS-EFM32ZG222 Datasheet
1Mb / 70P
   Output state retention and wake-up from Shutoff Mode
EFM32LG880 SILABS-EFM32LG880 Datasheet
2Mb / 85P
   Output state retention and wake-up from Shutoff Mode
EFM32GG942 SILABS-EFM32GG942 Datasheet
1Mb / 74P
   Output state retention and wake-up from Shutoff Mode
EFM32HG222 SILABS-EFM32HG222 Datasheet
1Mb / 70P
   Output state retention and wake-up from Shutoff Mode
EFM32WG330 SILABS-EFM32WG330 Datasheet
1Mb / 76P
   Output state retention and wake-up from Shutoff Mode
EFM32LG360 SILABS-EFM32LG360 Datasheet
1Mb / 75P
   Output state retention and wake-up from Shutoff Mode
EFM32HG210 SILABS-EFM32HG210 Datasheet
1Mb / 69P
   Output state retention and wake-up from Shutoff Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com