Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23870-A2111-K500 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # V23870-A2111-K500
Description  Bi-Directional Pigtail SFF Transceiver 155 Mb/s, 1310 nm Tx / 1310 nm Rx
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23870-A2111-K500 Datasheet(HTML) 3 Page - Infineon Technologies AG

  V23870-A2111-K500 Datasheet HTML 1Page - Infineon Technologies AG V23870-A2111-K500 Datasheet HTML 2Page - Infineon Technologies AG V23870-A2111-K500 Datasheet HTML 3Page - Infineon Technologies AG V23870-A2111-K500 Datasheet HTML 4Page - Infineon Technologies AG V23870-A2111-K500 Datasheet HTML 5Page - Infineon Technologies AG V23870-A2111-K500 Datasheet HTML 6Page - Infineon Technologies AG V23870-A2111-K500 Datasheet HTML 7Page - Infineon Technologies AG V23870-A2111-K500 Datasheet HTML 8Page - Infineon Technologies AG V23870-A2111-K500 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Fiber Optics
3
V23870-A2111/2-xx00 BIDI Pigtail SFF transceiver
The receiver component converts the optical serial data into PECL compatible electrical data (RD and RDnot). The
Signal Detect (SD, active high) shows whether an optical signal is present.
The transmitter converts PECL compatible electrical serial data (TD and TDnot) into optical serial data. Data lines
are differentially 100
Ω terminated.
The transmitter contains a laser driver circuit that drives the modulation and bias current of the laser diode. The
currents are controlled by a power control circuit to guarantee constant output power of the laser over temperature
and aging.
The power control uses the output of the monitor PIN diode (mechanically built into the laser coupling unit) as a
controlling signal, to prevent the laser power from exceeding the operating limits.
Single fault condition is ensured by means of an integrated automatic shutdown circuit that disables the laser
when it detects laser fault to guarantee the laser Eye Safety.
The transceiver contains a supervisory circuit to control the power supply. This circuit makes an internal reset
signal whenever the supply voltage drops below the reset threshold. It keeps the reset signal active for at least
140 milliseconds after the voltage has risen above the reset threshold. During this time the laser is inactive.
The laser can be disabled by the TxDis input.
Technical Data
The electro-optical characteristics described in the following tables are valid only for use under the recommended
operating conditions.
Recommended Operating Conditions
Symbol
Min.
Typ.
Max.
Unit
Operating Temperature Range at Case
1
TC
0
+70
°C
Operating Temperature Range at Case
2
TC
-40
+85
°C
Power Supply Voltage
VCC-VEE
3.1
3.3
3.53
V
Transmitter
Data Input Differential Voltage
VDIFF
250
1600
mV
Receiver
Input Center Wavelength
λ
C
1500
1600
nm
1 For V23870-A2111-xx00
2 For V23870-A2112-xx00


Similar Part No. - V23870-A2111-K500

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23870-A1131-A100 INFINEON-V23870-A1131-A100 Datasheet
692Kb / 15P
   Bi-Directional Pigtail SFF Transceiver 155 Mbit/s, 1310 nm Tx / 1550 nm Rx
2003-06-13
V23870-A1131-A200 INFINEON-V23870-A1131-A200 Datasheet
692Kb / 15P
   Bi-Directional Pigtail SFF Transceiver 155 Mbit/s, 1310 nm Tx / 1550 nm Rx
2003-06-13
V23870-A1131-A500 INFINEON-V23870-A1131-A500 Datasheet
692Kb / 15P
   Bi-Directional Pigtail SFF Transceiver 155 Mbit/s, 1310 nm Tx / 1550 nm Rx
2003-06-13
V23870-A1131-A600 INFINEON-V23870-A1131-A600 Datasheet
692Kb / 15P
   Bi-Directional Pigtail SFF Transceiver 155 Mbit/s, 1310 nm Tx / 1550 nm Rx
2003-06-13
V23870-A1131-B100 INFINEON-V23870-A1131-B100 Datasheet
692Kb / 15P
   Bi-Directional Pigtail SFF Transceiver 155 Mbit/s, 1310 nm Tx / 1550 nm Rx
2003-06-13
More results

Similar Description - V23870-A2111-K500

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23870-A1131-A100 INFINEON-V23870-A1131-A100 Datasheet
692Kb / 15P
   Bi-Directional Pigtail SFF Transceiver 155 Mbit/s, 1310 nm Tx / 1550 nm Rx
2003-06-13
logo
Optoway Technology Inc
BTRS-3720G OPTOWAY-BTRS-3720G Datasheet
129Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3760G OPTOWAY-BTRS-3760G Datasheet
129Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3680G OPTOWAY-BTRS-3680G_09 Datasheet
129Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3740G OPTOWAY-BTRS-3740G_09 Datasheet
130Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3620G OPTOWAY-BTRS-3620G_09 Datasheet
129Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3660G OPTOWAY-BTRS-3660G_09 Datasheet
129Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3760G OPTOWAY-BTRS-3760G_09 Datasheet
130Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3780G OPTOWAY-BTRS-3780G_09 Datasheet
141Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTR-5840G OPTOWAY-BTR-5840G Datasheet
111Kb / 4P
   1310 nm TX / 1490 nm RX , 3.3V / 155 Mbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com