Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WE100-2N1439 Datasheet(PDF) 2 Page - SICK AG

Part # WE100-2N1439
Description  Through-beam photoelectric sensor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WE100-2N1439 Datasheet(HTML) 2 Page - SICK AG

  WE100-2N1439 Datasheet HTML 1Page - SICK AG WE100-2N1439 Datasheet HTML 2Page - SICK AG WE100-2N1439 Datasheet HTML 3Page - SICK AG WE100-2N1439 Datasheet HTML 4Page - SICK AG WE100-2N1439 Datasheet HTML 5Page - SICK AG WE100-2N1439 Datasheet HTML 6Page - SICK AG WE100-2N1439 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Photoelectric sensorsAAAAAAAAAAAAA© SICK AG. Subject to change without notice.AAAAAAAAAAAAA2/15/2016 2:34:11 AM
Photoelectric sensors
W100-2, Through-beam photoelectric sensor
1) Average service life of 100,000 h at TA = +25 °C
Type
> WS/WE100-2N1439
Part No.
> 6052363
At a glance
Standard miniature housing with integrated M3 threaded mounting holes
Bright emitted light spot and clearly visible indicator LEDs
Light/dark switching and sensitivity adjustment possible
Special slotted diaphragms and polarization filters available
Long sensing ranges of up to 33 m
Your benefits
Long sensing ranges and safe usage thanks to a high functional reserve
Straightforward alignment thanks to bright light spot and clearly visible indicator
LEDs
Compatibility with a number of common mounting systems due to standard
housing with 1-inch hole spacing and integrated M3 threaded mounting hole
Special accessories mean that the optical characteristics can be further enhanced
depending on the application
Highly reliable and durable despite optical interference and mechanical loads
Illustration may differ
Features
Sensor/detection principle:
Through-beam photoelectric sensor
Dimensions (W x H x D):
11 mm x 31 mm x 20 mm
Housing design (light emission):
Rectangular
Sensing range max.:
0 m ... 33 m
Sensing range:
0 m ... 20 m
Type of light:
Visible red light
Light source:
LED 1)
Wave length:
632 nm
Adjustment:
Potentiometer, 270°
Light spot size (distance):
Ø 850 mm (12 m)
Mechanics/electronics
Supply voltage:
10 V DC ... 30 V DC 1)
Ripple:
± 10 % 2)
Power consumption, sender:
≤ 15 mA 3)
Power consumption, receiver:
≤ 20 mA 4)
Output type:
NPN


Similar Part No. - WE100-2N1439

ManufacturerPart #DatasheetDescription
logo
SICK AG
WE100-2N3439 SICK-WE100-2N3439 Datasheet
814Kb / 7P
   Through-beam photoelectric sensor
WE100-2N4439 SICK-WE100-2N4439 Datasheet
816Kb / 7P
   Through-beam photoelectric sensor
More results

Similar Description - WE100-2N1439

ManufacturerPart #DatasheetDescription
logo
Contrinex AG Industrial...
LLR-C23PA-NMS-400 CONTRINEX-LLR-C23PA-NMS-400 Datasheet
461Kb / 6P
   PHOTOELECTRIC SENSOR THROUGH-BEAM
logo
SICK AG
WSWE2F-E010S04 SICK-WSWE2F-E010S04 Datasheet
555Kb / 5P
   Through-beam photoelectric sensor
WSWE2F-F210 SICK-WSWE2F-F210 Datasheet
648Kb / 6P
   Through-beam photoelectric sensor
WSE4S-3E3130H SICK-WSE4S-3E3130H Datasheet
1Mb / 7P
   Through-beam photoelectric sensor
WSE4S-3F3130H SICK-WSE4S-3F3130H Datasheet
919Kb / 5P
   Through-beam photoelectric sensor
WSE4SL-3N1137 SICK-WSE4SL-3N1137 Datasheet
847Kb / 7P
   Through-beam photoelectric sensor
WSE9L-3N2237 SICK-WSE9L-3N2237 Datasheet
881Kb / 8P
   Through-beam photoelectric sensor
WSE2S-2P3030S02 SICK-WSE2S-2P3030S02 Datasheet
688Kb / 6P
   Through-beam photoelectric sensor
WSE2S-2P3130 SICK-WSE2S-2P3130 Datasheet
684Kb / 6P
   Through-beam photoelectric sensor
WSWE2F-E110 SICK-WSWE2F-E110 Datasheet
650Kb / 6P
   Through-beam photoelectric sensor
WSWE2F-P110 SICK-WSWE2F-P110 Datasheet
650Kb / 6P
   Through-beam photoelectric sensor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com