Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WL100-2P4330S14 Datasheet(PDF) 2 Page - SICK AG

Part # WL100-2P4330S14
Description  Photoelectric retro-reflective sensor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WL100-2P4330S14 Datasheet(HTML) 2 Page - SICK AG

  WL100-2P4330S14 Datasheet HTML 1Page - SICK AG WL100-2P4330S14 Datasheet HTML 2Page - SICK AG WL100-2P4330S14 Datasheet HTML 3Page - SICK AG WL100-2P4330S14 Datasheet HTML 4Page - SICK AG WL100-2P4330S14 Datasheet HTML 5Page - SICK AG WL100-2P4330S14 Datasheet HTML 6Page - SICK AG WL100-2P4330S14 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Photoelectric sensorsAAAAAAAAAAAAA© SICK AG. Subject to change without notice.AAAAAAAAAAAAA2/15/2016 2:32:12 AM
Photoelectric sensors
W100-2, Photoelectric retro-reflective sensor
1) 2) PL80A 3) Average service life: 100,000 h at TU = +25 °C
Type
> WL100-2P4330S14
Part No.
> 6052396
At a glance
Standard miniature housing with integrated M3 threaded mounting holes
Bright emitted light spot and clearly visible indicator LEDs
Light/dark switching and sensitivity adjustment possible
Long sensing ranges of up to 7.2 m on PL80A reflector
Your benefits
Long sensing ranges of up to 7.2 m thanks to a high functional reserve
Straightforward alignment thanks to bright light spot and clearly visible indicator
LEDs
Compatibility with a number of common mounting systems due to standard
housing with 1-inch hole spacing and integrated M3 threaded mounting hole
Highly reliable and durable despite optical interference and mechanical loads
Illustration may differ
Features
Sensor/detection principle:
Photoelectric retro-reflective sensor
Dimensions (W x H x D):
11 mm x 31 mm x 20 mm
Housing design (light emission):
Rectangular
Sensing range max.:
0.01 m ... 6.3 m 1)
Sensing range:
0.01 m ... 5 m 2)
Type of light:
Visible red light
Light source:
LED 3)
Wave length:
632 nm
Light spot size (distance):
Ø 280 mm (4 m)
Mechanics/electronics
Supply voltage:
10 V DC ... 30 V DC 1)
Ripple:
± 10 % 2)
Current consumption:
≤ 30 mA 3)
Output type:
PNP
Switching mode:
Light switching
Output current Imax.:
100 mA
Response time:
≤ 0.25 ms 4)
Switching frequency:
2,000 Hz 5)
Connection type:
Connector M8, 4-pin


Similar Part No. - WL100-2P4330S14

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL100-2P4239S09 SICK-WL100-2P4239S09 Datasheet
836Kb / 7P
   Photoelectric retro-reflective sensor
WL100-2P4400S38 SICK-WL100-2P4400S38 Datasheet
856Kb / 7P
   Photoelectric retro-reflective sensor
WL100-2P4429 SICK-WL100-2P4429 Datasheet
843Kb / 7P
   Photoelectric retro-reflective sensor
WL100-2P4430S23 SICK-WL100-2P4430S23 Datasheet
747Kb / 6P
   Photoelectric retro-reflective sensor
WL100-2P4439 SICK-WL100-2P4439 Datasheet
865Kb / 7P
   Photoelectric retro-reflective sensor
More results

Similar Description - WL100-2P4330S14

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2SGC-2P3234 SICK-WL2SGC-2P3234 Datasheet
756Kb / 7P
   Photoelectric retro-reflective sensor
WLG4-3N1382 SICK-WLG4-3N1382 Datasheet
779Kb / 6P
   Photoelectric retro-reflective sensor
WLG4-3P1482 SICK-WLG4-3P1482 Datasheet
779Kb / 6P
   Photoelectric retro-reflective sensor
WLG4-3P2132 SICK-WLG4-3P2132 Datasheet
793Kb / 6P
   Photoelectric retro-reflective sensor
WLG4S-3P1132V SICK-WLG4S-3P1132V Datasheet
1Mb / 7P
   Photoelectric retro-reflective sensor
WLG4S-3P2232V SICK-WLG4S-3P2232V Datasheet
1Mb / 7P
   Photoelectric retro-reflective sensor
WLG4S-3P2232VS03 SICK-WLG4S-3P2232VS03 Datasheet
1Mb / 6P
   Photoelectric retro-reflective sensor
WL8-P2131 SICK-WL8-P2131 Datasheet
733Kb / 7P
   Photoelectric retro-reflective sensor
WL8-P2231 SICK-WL8-P2231 Datasheet
740Kb / 7P
   Photoelectric retro-reflective sensor
WL8-P2231S05 SICK-WL8-P2231S05 Datasheet
729Kb / 7P
   Photoelectric retro-reflective sensor
WL100-2P1409S31 SICK-WL100-2P1409S31 Datasheet
860Kb / 7P
   Photoelectric retro-reflective sensor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com