Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23870-A2111-F600 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # V23870-A2111-F600
Description  Bi-Directional Pigtail SFF Transceiver 155 Mb/s, 1310 nm Tx / 1310 nm Rx
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23870-A2111-F600 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button V23870-A2111-F600 Datasheet HTML 3Page - Infineon Technologies AG V23870-A2111-F600 Datasheet HTML 4Page - Infineon Technologies AG V23870-A2111-F600 Datasheet HTML 5Page - Infineon Technologies AG V23870-A2111-F600 Datasheet HTML 6Page - Infineon Technologies AG V23870-A2111-F600 Datasheet HTML 7Page - Infineon Technologies AG V23870-A2111-F600 Datasheet HTML 8Page - Infineon Technologies AG V23870-A2111-F600 Datasheet HTML 9Page - Infineon Technologies AG V23870-A2111-F600 Datasheet HTML 10Page - Infineon Technologies AG V23870-A2111-F600 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Fiber Optics
10
V23870-A2111/2-xx00 BIDI Pigtail SFF transceiver
AC/AC coupling
Laser
Driver
Limiting
Amplifier
SD
R7
Rd- (4)
Rd+ (5)
TxDis (8)
TD+ (9)
TD- (10)
TxVee (7)
R4
R3
R1
R2
R6
R5
RxVee (1)
RxVcc (2)
TxVcc (6)
C2
C3
L2
C1
L1
Vcc
3.3V
Ser Data In-
Ser Data In+
Ser Data
Out+
Ser Data
Out-
Serializer/
Deserializer
Vcc
SerDes
3.3V
Vcc
L1, L2:
1...4.7
µH
C1, C2, C3:
4.7...10
µF
R1, R2:
biasing of outputs depending on Serializer
R3, R4:
127 Ohms
R5, R6:
80 Ohms
R7:
510 Ohms for PECL signal detect, open for TTL
Place R1/2/3/4/5/6 as close to SerDes chip as possible
SFF Transceiver
SD (3)
Receiver
ECL/PECL
Driver
100
Ohms


Similar Part No. - V23870-A2111-F600

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23870-A1131-A100 INFINEON-V23870-A1131-A100 Datasheet
692Kb / 15P
   Bi-Directional Pigtail SFF Transceiver 155 Mbit/s, 1310 nm Tx / 1550 nm Rx
2003-06-13
V23870-A1131-A200 INFINEON-V23870-A1131-A200 Datasheet
692Kb / 15P
   Bi-Directional Pigtail SFF Transceiver 155 Mbit/s, 1310 nm Tx / 1550 nm Rx
2003-06-13
V23870-A1131-A500 INFINEON-V23870-A1131-A500 Datasheet
692Kb / 15P
   Bi-Directional Pigtail SFF Transceiver 155 Mbit/s, 1310 nm Tx / 1550 nm Rx
2003-06-13
V23870-A1131-A600 INFINEON-V23870-A1131-A600 Datasheet
692Kb / 15P
   Bi-Directional Pigtail SFF Transceiver 155 Mbit/s, 1310 nm Tx / 1550 nm Rx
2003-06-13
V23870-A1131-B100 INFINEON-V23870-A1131-B100 Datasheet
692Kb / 15P
   Bi-Directional Pigtail SFF Transceiver 155 Mbit/s, 1310 nm Tx / 1550 nm Rx
2003-06-13
More results

Similar Description - V23870-A2111-F600

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23870-A1131-A100 INFINEON-V23870-A1131-A100 Datasheet
692Kb / 15P
   Bi-Directional Pigtail SFF Transceiver 155 Mbit/s, 1310 nm Tx / 1550 nm Rx
2003-06-13
logo
Optoway Technology Inc
BTRS-3720G OPTOWAY-BTRS-3720G Datasheet
129Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3760G OPTOWAY-BTRS-3760G Datasheet
129Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3680G OPTOWAY-BTRS-3680G_09 Datasheet
129Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3740G OPTOWAY-BTRS-3740G_09 Datasheet
130Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3620G OPTOWAY-BTRS-3620G_09 Datasheet
129Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3660G OPTOWAY-BTRS-3660G_09 Datasheet
129Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3760G OPTOWAY-BTRS-3760G_09 Datasheet
130Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3780G OPTOWAY-BTRS-3780G_09 Datasheet
141Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTR-5840G OPTOWAY-BTR-5840G Datasheet
111Kb / 4P
   1310 nm TX / 1490 nm RX , 3.3V / 155 Mbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com