Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL1677 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AL1677
Description  UNIVERSAL, HIGH EFFICIENCY AND ACCURACY LED DRIVER CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1677 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AL1677 Datasheet HTML 3Page - Diodes Incorporated AL1677 Datasheet HTML 4Page - Diodes Incorporated AL1677 Datasheet HTML 5Page - Diodes Incorporated AL1677 Datasheet HTML 6Page - Diodes Incorporated AL1677 Datasheet HTML 7Page - Diodes Incorporated AL1677 Datasheet HTML 8Page - Diodes Incorporated AL1677 Datasheet HTML 9Page - Diodes Incorporated AL1677 Datasheet HTML 10Page - Diodes Incorporated AL1677 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AL1677
Document number: DS37526 Rev. 1 - 2
7 of 13
www.diodes.com
November 2015
© Diodes Incorporated
AL1677
Application Information
Convertor Operation
The AL1677 is designed for single-inductance buck application and is an extremely low BOM cost solution widely used in non-isolated situations.
The AL1677 operates at boundary conduction mode (BCM) which can get good EMI performance. The device internally integrates a 500V high-
voltage MOSFET. The AL1677 adopts a novel method to detect the tOFF time and achieve an extremely low operation current, so the device does
not need the auxiliary winding for VCC supply and detecting the tOFF time. It also has good constant current control which can guarantee the
system current accuracy.
OUT
+
VCC
CS
GND
U1 AL1677
C3
R1
AC
Input
F1
DB1
C1
ROVP
NC
R2
CS
D
C2
D1
L1
R4
R5
R3
D
1
2
3
4
5
6
7
8
Figure 1 Typical Application Circuit
Start-up and Supply Voltage
Before start-up, the VCC capacitor C2 is charged by the startup resistors (R1, R2) from the high voltage mains. When the start-up voltage is
reached, the AL1677 starts switching. During normal operation, the VCC supply is provided by start-up resisters (R1, R2) and internal source
driver circuit.
The AL1677 has an internal VCC clamp voltage (typical 16.2V), which is limited by one internal active Zener diode.
When VCC voltage drops to below the undervoltage lockout (UVLO), switching is stop, the IC can restart when the voltage on VCC pin is
exceeding the startup voltage (VTH (ST)).
Protections
Undervoltage Lockout (UVLO)
When the voltage on the VCC pin drops to below VOPR(Min), the IC stops switching. The IC can restart when the voltage on VCC is exceeds the
startup voltage (VTH(ST))
Leading-Edge Blanking (LEB)
To prevent false detection of the peak current of the inductor, a blanking time following switch-on is designed. When the internal switch turns on, a
short current spike can occur because of the capacitive discharge of the voltage over the drain and source. It is disregarded during the LEB time
(tON_MIN).
Cycle-by-cycle Overcurrent Protection (OCP)
The AL1677 has a built-in peak current detector. It triggers when the voltage on CS pin reaches the peak level VCS_CLAMP. The R5 is connected to
the CS pin to sense the current of the inductor. The maximum peak current (IPEAK(MAX))of the inductor can be calculated as below:
_ REF
5
CS
PEAK
V
I
R
The detection circuit is activated after the LEB time. When the detection circuit sense the CS voltage is higher than 0.4V, the IC will turn off the
switching to limit the output current. It automatically provides protection for the maximum LED current during operation. A propagation delay exists
between overcurrent detection and actual source-switch off, so the actual peak current is a little higher than the OCP level set by the R5.
Output-Short Protection (OSP)
When LED is shorted, the device cannot detect the tOFF time, and the device controls the system operation at 5kHz low frequency.


Similar Part No. - AL1677

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL1672 DIODES-AL1672 Datasheet
293Kb / 14P
   SINGLE STAGE DIMMABLE BUCK CONVERTER
AL1672-40CSP-13 DIODES-AL1672-40CSP-13 Datasheet
293Kb / 14P
   SINGLE STAGE DIMMABLE BUCK CONVERTER
AL1673 DIODES-AL1673 Datasheet
317Kb / 15P
   UNIVERSAL FLYBACK AND BUCK-BOOST SINGLE STAGE DIMMABLE LED DRIVER
AL1673-20CSP-13 DIODES-AL1673-20CSP-13 Datasheet
317Kb / 15P
   UNIVERSAL FLYBACK AND BUCK-BOOST SINGLE STAGE DIMMABLE LED DRIVER
AL1676 DIODES-AL1676 Datasheet
487Kb / 15P
   UNIVERSAL HIGH POWER FACTOR BUCK LED DRIVER
More results

Similar Description - AL1677

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17021EVKIT MAXIM-MAX17021EVKIT Datasheet
1Mb / 15P
   High Speed, Accuracy, and Efficiency
Rev 0; 3/09
logo
Grenergy Opto, lnc.
GR8210 GRENERGY-GR8210 Datasheet
702Kb / 14P
   Universal and Dimmable LED Driver
logo
Diodes Incorporated
AP1688 DIODES-AP1688 Datasheet
359Kb / 10P
   AC/DC, HIGH PF, HIGH EFFICIENCY, UNIVERSAL MAINS LED DRIVER CONTROLLER
logo
Microsemi Corporation
LX1994 MICROSEMI-LX1994 Datasheet
306Kb / 13P
   High Efficiency LED Driver
LX1992 MICROSEMI-LX1992 Datasheet
325Kb / 11P
   High Efficiency LED Driver
LX1993 MICROSEMI-LX1993 Datasheet
453Kb / 12P
   High Efficiency LED Driver
LX1994 MICROSEMI-LX1994_06 Datasheet
256Kb / 13P
   High Efficiency LED Driver
logo
Semtech Corporation
SC4505 SEMTECH-SC4505_07 Datasheet
369Kb / 15P
   High Efficiency Boost Converter for Backlight/Flash LED Driver
logo
Richtek Technology Corp...
RT9278 RICHTEK-RT9278 Datasheet
205Kb / 13P
   High Efficiency Boost LDO Converter & High Power White LED Driver
logo
Semtech Corporation
SC4505 SEMTECH-SC4505 Datasheet
368Kb / 15P
   High Efficiency Boost Converter for Backlight/Flash LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com