Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL8812FDF-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AL8812FDF-13
Description  BOOST - BUCK DC-DC CONVERTER FOR DIMMABLE MR16 LED LAMPS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8812FDF-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  AL8812FDF-13 Datasheet HTML 1Page - Diodes Incorporated AL8812FDF-13 Datasheet HTML 2Page - Diodes Incorporated AL8812FDF-13 Datasheet HTML 3Page - Diodes Incorporated AL8812FDF-13 Datasheet HTML 4Page - Diodes Incorporated AL8812FDF-13 Datasheet HTML 5Page - Diodes Incorporated AL8812FDF-13 Datasheet HTML 6Page - Diodes Incorporated AL8812FDF-13 Datasheet HTML 7Page - Diodes Incorporated AL8812FDF-13 Datasheet HTML 8Page - Diodes Incorporated AL8812FDF-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AL8812
Document number: DS37099 Rev. 1 - 2
1 of 11
www.diodes.com
March 2014
© Diodes Incorporated
AL8812
BOOST/BUCK DC-DC CONVERTER FOR DIMMABLE MR16 LED LAMPS
Description
The AL8812 is a monolithic control circuit containing the primary
functions required for DC-to-DC converters with MOSFET in one
package. These devices consist of an internal temperature
compensated reference, comparator, controlled duty cycle oscillator
with an active current limit circuit, driver and high current output
switch. Additionally a 60V, 3.6A MOSFET is integrated for reduced
BOM cost and size. This series is specifically designed for buck and
boost applications with a minimum number of external components.
Features
Operation from 3.0V to 20V Input
Integrated 60V, 3.6A MOSFET
Low Standby Current
Current Limiting
Output Voltage Adjustable
Frequency Operation to 100 kHz
Precision 2% Reference
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
Applications
• Low Voltage LED Lighting such as MR-16
• General Purpose DC-DC Converter
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit
Dimmable MR-16 LED Driver System Diagram
(For detailed schematic please contact your Diodes Sales Representative)
NC
GATE
INPUT
VCC
SENSE
DRIVE
SW/C
SW/E
GND
TIMING
SOURCE
DRAIN
U-DFN6040-12
2
3
4
5
6
7
8
9
10
11
12
1


Similar Part No. - AL8812FDF-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8811 DIODES-AL8811 Datasheet
496Kb / 11P
   Boost/Buck/Inverting DC-DC CONVERTER
AL8811M8-13 DIODES-AL8811M8-13 Datasheet
496Kb / 11P
   Boost/Buck/Inverting DC-DC CONVERTER
More results

Similar Description - AL8812FDF-13

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
   Buck-boost DC-DC converter
February 2009 Rev 1
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
   Buck-Boost DC-DC converter
logo
STMicroelectronics
STBB1-AXX STMICROELECTRONICS-STBB1-AXX Datasheet
1Mb / 24P
   Buck-boost DC-DC converter
October 2014 Rev 4
logo
Maxim Integrated Produc...
MAX25610A MAXIM-MAX25610A Datasheet
1Mb / 24P
   Synchronous Buck and Buck-Boost LED Driver/DC-DC Converter
Rev 5; 4/19
logo
Bright Power Semiconduc...
BP1808 BPS-BP1808 Datasheet
309Kb / 2P
   Boost, Buck and Buck-Boost DC/DC LED Driver
logo
Diodes Incorporated
ZXLD1322 DIODES-ZXLD1322 Datasheet
279Kb / 17P
   BUCK/BOOST MODE DC-DC CONVERTER
AL8811 DIODES-AL8811 Datasheet
496Kb / 11P
   Boost/Buck/Inverting DC-DC CONVERTER
logo
Linear Technology
LTC3440 LINER-LTC3440_15 Datasheet
289Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
IC-Haus GmbH
IC-DC ICHAUS-IC-DC_17 Datasheet
846Kb / 19P
   2-CHANNEL BUCK/BOOST DC/DC CONVERTER
logo
Linear Technology
LTC3440 LINER-LTC3440 Datasheet
220Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com