Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23870-A3132-C500 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # V23870-A3132-C500
Description  Bi-Directional Pigtail SFF Transceiver 155 Mbit/s, 1310 nm Tx / 1550 nm Rx
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23870-A3132-C500 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button V23870-A3132-C500 Datasheet HTML 5Page - Infineon Technologies AG V23870-A3132-C500 Datasheet HTML 6Page - Infineon Technologies AG V23870-A3132-C500 Datasheet HTML 7Page - Infineon Technologies AG V23870-A3132-C500 Datasheet HTML 8Page - Infineon Technologies AG V23870-A3132-C500 Datasheet HTML 9Page - Infineon Technologies AG V23870-A3132-C500 Datasheet HTML 10Page - Infineon Technologies AG V23870-A3132-C500 Datasheet HTML 11Page - Infineon Technologies AG V23870-A3132-C500 Datasheet HTML 12Page - Infineon Technologies AG V23870-A3132-C500 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
V23870-Ax131-xx00
V23870-Ax132-xx00
Technical Data
Data Sheet
9
2003-06-13
Module Electro-Optical Characteristics
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
Receiver Reflectance1)
1)
Source wavelength is 1550nm, BIDI Tx and Rx is Off.
ORL
14
dB
Fiber Characteristics
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
Mode Field Diameter
8
9
10
µm
Cladding Diameter
123
125
127
µm
Mode Field/Cladding
Concentricity Error
1
µm
Cladding Non-circularity
2
%
Mode Field Non-circularity
6
nm
Jacket Diameter
0.8
1
mm
Bending Radius
30
mm
Tensile Strength Fiber Case
5
N
Lengthsee Figure 3
L
0.9
1.1
m
Figure3
Pigtail Length Description


Similar Part No. - V23870-A3132-C500

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23870-A2111-A100 INFINEON-V23870-A2111-A100 Datasheet
181Kb / 11P
   Bi-Directional Pigtail SFF Transceiver 155 Mb/s, 1310 nm Tx / 1310 nm Rx
JULY 2002
V23870-A2111-A200 INFINEON-V23870-A2111-A200 Datasheet
181Kb / 11P
   Bi-Directional Pigtail SFF Transceiver 155 Mb/s, 1310 nm Tx / 1310 nm Rx
JULY 2002
V23870-A2111-A500 INFINEON-V23870-A2111-A500 Datasheet
181Kb / 11P
   Bi-Directional Pigtail SFF Transceiver 155 Mb/s, 1310 nm Tx / 1310 nm Rx
JULY 2002
V23870-A2111-A600 INFINEON-V23870-A2111-A600 Datasheet
181Kb / 11P
   Bi-Directional Pigtail SFF Transceiver 155 Mb/s, 1310 nm Tx / 1310 nm Rx
JULY 2002
V23870-A2111-B100 INFINEON-V23870-A2111-B100 Datasheet
181Kb / 11P
   Bi-Directional Pigtail SFF Transceiver 155 Mb/s, 1310 nm Tx / 1310 nm Rx
JULY 2002
More results

Similar Description - V23870-A3132-C500

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23870-A2111-A100 INFINEON-V23870-A2111-A100 Datasheet
181Kb / 11P
   Bi-Directional Pigtail SFF Transceiver 155 Mb/s, 1310 nm Tx / 1310 nm Rx
JULY 2002
logo
Optoway Technology Inc
BTRS-3720G OPTOWAY-BTRS-3720G Datasheet
129Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3760G OPTOWAY-BTRS-3760G Datasheet
129Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3680G OPTOWAY-BTRS-3680G_09 Datasheet
129Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3740G OPTOWAY-BTRS-3740G_09 Datasheet
130Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3620G OPTOWAY-BTRS-3620G_09 Datasheet
129Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3660G OPTOWAY-BTRS-3660G_09 Datasheet
129Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3760G OPTOWAY-BTRS-3760G_09 Datasheet
130Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3780G OPTOWAY-BTRS-3780G_09 Datasheet
141Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3740G OPTOWAY-BTRS-3740G Datasheet
130Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com