Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1688 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP1688
Description  AC/DC, HIGH PF, HIGH EFFICIENCY, UNIVERSAL MAINS LED DRIVER CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1688 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP1688 Datasheet HTML 1Page - Diodes Incorporated AP1688 Datasheet HTML 2Page - Diodes Incorporated AP1688 Datasheet HTML 3Page - Diodes Incorporated AP1688 Datasheet HTML 4Page - Diodes Incorporated AP1688 Datasheet HTML 5Page - Diodes Incorporated AP1688 Datasheet HTML 6Page - Diodes Incorporated AP1688 Datasheet HTML 7Page - Diodes Incorporated AP1688 Datasheet HTML 8Page - Diodes Incorporated AP1688 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AP1688
Document number: DS36603 Rev. 2 - 2
2 of 10
www.diodes.com
February 2015
© Diodes Incorporated
AP1688
A Product Line of
Diodes Incorporated
Pin Descriptions
Pin Number
Pin Name
Function
1
NC
No connection
2
VS
Detects the negative terminal voltage of output.
3
VA
Detects the average value of the negative terminal voltage of output.
4
CS
Primary current sensing
5
FB
The feedback voltage sensing from the auxiliary winding
6
GND
Ground
7
OUT
Gate driver output
8
VCC
Supply voltage of gate driver and control circuits of the IC
Functional Block Diagram
VCC
OUT
CS
GND
FB
VS
Regulator
& Bias
S
RQ
ZCD
Detector
Input Current
Shaping and
Constant
Current Control
UVLO
OVP
pro
UVLO
-
+
COMP
ZCD
-
+
EA
0.1V
1.75V
Peak Current Control &
LEB
Driver
VA
R
S
Q CV_CTRL
4
5
2
3
6
7
8


Similar Part No. - AP1688

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP1680 BCDSEMI-AP1680 Datasheet
327Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
Diodes Incorporated
AP1680 DIODES-AP1680 Datasheet
327Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev. 1 - 0 Apr 2011
AP1680K6TR-G1 DIODES-AP1680K6TR-G1 Datasheet
327Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev. 1 - 0 Apr 2011
logo
BCD Semiconductor Manuf...
AP1681 BCDSEMI-AP1681 Datasheet
346Kb / 13P
   Off-line Primary Side Regulation Controller for Dimmable LED Driver
AP1681M-G1 BCDSEMI-AP1681M-G1 Datasheet
346Kb / 13P
   Off-line Primary Side Regulation Controller for Dimmable LED Driver
More results

Similar Description - AP1688

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1684 DIODES-AP1684 Datasheet
409Kb / 13P
   AC/DC, HIGH PF, HIGH EFFICIENCY LED DRIVER CONTROLLER
AP1684A DIODES-AP1684A Datasheet
435Kb / 13P
   AC/DC, HIGH PF, HIGH EFFICIENCY LED DRIVER CONTROLLER
August 2014 Rev. 1 - 2
AP1694 DIODES-AP1694 Datasheet
367Kb / 9P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
AP1694A DIODES-AP1694A Datasheet
474Kb / 15P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
AP1694AS DIODES-AP1694AS Datasheet
487Kb / 14P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
logo
AiT Semiconductor Inc.
A9910 AITSEMI-A9910 Datasheet
242Kb / 8P
   AC-DC LED DRIVER UNIVERSAL HIGH BRIGHTNESS LED DRIVER
REV1.0 - MAR 2013
logo
Integrated Silicon Solu...
IS31LT3932 ISSI-IS31LT3932 Datasheet
766Kb / 12P
   High PF universal LED Driver
logo
NXP Semiconductors
UM10570 PHILIPS-UM10570 Datasheet
140Kb / 11P
   SSL4101DB02 4-channel high-efficiency universal mains constant current LED driver demo board
Rev. 1-5 June 2012
logo
Intersil Corporation
ISL1903 INTERSIL-ISL1903 Datasheet
573Kb / 19P
   Dimmable Buck LED Driver - AC Mains or DC Input LED Driver
logo
Renesas Technology Corp
ISL1903 RENESAS-ISL1903 Datasheet
888Kb / 19P
   Dimmable Buck LED Driver - AC Mains or DC Input LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com