Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1694A Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP1694A
Description  OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1694A Datasheet(HTML) 1 Page - Diodes Incorporated

  AP1694A Datasheet HTML 1Page - Diodes Incorporated AP1694A Datasheet HTML 2Page - Diodes Incorporated AP1694A Datasheet HTML 3Page - Diodes Incorporated AP1694A Datasheet HTML 4Page - Diodes Incorporated AP1694A Datasheet HTML 5Page - Diodes Incorporated AP1694A Datasheet HTML 6Page - Diodes Incorporated AP1694A Datasheet HTML 7Page - Diodes Incorporated AP1694A Datasheet HTML 8Page - Diodes Incorporated AP1694A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AP1694A
Document number: DS37094 Rev. 1 - 2
1 of 15
www.diodes.com
May 2014
© Diodes Incorporated
AP1694A
A Product Line of
Diodes Incorporated
OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
Description
The AP1694A is a high performance AC/DC power factor corrector for
mains dimmable LED driver applications. The device uses Pulse
Frequency Modulation (PFM) technology to regulate output current
while achieving high power factor and low THD. It operates as a BCM
(Boundary Conduction Mode) controller which is good for EMI.
The AP1694A provides accurate constant current (CC) regulation
while removing the opto-coupler and secondary control circuitry. It
also eliminates the need of loop compensation circuitry while
maintaining stability. It can meet the requirement of IEC6100-3-2
harmonic standard.
The AP1694A features low start-up current, low operation current. It
adopts valley on switching mode to achieve high efficiency. It also has
rich protection features including over voltage, short circuit, over
temperature protection.
The AP1694A provides the dimmable LED driver with a wide dimmer
compatibility including leading edge and trailing edge dimmer. The
AP1694A can achieve deep dimming down to 1%, while the dimming
curve is compliant with the standard of NEMA SSL6.
The AP1694A is available in SO-8 package.
Pin Assignments
(Top View)
1
2
3
4
8
7
6
5
NC
RI
SGND
CS
FB
GND
OUT
VCC
SO-8
Features
Primary Side Control for Output Current Regulation without Opto-
coupler
Boundary Conduction Mode (BCM) Operation to Achieve High-
efficiency
High PF and Low THD (PF > 0.9, THD < 30%)
High Efficiency without Dimmer
Wide Range of Dimmer Compatibility
Dimming Curve Compliant with NEMA SSL6
Low Start-up Current
Tight LED Current
Tight LED Open Voltage
Valley-mode Switching to Minimize the Transition Loss
Mosfet driver up to 25W
Easy EMI
Internal Protections:
Under Voltage Lock Out(UVLO)
Leading-edge Blanking (LEB)
Output Short Protection
Output Open Protection
Over Temperature Protection
Flexible for Design with Small Form Factor and Very Low BOM
Cost
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Applications
Mains Dimmable LED Lighting
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AP1694A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1694AEV10 DIODES-AP1694AEV10 Datasheet
756Kb / 10P
   120VAC Triac Dimmable GU10 LED Driver
AP1694AEV11 DIODES-AP1694AEV11 Datasheet
854Kb / 10P
   230VAC Triac Dimmable GU10 LED Driver
AP1694AS DIODES-AP1694AS Datasheet
487Kb / 14P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
AP1694AS-13 DIODES-AP1694AS-13 Datasheet
487Kb / 14P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
More results

Similar Description - AP1694A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1694 DIODES-AP1694 Datasheet
367Kb / 9P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
AP1694AS DIODES-AP1694AS Datasheet
487Kb / 14P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
AP1695-20C DIODES-AP1695-20C Datasheet
423Kb / 15P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER IC
AP1695 DIODES-AP1695 Datasheet
442Kb / 15P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER IC
AP1685 DIODES-AP1685 Datasheet
428Kb / 14P
   OFFLINE, HIGH PF, HIGH EFFICIENCY LED DRIVER IC
AL1697 DIODES-AL1697 Datasheet
559Kb / 13P
   High PF, Offline Dimmable LED Driver with Internal High-Voltage MOSFET
AL1697 DIODES-AL1697_17 Datasheet
324Kb / 13P
   HIGH PF, OFFLINE DIMMABLE LED DRIVER WITH INTERNAL HIGH-VOLTAGE MOSFET
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
[Old version datasheet]   Triac Dimmable Offline LED Driver
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Diodes Incorporated
AL5892 DIODES-AL5892 Datasheet
657Kb / 11P
   OFFLINE DIMMABLE LINEAR LED DRIVER
Rev. 1 - 2 October 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com