Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1694MTR-G1 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP1694MTR-G1
Description  OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1694MTR-G1 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP1694MTR-G1 Datasheet HTML 1Page - Diodes Incorporated AP1694MTR-G1 Datasheet HTML 2Page - Diodes Incorporated AP1694MTR-G1 Datasheet HTML 3Page - Diodes Incorporated AP1694MTR-G1 Datasheet HTML 4Page - Diodes Incorporated AP1694MTR-G1 Datasheet HTML 5Page - Diodes Incorporated AP1694MTR-G1 Datasheet HTML 6Page - Diodes Incorporated AP1694MTR-G1 Datasheet HTML 7Page - Diodes Incorporated AP1694MTR-G1 Datasheet HTML 8Page - Diodes Incorporated AP1694MTR-G1 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AP1694
Document number: DS36522 Rev. 2 - 2
4 of 9
www.diodes.com
December 2013
© Diodes Incorporated
AP1694
A Product Line of
Diodes Incorporated
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCC
Power Supply Voltage
7
25
V
TA
Ambient Temperature
-40
+105
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
UVLO Section
VTH (ST)
Start-up Threshold
13
14.5
16
V
VOPR (Min)
Minimum Operating Voltage
After turn on
5.5
6.5
7.5
V
VCC_OVP
VCC OVP Voltage
27
29
31
V
VCC Delatch Voltage (Note 5)
3
4
5
V
Standby Current Section
IST
Start-up Current
VCC = VTH (ST) -0.5V,
Before start up
20
µA
ICC (OPR)
Operating Current
Static
900
1300
µA
Drive Output Section
IOUT
Output Current (Note 5)
VCS_PEAK = 1V
60
mA
VOS
UVLO Saturation Voltage
VCC = 0 to VCC-ON,
ISINK = 10mA
1.1
V
Current Sense Section
VCS_REF
Current Sense Reference
1
V
VCS_CLAMP
Current Sense Reference
Clamp
1.2
1.4
V
tONP_MIN
Minimum tONP
700
1000
ns
tD(H-L)
Delay to Output (Note 5)
50
150
250
ns
Feedback Input Section
IFB
Feedback Pin Input Leakage
Current
VFB = 2V
4
µA
VFB_CV
FB CV Threshold
3.8
4
4.2
V
VFB_OVP
FB OVP Threshold
4.5
6
7.5
V
Output Current
System Output Current On Final
Test Board
±2
%
Over Temperature Protection Section
Shutdown Temperature (Note 5)
+150
°C
Temperature Hysteresis (Note 5)
+20
°C
Note: 5. These parameters, although guaranteed by design, are not 100% tested in production.


Similar Part No. - AP1694MTR-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1694A DIODES-AP1694A Datasheet
474Kb / 15P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
AP1694AEV10 DIODES-AP1694AEV10 Datasheet
756Kb / 10P
   120VAC Triac Dimmable GU10 LED Driver
AP1694AEV11 DIODES-AP1694AEV11 Datasheet
854Kb / 10P
   230VAC Triac Dimmable GU10 LED Driver
AP1694AMTR-G1 DIODES-AP1694AMTR-G1 Datasheet
474Kb / 15P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
AP1694AS DIODES-AP1694AS Datasheet
487Kb / 14P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
More results

Similar Description - AP1694MTR-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1694A DIODES-AP1694A Datasheet
474Kb / 15P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
AP1694AS DIODES-AP1694AS Datasheet
487Kb / 14P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
AP1695-20C DIODES-AP1695-20C Datasheet
423Kb / 15P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER IC
AP1695 DIODES-AP1695 Datasheet
442Kb / 15P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER IC
AP1685 DIODES-AP1685 Datasheet
428Kb / 14P
   OFFLINE, HIGH PF, HIGH EFFICIENCY LED DRIVER IC
AL1697 DIODES-AL1697 Datasheet
559Kb / 13P
   High PF, Offline Dimmable LED Driver with Internal High-Voltage MOSFET
AL1697 DIODES-AL1697_17 Datasheet
324Kb / 13P
   HIGH PF, OFFLINE DIMMABLE LED DRIVER WITH INTERNAL HIGH-VOLTAGE MOSFET
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
[Old version datasheet]   Triac Dimmable Offline LED Driver
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Diodes Incorporated
AL5892 DIODES-AL5892 Datasheet
657Kb / 11P
   OFFLINE DIMMABLE LINEAR LED DRIVER
Rev. 1 - 2 October 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com