Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3410BK-G1 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AP3410BK-G1
Description  1.5MHz Synchronous Step-down DC-DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3410BK-G1 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3410BK-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3410BK-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3410BK-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3410BK-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3410BK-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3410BK-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3410BK-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3410BK-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3410BK-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
reliminary Datasheet
P
1.5MHz Synchronous Step-down DC-DC Converter
AP3410B
Jun. 2013
Rev. 1. 0
BCD Semiconductor Manufacturing Limited
7
Typical Performance Characteristics
VIN=5V, TA=25°C, unless otherwise noted.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
40
45
50
55
60
65
70
75
80
85
90
95
100
Output Current (A)
V
IN
=5.0V
V
OUT
=1.0V
V
OUT
=1.2V
V
OUT
=1.8V
V
OUT
=2.5V
V
OUT
=3.3V
-40
-20
0
20
40
60
80
100
120
140
0.50
0.52
0.54
0.56
0.58
0.60
0.62
0.64
0.66
0.68
0.70
Temperature (
oC)
V
IN
=5.0V
Figure 4. Efficiency vs. Output Current
Figure 5. Regulated Feedback Voltage vs. Temperature
VOUT_AC
10mV/div
VOUT_AC
10mV/div
VSW
2V/div
VSW
2V/div
IL
1A/div
IL
500mA/div
Time 400ns/div
Time 800
μs/div
Figure 6. Output Ripple (IOUT=0A)
Figure 7. Output Ripple (IOUT=1.2A)


Similar Part No. - AP3410BK-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3410 BCDSEMI-AP3410 Datasheet
778Kb / 11P
   1.5MHz Synchronous Step-down DC-DC Converter
More results

Similar Description - AP3410BK-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3410 BCDSEMI-AP3410 Datasheet
778Kb / 11P
   1.5MHz Synchronous Step-down DC-DC Converter
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
ams AG
AS1335 AMSCO-AS1335_05 Datasheet
2Mb / 19P
   1.5A, 1.5MHz, Synchronous DC/DC Step-Down Converter
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500_16 Datasheet
450Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
E-CMOS Corporation
EC3207 E-CMOS-EC3207 Datasheet
376Kb / 4P
   1.5MHz,1.4A, Synchronous Step Down DC/DC Converter
logo
Union Semiconductor, In...
UM3510 UNIONSEMI-UM3510 Datasheet
221Kb / 10P
   1.0A, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
Princeton Technology Co...
RS8407 PTC-RS8407 Datasheet
332Kb / 4P
   1.5MHz, 2A, Synchronous Step-Down DC/DC Converter
RS8408 PTC-RS8408 Datasheet
239Kb / 3P
   1.5MHz, 2A, Synchronous Step-Down DC/DC Converter
logo
E-CMOS Corporation
EC3202S E-CMOS-EC3202S Datasheet
610Kb / 9P
   2A, 1.5MHz, Synchronous Step Down DC/DC Converter
EC3201S E-CMOS-EC3201S Datasheet
653Kb / 9P
   1A, 1.5MHz, Synchronous Step Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com