Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ34063UM-G1 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AZ34063UM-G1
Description  1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ34063UM-G1 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ34063UM-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ34063UM-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ34063UM-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ34063UM-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ34063UM-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ34063UM-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ34063UM-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ34063UM-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ34063UM-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063U
6
Jan. 2013 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Data Sheet
Figure 4. Output Switch On-Off Time vs.
Figure 5. Timing Capacitor Waveform
Typical Performance Characteristics
Oscillator Timing Capacitor
IC output
≥ 10
Forced
β of output switch:
* The 100
Ω resistor in the emitter of the driver device requires about 7.0 mA before the output switch conducts.
ICdriver - 7.0mA*
Time 20
μs/DIV
Pin 1,5,8=open
CT=1.0nF
TA=25oC
VCC=5.0V
VPIN7=VCC
VPIN2=GND
Figure 6. Oscillator Frequency vs.Timing Capacitor
Figure 7. Standard Supply Current vs. Supply Voltage
Electrical Characteristics (Continued)
0
5
10
15
20
25
30
35
40
0.5
1.0
1.5
2.0
2.5
3.0
3.5
C
T=1.0nF
V
PIN7=VCC
V
PIN2=GND
V
CC Supply Voltage (V)
0.1
1
10
100
1
10
100
1000
t
off
t
on
V
CC=5.0V
V
PIN7=VCC
V
PIN5=GND
T
A=25
OC
C
T Oscillator Timing Capacitor (nF)
(
VCC=5.0V, TA=25oC, unless otherwise specified.)
0.1
1
10
100
1
10
100
C
T Timing Capacitor (nF)
V
CC=5.0V
V
PIN7=VCC
V
PIN5=GND
T
A=25
OC


Similar Part No. - AZ34063UM-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZ34063UMTR-G1 DIODES-AZ34063UMTR-G1 Datasheet
501Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
Rev. 1 - 2 July 2021
More results

Similar Description - AZ34063UM-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ34063A BCDSEMI-AZ34063A Datasheet
215Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
List of Unclassifed Man...
AZ34063A ETC1-AZ34063A Datasheet
211Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
Diodes Incorporated
AZ34063U DIODES-AZ34063U Datasheet
501Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
Rev. 1 - 2 July 2021
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C_11 Datasheet
436Kb / 10P
   Step Down / Step Up / Inverting DC-DC Converter
MC34063C HTC-MC34063C_08 Datasheet
306Kb / 9P
   0.8A Step Down / Step Up / Inverting DC-DC Converter
logo
BCD Semiconductor Manuf...
AZ34063C BCDSEMI-AZ34063C Datasheet
298Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063D BCDSEMI-AZ34063D Datasheet
812Kb / 14P
   1A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
List of Unclassifed Man...
AZ34063C ETC1-AZ34063C Datasheet
207Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063 ETC1-AZ34063 Datasheet
186Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C Datasheet
160Kb / 9P
   0.8A Step Down / Step Up / Inverting DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com