Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM99100BD Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PAM99100BD
Description  UNIVERSAL HIGH BRIGHTNESS LED DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM99100BD Datasheet(HTML) 1 Page - Diodes Incorporated

  PAM99100BD Datasheet HTML 1Page - Diodes Incorporated PAM99100BD Datasheet HTML 2Page - Diodes Incorporated PAM99100BD Datasheet HTML 3Page - Diodes Incorporated PAM99100BD Datasheet HTML 4Page - Diodes Incorporated PAM99100BD Datasheet HTML 5Page - Diodes Incorporated PAM99100BD Datasheet HTML 6Page - Diodes Incorporated PAM99100BD Datasheet HTML 7Page - Diodes Incorporated PAM99100BD Datasheet HTML 8Page - Diodes Incorporated PAM99100BD Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PAM99700
Document number: DSxxxxx Rev. 1 - 1
1 of 12
www.diodes.com
October 2012
© Diodes Incorporated
PAM99700
A Product Line of
Diodes Incorporated
UNIVERSAL HIGH BRIGHTNESS LED DRIVER
Description
The PAM99700 is an open loop current mode control LED driver IC.
The PAM99700 can be programmed to operate in either a constant
frequency or constant off-time mode. It includes a 12 - 500V regulator
which allows it to work from a wide range of input voltages without the
need for an external low voltage supply. The PAM99700 includes a
PWM dimming input that can accept an external control signal with a
duty ratio of 0 - 100% and a frequency of up to a few kilohertz. It also
includes a 0 - 250mV linear dimming input which can be used for
linear dimming of the LED current.
The PAM99700 is ideally suited for buck LED drivers. Since the
PAM99700 operates in open loop current mode control, the controller
achieves good output current regulation without the need for any loop
compensation. PWM dimming response is limited only by the rate of
rise and fall of the inductor current, enabling very fast rise and fall
times. The PAM99700 requires only three external components (apart
from the power stage) to produce a controlled LED current making it
an ideal solution for low cost LED drivers.
Features
Switch Mode Controller for Single Switch LED Drivers
Open Loop Peak Current Controller
Constant Frequency or Constant Off-Time Operation
Linear and PWM Dimming Capability
Requires Few External Components for Operation
Application From a Few mA to More than 1A Output
Pin Assignments
Applications
DC/DC or AC/DC LED Driver Applications
RGB Backlighting LED Driver
Back Lighting of Flat Panel Displays
General Purpose Constant Current Source
Signage and Decorative LED Lighting


Similar Part No. - PAM99100BD

ManufacturerPart #DatasheetDescription
logo
Altech corporation
PAM ALTECH-PAM Datasheet
285Kb / 1P
   Padlock for 30 mm mushroom actuator
logo
Gamewell-FCI by Honeywe...
PAM-1 GAMEWELL-FCI-PAM-1 Datasheet
53Kb / 2P
   Ionization Detector
PAM-1 GAMEWELL-FCI-PAM-1 Datasheet
90Kb / 2P
   Photoelectronic detector
PAM-1 GAMEWELL-FCI-PAM-1 Datasheet
60Kb / 2P
   Photoelectronic Detector
logo
Protek Devices
PAM01SC7905C PROTEC-PAM01SC7905C Datasheet
448Kb / 6P
   ultra LOW CAPACITANCE TVS ARRAY
More results

Similar Description - PAM99100BD

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV9910V MICROCHIP-HV9910V Datasheet
375Kb / 15P
   Universal High-Brightness LED Driver
01/27/15
logo
Supertex, Inc
HV9910 SUTEX-HV9910_07 Datasheet
578Kb / 8P
   Universal High Brightness LED Driver
logo
Microchip Technology
HV9910C MICROCHIP-HV9910C Datasheet
363Kb / 18P
   Universal High-Brightness LED Driver
03/25/14
logo
Bookly Micro electronic
BM0550HV BOOKLY-BM0550HV Datasheet
218Kb / 5P
   Universal High Brightness LED Driver
logo
Integrated Silicon Solu...
IS31LT3910 ISSI-IS31LT3910 Datasheet
290Kb / 8P
   UNIVERSAL HIGH BRIGHTNESS LED DRIVER
logo
SYNC POWER Crop.
SP6801 SYNC-POWER-SP6801 Datasheet
98Kb / 6P
   Universal High Brightness LED Driver
logo
Supertex, Inc
HV9910B SUTEX-HV9910B Datasheet
740Kb / 8P
   Universal High Brightness LED Driver
logo
Cystech Electonics Corp...
HV9910Q8 CYSTEKEC-HV9910Q8 Datasheet
230Kb / 7P
   Universal High Brightness LED Driver
logo
Supertex, Inc
HV9910 SUTEX-HV9910 Datasheet
442Kb / 11P
   Universal High Brightness LED Driver
logo
First Silicon Co., Ltd
FC9910B FS-FC9910B Datasheet
600Kb / 10P
   Universal High Brightness LED Driver
logo
SHOUDING Shouding Semic...
SD3390B SHOUDING-SD3390B Datasheet
1Mb / 4P
   UNIVERSAL HIGH BRIGHTNESS LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com