Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSN043D-2R7M Datasheet(PDF) 1 Page - Frontier Electronics.

Part # CSN043D-2R7M
Description  SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CSN043D-2R7M Datasheet(HTML) 1 Page - Frontier Electronics.

  CSN043D-2R7M Datasheet HTML 1Page - Frontier Electronics. CSN043D-2R7M Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSN043D Series
SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
Rev. A
A. Electrical Specifications:
P/N
Marking
Inductance
(μH)
Test Freq.
(KHz)
DCR Max.
(Ω)
Rated Current
(A)
CSN043D-1R0M
1R0
1.0
100
0.0487
2.56
CSN043D-1R4M
1R4
1.4
100
0.0562
2.52
CSN043D-1R8M
1R8
1.8
100
0.0637
1.95
CSN043D-2R2M
2R2
2.2
100
0.0712
1.75
CSN043D-2R7M
2R7
2.7
100
0.0787
1.58
CSN043D-3R3M
3R3
3.3
100
0.0862
1.44
CSN043D-3R9M
3R9
3.9
100
0.0937
1.33
CSN043D-4R7M
4R7
4.7
100
0.1087
1.15
CSN043D-5R6M
5R6
5.6
100
0.1257
0.99
CSN043D-6R8M
6R8
6.8
100
0.1312
0.95
CSN043D-8R2M
8R2
8.2
100
0.1462
0.84
CSN043D-100M
100
10
100
0.182
1.04
CSN043D-120M
120
12
100
0.210
0.97
CSN043D-150M
150
15
100
0.235
0.85
CSN043D-180M
180
18
100
0.338
0.74
CSN043D-220M
220
22
100
0.378
0.68
CSN043D-270M
270
27
100
0.522
0.62
CSN043D-330K
330
33
100
0.540
0.56
CSN043D-390K
390
39
100
0.587
0.52
CSN043D-470K
470
47
100
0.844
0.44
CSN043D-560K
560
56
100
0.937
0.42
CSN043D-680K
680
68
100
1.117
0.37
CSN043D-331K
331
330
10
3.350
0.10
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
CSN043D
4.0
(0.157)
4.5
(0.177)
3.2
(0.126)
1.2
(0.047)
4.5
(0.177)
1.5
(0.059)
1.75
(0.069)
Tol.
±0.3
(0.012)
±0.3
(0.012)
±0.3
(0.012)
Typ.
Typ.
Typ.
Typ.
C. General Information:
1. CSN043D-xxx_, “CSN043D” = P/N, “xxx” = Inductance, “_” = Tolerance.
2. Tolerance “_”: M: ± 20%, L= ± 15%, K = ±10%.
3. Operating temperature range: -30ºC to +100ºC (Including self-heating).
4. Storage temperature: -40ºC to +85ºC.
5. Inductance measured using the HP4284A and Chroma1320 & 3302.
6. DCR measured using Chroma 16502 milliohm meter.
7. Inductance drop no mo
re than 10% of initial value at rated current, temperature rise ∆t < 40ºC.
8. Inductance and Current range: From 1.0 µH (2.56A) to 330.0 µH (0.10A).
9. MSL: Level 1.
D. Applications:
1. Game Consoles
2. Set Top Boxes
3. Cables Modems
4. Computers
5. Mobile Communication Devices (Cell Phones, Radios etc.)
6. PDA, LCD, DVD, BRP, HD
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - CSN043D-2R7M

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSN043D FRONTIER-CSN043D Datasheet
121Kb / 5P
   Tape and Reel Specifications
CSN043D100M FRONTIER-CSN043D100M Datasheet
273Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN043D120M FRONTIER-CSN043D120M Datasheet
273Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN043D150M FRONTIER-CSN043D150M Datasheet
273Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN043D180M FRONTIER-CSN043D180M Datasheet
273Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
More results

Similar Description - CSN043D-2R7M

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSN032D-1R0M FRONTIER-CSN032D-1R0M Datasheet
192Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN054D-1R0M FRONTIER-CSN054D-1R0M Datasheet
275Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN043D FRONTIER-CSN043D_15 Datasheet
273Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN054D FRONTIER-CSN054D_15 Datasheet
275Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN075D FRONTIER-CSN075D_15 Datasheet
243Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN105D FRONTIER-CSN105D_15 Datasheet
193Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN105D-100M FRONTIER-CSN105D-100M Datasheet
193Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN073F FRONTIER-CSN073F_15 Datasheet
229Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN084F FRONTIER-CSN084F_15 Datasheet
169Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN073D-100M FRONTIER-CSN073D-100M Datasheet
239Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN104D-100M FRONTIER-CSN104D-100M Datasheet
190Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com