Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSN073D-180M Datasheet(PDF) 1 Page - Frontier Electronics.

Part # CSN073D-180M
Description  SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CSN073D-180M Datasheet(HTML) 1 Page - Frontier Electronics.

  CSN073D-180M Datasheet HTML 1Page - Frontier Electronics. CSN073D-180M Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSN073D Series
SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
Rev. A
A. Electrical Specifications:
P/N
Marking
Inductance
(μH)
Test Freq.
(KHz)
DCR Max.
(Ω)
Rated Current
(A)
CSN073D-100M
100
10
100
0.0803
1.44
CSN073D-120M
120
12
100
0.0897
1.39
CSN073D-150M
150
15
100
0.104
1.24
CSN073D-180M
180
18
100
0.111
1.12
CSN073D-220M
220
22
100
0.129
1.07
CSN073D-270M
270
27
100
0.153
0.94
CSN073D-330M
330
33
100
0.170
0.85
CSN073D-390M
390
39
100
0.217
0.74
CSN073D-470M
470
47
100
0.252
0.68
CSN073D-560K
560
56
100
0.282
0.64
CSN073D-680K
680
68
100
0.332
0.59
CSN073D-820K
820
82
100
0.406
0.54
CSN073D-101K
101
100
10
0.481
0.51
CSN073D-121K
121
120
10
0.536
0.49
CSN073D-151K
151
150
10
0.755
0.40
CSN073D-181K
181
180
10
1.022
0.36
CSN073D-221K
221
220
10
1.200
0.31
CSN073D-271K
271
270
10
1.306
0.29
CSN073D-331K
331
330
10
1.495
0.28
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
CSN073D
7.0
(0.276)
7.8
(0.307)
3.5
(0.138)
1.6
(0.063)
7.5
(0.295)
2.0
(0.079)
3.0
(0.118)
Tol.
±0.3
(0.012)
±0.3
(0.012)
±0.5
(0.020)
Typ.
Typ.
Typ.
Typ.
C. General Information:
1. CSN073D-xxx_, “CSN073D” = P/N, “xxx” = Inductance, “_” = Tolerance.
2. Tolerance “_”: M: ± 20%, L= ± 15%, K = ±10%.
3. Operating temperature range: -30ºC to +100ºC (Including self-heating).
4. Storage temperature: -40ºC to +85ºC.
5. Inductance measured using the HP4284A and Chroma1320 & 3302.
6. DCR measured using Chroma 16502 milliohm meter.
7.
Inductance drop no more than 10% of initial value at rated current, temperature rise ∆t < 40ºC.
8. Inductance and Current range: From 10.0 µH (1.44A) to 330.0 µH (0.28A).
9. MSL: Level 1.
D. Applications:
1. Game Consoles
2. Set Top Boxes
3. Cables Modems
4. Computers
5. Mobile Communication Devices (Cell Phones, Radios, etc.)
6. PDA, LCD, DVD, BRP, HD
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - CSN073D-180M

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSN073D FRONTIER-CSN073D Datasheet
121Kb / 5P
   Tape and Reel Specifications
CSN073D100M FRONTIER-CSN073D100M Datasheet
239Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN073D101K FRONTIER-CSN073D101K Datasheet
239Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN073D120M FRONTIER-CSN073D120M Datasheet
239Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN073D121K FRONTIER-CSN073D121K Datasheet
239Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
More results

Similar Description - CSN073D-180M

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSN032D-1R0M FRONTIER-CSN032D-1R0M Datasheet
192Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN054D-1R0M FRONTIER-CSN054D-1R0M Datasheet
275Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN043D FRONTIER-CSN043D_15 Datasheet
273Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN054D FRONTIER-CSN054D_15 Datasheet
275Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN075D FRONTIER-CSN075D_15 Datasheet
243Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN105D FRONTIER-CSN105D_15 Datasheet
193Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN105D-100M FRONTIER-CSN105D-100M Datasheet
193Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN073F FRONTIER-CSN073F_15 Datasheet
229Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN084F FRONTIER-CSN084F_15 Datasheet
169Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN104D-100M FRONTIER-CSN104D-100M Datasheet
190Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com