Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FH10M-24 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # FH10M-24
Description  HIGH VOLTAGE FAST RECOVERY AIR CLEANER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

FH10M-24 Datasheet(HTML) 1 Page - Frontier Electronics.

  FH10M-24 Datasheet HTML 1Page - Frontier Electronics. FH10M-24 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FH10M-08 THRU FH10M-24 SPECIFICATIONS
Rev. A
Frontier Electronics Corp.®
http://frontierusa.com/
1
667 E. Cochran St., Simi Valley, CA 93065
Phone: 1-805-522-9998, Fax: 1-805-522-9989
1.
2. DESIGNED FOR AIR CLEANER APPLICATION
3. TYPICAL IR LESS THAN 1uA
4. LOW FORWARD VOLTAGE DROP
5. HIGH SURGE CURRENT CAPABILITY
6. CASE: FH TRANSFER MOLDED
7. DIMENSIONS IN INCHES AND (MILLIMETERS)
8. POLARITY: INDICATED BY CATHODE BAND
9. WEIGHT: 2.4 GRAMS
10. LEADS: SOLDERABILITY PER MIL-STD-202 METHOD 208
11. RoHS
FH10M-24
24000
16800
24000
85
FH10M-16
16000
11200
16000
60
FH10M-20
20000
14000
20000
75
FH10M-10
10000
7000
10000
36
FH10M-12
12000
8400
12000
45
PART NUMBER
MAX RECURRENT PK
REV VOLTAGE VRRM (V)
MAX RMS VOLTAGE VRMS (V)
MAX DC BLOCKING
VOLTAGE VDC (V)
MAX FWD VOLTAGE VF
(V)
FH10M-08
8000
5600
8000
30
2. MAXIMUM FORWARD VOLTAGE @ Io
TYPICAL JUNCTION CAPACITANCE
CJ
1
pF
MAXIMUM REVERSE CURRENT @ 25°C
IR
5
uA
MAXIMUM REVERSE RECOVERY TIME (NOTE1)
TRR
100
nS
1. REVERSE RECOVERY TIME TEST CONDITIONS, IF=2.0mA, VR 18/24V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
IO
0.01
A
PEAK FWD SURGE CURRENT
IFSM
0.5
A
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25°C AMBIENT TEMPERATURE UNLESS OTHERWISE
SPECIFIED STORAGE AND OPERATING TEMPERATURE RANGE -55°C TO +135°C. SINGLE PHASE, HALF WAVE, 60 HZ,
RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%.
RATINGS
SYMBOL
VALUE
UNITS
HIGH VOLTAGE FAST RECOVERY AIR CLEANER RECTIFIER
PRODUCT FEATURES
FLAMMABILITY CLASSIFICATION: 94V-0


Similar Part No. - FH10M-24

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FH10M-24 FRONTIER-FH10M-24 Datasheet
113Kb / 1P
   HIGH VOLTAGE FAST RECOVERY AIR CLEANER RECTIFIER
More results

Similar Description - FH10M-24

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FH10M-08 FRONTIER-FH10M-08 Datasheet
113Kb / 1P
   HIGH VOLTAGE FAST RECOVERY AIR CLEANER RECTIFIER
logo
Shenzhen Luguang Electr...
R1200F LUGUANG-R1200F Datasheet
246Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Frontier Electronics.
FR02-25 FRONTIER-FR02-25 Datasheet
129Kb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
FV5M-04-LFR FRONTIER-FV5M-04-LFR Datasheet
122Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Solid States Devices, I...
RC0100 SSDI-RC0100_15 Datasheet
30Kb / 1P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Frontier Electronics.
FR05-10 FRONTIER-FR05-10_16 Datasheet
1Mb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
GP05-10 FRONTIER-GP05-10_16 Datasheet
1Mb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Rectron Semiconductor
HFM1600 RECTRON-HFM1600 Datasheet
102Kb / 5P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
GOOD-ARK Electronics
R1200F GOOD-ARK-R1200F Datasheet
39Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Shanghai Shunye Electro...
R2500F SY-R2500F Datasheet
234Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com