Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSN054D-560K Datasheet(PDF) 1 Page - Frontier Electronics.

Part # CSN054D-560K
Description  SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CSN054D-560K Datasheet(HTML) 1 Page - Frontier Electronics.

  CSN054D-560K Datasheet HTML 1Page - Frontier Electronics. CSN054D-560K Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSN054D Series
SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
Rev. A
A. Electrical Specifications:
P/N
Marking
Inductance
(μH)
Test Freq.
(KHz)
DCR Max.
(Ω)
Rated Current
(A)
CSN054D-1R0M
1R0
1.0
100
0.015
4.00
CSN054D-1R9M
1R9
1.9
100
0.039
3.00
CSN054D-2R2M
2R2
2.2
100
0.020
4.00
CSN054D-3R3M
3R3
3.3
100
0.021
3.00
CSN054D-4R7M
4R7
4.7
100
0.028
2.00
CSN054D-6R8M
6R8
6.8
100
0.042
2.00
CSN054D-100M
100
10
100
0.10
1.44
CSN054D-120M
120
12
100
0.12
1.40
CSN054D-150M
150
15
100
0.14
1.30
CSN054D-180M
180
18
100
0.15
1.23
CSN054D-220M
220
22
100
0.18
1.11
CSN054D-270M
270
27
100
0.20
0.97
CSN054D-330L
330
33
100
0.23
0.88
CSN054D-390L
390
39
100
0.32
0.80
CSN054D-470L
470
47
100
0.37
0.72
CSN054D-560K
560
56
100
0.42
0.68
CSN054D-680K
680
68
100
0.46
0.61
CSN054D-820K
820
82
100
0.60
0.58
CSN054D-101K
101
100
10
0.70
0.52
CSN054D-121K
121
120
10
0.93
0.48
CSN054D-151K
151
150
10
1.10
0.40
CSN054D-181K
181
180
10
1.38
0.38
CSN054D-221K
221
220
10
1.57
0.35
CSN054D-271K
271
270
10
1.85
0.30
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
CSN054D
5.2
(0.205)
5.8
(0.228)
4.5
(0.177)
1.5
(0.059)
5.5
(0.217)
1.7
(0.067)
2.15
(0.085)
Tol.
±0.3
(0.012)
±0.3
(0.012)
±0.35
(0.014)
Typ.
Typ.
Typ.
Typ.
C. General Information:
1. CSN054D-xxx_, “CSN054D” = P/N, “xxx” = Inductance, “_” = Tolerance.
2. Tolerance “_”: M: ± 20%, L= ± 15%, K = ±10%.
3. Operating temperature range: -30ºC to +100ºC (Including self-heating).
4. Storage temperature: -40ºC to +85ºC.
5. Inductance measured using the HP4284A and Chroma1320 & 3302.
6. DCR measured using Chroma 16502 milliohm meter.
7. Inductance drop no mo
re than 10% of initial value at rated current, temperature rise ∆t < 40ºC.
8. Inductance and Current range: From 1.0 µH (4.00A) to 270.0 µH (0.30A).
9. MSL: Level 1.
D. Applications:
1. Game Consoles
2. Set Top Boxes
3. Cables Modems
4. Computers
5. Mobile Communication Devices (Cell Phones, Radios, etc.)
6. PDA, LCD, DVD, BRP, HD
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - CSN054D-560K

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSN054D FRONTIER-CSN054D Datasheet
121Kb / 5P
   Tape and Reel Specifications
CSN054D100M FRONTIER-CSN054D100M Datasheet
275Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN054D101K FRONTIER-CSN054D101K Datasheet
275Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN054D120M FRONTIER-CSN054D120M Datasheet
275Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN054D121K FRONTIER-CSN054D121K Datasheet
275Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
More results

Similar Description - CSN054D-560K

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSN032D-1R0M FRONTIER-CSN032D-1R0M Datasheet
192Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN043D FRONTIER-CSN043D_15 Datasheet
273Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN054D FRONTIER-CSN054D_15 Datasheet
275Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN075D FRONTIER-CSN075D_15 Datasheet
243Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN105D FRONTIER-CSN105D_15 Datasheet
193Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN105D-100M FRONTIER-CSN105D-100M Datasheet
193Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN073F FRONTIER-CSN073F_15 Datasheet
229Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN084F FRONTIER-CSN084F_15 Datasheet
169Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN073D-100M FRONTIER-CSN073D-100M Datasheet
239Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN104D-100M FRONTIER-CSN104D-100M Datasheet
190Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com